Part Number Hot Search : 
RFACEB CS553009 M810T CA3088 RS404M 000X1 MDC03 4ACT2
Product Description
Full Text Search
 

To Download BTB7150N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c661n3 issued date : 2009.11.11 revised date : page no. : 1/6 BTB7150N3 cystek product specification high current pnp digital tran sistors (built-in resistors ) BTB7150N3 features ? built-in bias resistors enable the configuration of an inverter circu it without connecting external input resistors (see equi valent circuit). ? the bias resistors consist of thin -film resistors with complete isolat ion to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. ? pb-free & halogen-free package equivalent circuit outline BTB7150N3 r1=0.4k , r2=10 k in(b) : base out(c) : collector gnd(e) : emitter sot-23 absolute maximum ratings (ta=25 c) parameter symbol limits unit collector base breakdown voltage bv cbo -30 v collector emitter breakdown voltage bv ceo -30 v input voltage v in -20~+10 v i c -5 a collector current i cp -7 a power dissipation pd 225 mw junction temperature tj 150 c storage temperature tstg -55~+150 c
cystech electronics corp. spec. no. : c661n3 issued date : 2009.11.11 revised date : page no. : 2/6 BTB7150N3 cystek product specification electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit test conditions collector base cutoff current i cbo - - -100 na v cb =-30v, i e =0a collector emitter cutoff current i ceo - - -100 na v ce =-30v, i b =0a emitter base cutoff current i ebo - - -0.6 ma v eb =-5v 120 - - - v ce =-2v, i c =-100ma 140 - - - v ce =-2v, i c =-1a dc current gain h fe 100 - - - v ce =-2v, i c =-4a - -0.25 -0.35 v i c =-1a, i b =-5ma - -0.34 -0.5 v i c =-2a, i b =-20ma collector emitter saturation voltage v ce(sat) - -0.53 -0.7 v i c =-3a, i b =-30ma input resistance r 1 280 400 520 - bias resistance r 2 7 10 13 k - transition frequency f t 100 - - mhz v ce =-10v, i e =-500ma, f=100mhz ordering information device package shipping BTB7150N3 sot-23 (pb-free & halogen-free package) 3000 pcs / tape & reel
cystech electronics corp. spec. no. : c661n3 issued date : 2009.11.11 revised date : page no. : 3/6 BTB7150N3 cystek product specification characteristic curves current gain vs collector current 10 100 1000 1 10 100 1000 10000 collector current---ic(ma) current gain---hfe vce=1v vce=2v vce=5v saturation voltage vs collector current 10 100 1000 10000 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) vcesat@ic=100ib vcesat@ic=200ib saturation voltage vs collector current 10 100 1000 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) ib=20ma vcesat ib=2ma ib=5ma ib=10ma on voltage vs collector current 100 1000 10000 100000 1 10 100 1000 10000 collector current---ic(ma) on voltage---(mv) vce=2v power derating curve 0 50 100 150 200 250 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(w)
cystech electronics corp. spec. no. : c661n3 issued date : 2009.11.11 revised date : page no. : 4/6 BTB7150N3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c661n3 issued date : 2009.11.11 revised date : page no. : 5/6 BTB7150N3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c661n3 issued date : 2009.11.11 revised date : page no. : 6/6 BTB7150N3 cystek product specification sot-23 dimension *:typical inches h j k d a l g v c b 3 2 1 s style : pin 1.base 2.emitter 3.collector 3-lead sot-23 plastic surface mounted package cystek package code: n3 marking: an xx device code date code millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.1204 2.80 3.04 j 0.0034 0.0070 0.085 0.177 b 0.0472 0.0630 1.20 1.60 k 0.0128 0.0266 0.32 0.67 c 0.0335 0.0512 0.89 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0830 0.1083 2.10 2.75 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h 0.0005 0.0040 0.013 0.10 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cysrek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTB7150N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X