Part Number Hot Search : 
TA0245A 4707NT1 40000 5KE11A 3S4YR M204SD GC1512 DSR1AS1A
Product Description
Full Text Search
 

To Download B65857A0100A038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a~~=p a~~=p  epcos ag 2016. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos? prior express consent is prohibited.   epcos ag is a tdk group company. ferrites and accessories epx 7/9  core and accessories series/type: b65857a date: february 2016
2 02/16 please read cautions and warnings and  important notes at the end of this document. for xdsl line transformer foot print of ep7 height of ep13 optimized design for low distortion delivery mode: sets magnetic characteristics (per set) 6 l / a = 0.91 mm ?1  l e = 15.7 mm  a e = 17.2 mm 2  a min = 13.9 mm 2  v e = 270 mm 3 approx. weight 2.8 g/set gapped material a l value   nh s  approx.  mm p e ordering code t38 63 r 3% 0.35 46 b65857a0063a038 100 r 3% 0.22 73 B65857A0100A038 160 r 4% 0.14 116 b65857a0160b038 200 r 4% 0.11 145 b65857a0200b038 250 r 5% 0.09 182 b65857a0250j038 315 r 6% 0.06 229 b65857a0315c038 400 r 7% 0.05 291 b65857a0400e038 t57 63 r 3% 0.35 46 b65857a0063a057 100 r 3% 0.22 73 b65857a0100a057 160 r 4% 0.14 116 b65857a0160b057 200 r 4% 0.11 145 b65857a0200b057 250 r 5% 0.09 182 b65857a0250j057 315 r 6% 0.06 229 b65857a0315c057 400 r 7% 0.05 291 b65857a0400e057 t66 63 r 3% 0.35 46 b65857a0063a066 100 r 3% 0.22 73 b65857a0100a066 160 r 4% 0.14 116 b65857a0160b066 200 r 4% 0.11 145 b65857a0200b066 250 r 5% 0.09 182 b65857a0250j066 315 r 6% 0.06 229 b65857a0315c066 400 r 7% 0.05 291 b65857a0400e066 b65857a core epx 7/9
3 02/16 please read cautions and warnings and  important notes at the end of this document. gapped ungapped material a l value   nh s  approx.  mm p e ordering code n45 63 r 3% 0.35 46 b65857a0063a045 100 r 3% 0.22 73 b65857a0100a045 160 r 4% 0.14 116 b65857a0160b045 200 r 4% 0.11 145 b65857a0200b045 250 r 5% 0.09 182 b65857a0250j045 315 r 6% 0.06 229 b65857a0315c045 400 r 7% 0.05 291 b65857a0400e045 material a l value  nh p e ordering code n45 2500 +30/?20% 1820 b65857a0000r045 t57 2600 +30/?20% 1890 b65857a0000r057 t38 9000 +40/?30% 6540 b65857a0000y038 t66 10500 +40/?30% 7630 b65857a0000y066 b65857a core epx 7/9
4 02/16 please read cautions and warnings and  important notes at the end of this document. mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. since ferrites are ceramic materials one has to be aware of the special behavior under mechanical load. as valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially high cooling rates under ultrasonic cleaning and high static or cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see chapter ?definitions? , section 8.1. effects of core combination on a l value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower is the value for the initial permeability. thus the embedding medium should have the greatest possible elasticity. for detailed information see chapter ?definitions? , section 8.2. heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can change irreversible in high magnetic fields. processing notes ? the start of the winding process should be soft. else the flanges may be destroyed. ? too strong winding forces may blast the flanges or squeeze the tube that the cores can not be mounted any more. ? too long soldering time at high temperature (>300 c) may effect coplanarity or pin arrange- ment. ? not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of pollution with sn oxyd of the tin bath or burned insulation of the wire. for detailed information see chapter ?processing notes? , section 8.2. ? the dimensions of the hole arrangement have fixed values and should be understood as  a recommendation for drilling the printed circuit board. for dimensioning the pins, the group  of holes can only be seen under certain conditions, as they fit into the given hole arrangement.  to avoid problems when mounting the transformer, the manufacturing tolerances for positioning the customers? drilling process must be considered by increasing the hole diameter. display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets,  data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the  ordering codes are due to different processes employed and do not affect the  specifications of the respective products . detailed information can be found on the internet  under www.epcos.com/orderingcodes. cautions and warnings ferrites and accessories cautions and warnings
symbol meaning unit a  a e  a l  a l1  a min  a n  a r  b  ' b  b ?  ' b ?  b dc  b r  b s  c 0  cdf  df  d  e a  f  f cutoff  f max  f min  f r  f cu  g  h  h ?  h dc  h c  h  h/ p i 2  i  i dc  i ?  j  k  k 3  k 3c  l cross section of coil  effective magnetic cross section  inductance factor; a l = l/n 2  minimum inductance at defined high saturation ( p a )  minimum core cross section  winding cross section  resistance factor; a r = r cu /n 2  rms value of magnetic flux density  flux density deviation  peak value of magnetic flux density  peak value of flux density deviation  dc magnetic flux density  remanent flux density  saturation magnetization  winding capacitance  core distortion factor  relative disaccommodation coefficient df = d/ p i  disaccommodation coefficient  activation energy  frequency  cut-off frequency  upper frequency limit  lower frequency limit  resonance frequency  copper filling factor  air gap  rms value of magnetic field strength  peak value of magnetic field strength  dc field strength  coercive field strength  hysteresis coefficient of material  relative hysteresis coefficient  rms value of current  direct current  peak value of current  polarization  boltzmann constant  third harmonic distortion  circuit third harmonic distortion  inductance mm 2  mm 2  nh  nh  mm 2  mm 2  p: = 10 ?6 : vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  f = as/v  mm ?4.5    j  s ?1 , hz  s ?1 , hz  s ?1 , hz  s ?1 , hz  s ?1 , hz   mm  a/m  a/m  a/m  a/m  10 ?6 cm/a  10 ?6 cm/a  a  a  a  vs/m 2  j/k    h = vs/a 5 02/16 please read cautions and warnings and  important notes at the end of this document. symbols and terms ferrites and accessories symbols and terms
symbol meaning unit ' l/l  l 0  l h  l p  l rev  l s  l e  l n  n  p cu  p trans  p v  pf  q  r  r cu  r h  ' r h  r i  r p  r s  r th  r v  s  t  ' t  t c  t  t v  tan g tan g l  tan g r  tan g e  tan g h  tan g / p i  u  ?  v e  z  z n relative inductance change  inductance of coil without core  main inductance  parallel inductance  reversible inductance  series inductance  effective magnetic path length  average length of turn  number of turns  copper (winding) losses  transferrable power  relative core losses  performance factor  quality factor (q = z l/ r s = 1/tan g l )  resistance  copper (winding) resistance (f = 0)  hysteresis loss resistance of a core  r h change  internal resistance  parallel loss resistance of a core  series loss resistance of a core  thermal resistance  effective loss resistance of a core  total air gap  temperature  temperature difference  curie temperature  time  pulse duty factor  loss factor  loss factor of coil  (residual) loss factor at h o 0  relative loss factor  hysteresis loss factor  relative loss factor of material at h o 0  rms value of voltage  peak value of voltage  effective magnetic volume  complex impedance  normalized impedance |z| n = |z| /n 2 u h (l e /a e ) h  h  h  h  h  h  mm  mm   w  w  mw/g    : : : : : : : k/w  : mm  c  k  c  s         v  v  mm 3  : : /mm 6 02/16 please read cautions and warnings and  important notes at the end of this document. symbols and terms ferrites and accessories
symbol meaning unit d d f  d e  h r  ) k k b  k i  o s  p p 0  p a  p app  p e  p i  p p '  p p "  p r  p rev  p s '  p s "  p tot   u 6 l/a  w cu  z temperature coefficient (tk)  relative temperature coefficient of material  temperature coefficient of effective permeability  relative permittivity  magnetic flux  efficiency of a transformer  hysteresis material constant  hysteresis core constant  magnetostriction at saturation magnetization  relative complex permeability  magnetic field constant  relative amplitude permeability  relative apparent permeability  relative effective permeability  relative initial permeability  relative real (inductive) component of p (for parallel components)  relative imaginary (loss) component of p (for parallel components)  relative permeability  relative reversible permeability  relative real (inductive) component of p (for series components)  relative imaginary (loss) component of p (for series components)  relative total permeability  derived from the static magnetization curve  resistivity  magnetic form factor  dc time constant w cu = l/r cu = a l /a r  angular frequency; z = 2 3 f 1/k  1/k  1/k   vs   mt -1  a ?1 h ?1/2    vs/am              : m ?1  mm ?1  s  s ?1 7 02/16 please read cautions and warnings and  important notes at the end of this document. all dimensions are given in mm. surface-mount device symbols and terms ferrites and accessories
8 02/16 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes


▲Up To Search▲   

 
Price & Availability of B65857A0100A038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X