Part Number Hot Search : 
LC890561 FDB8442 74LV2 AEL1203 STT3457P SP4424CN DA726 AA3528
Product Description
Full Text Search
 

To Download AX6156LE-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  455 specifications standard color beige construction heavy-duty steel drive capacitiy exposed 3 x 5.25" hdd drive bay and 1 x 3.5" hdd drive bay cooling 1 x 12 cm ball-bearing fan (88 cfm/each) with a removable filter (optional two fans) front panel indicators 1 x power on/ off; 1 x hdd front panel controls 1 x power on/off; 1 x system reset front panel connectors 1 x usb, 1x ps/2 5-pin keyboard pre-punched panel 2 x 9-pin; 1 x din 5-pin keyboard system board sbcs, atx mb or imb series expansion interface 14-slot backplane speaker 1 x 0.3w speaker operating temperature 0c ~ +40c (+32f ~ +104f) dimensions 484.7 mm (19") (w) x 537.6 mm (21.2") (d) x 176.7 mm (7") (h) weight (net/gross) 18 kg (39.68 lb)/19.5 kg (43 lb) top view top view ax6156le three 5.25" and one 3.5" hdd drive bays one 12 cm ball-bearing fan (optional two 12 cm fans) supports 14-slot backplane or atx mb hot-swap redundant power supply supported features 4u 14-slot rackmount chassis * all specifications and photos are subject to change without notice.
456 items watt specifications input output mtbf ps302- xp2 atx 300w (pfc) ac100~240v (auto) +5v @ 16a +12v1 @ 17a +12v2 @ 17a +3.3v @ 19a +5vsb @ 2.5a -12v @ 0.3a 100,000 hours rps400- hrp atx 400w hrp (pfc) ac 90~264v (auto) +5v @ 35a +12v @ 28a -5v @ 0.5a -12v @ 1.2a +3.3v @ 25a +5vsb @ 2.0a 100,000 hours ps400- xp2 atx 400w (pfc) ac 90~264v (auto) +5v @ 25a +12 @ 41a -12v @ 0.8a +3.3v @ 25a +5vsb @ 3.5a 100,000 hours ps501- hrp atx 500w hrp (pfc) ac 90~264v (auto) +5v @ 25a +12 @ 41a -12v @ 0.8a +3.3v @ 25a +5vsb @ 3.5a 100,000 hours ordering information power supply specifications dimensions ax6156let(w)b/x300 14-slot version, with atx 300w power supply ax6156let(w)b/x400 14-slot version, with atx 400w power supply ax6156let(w)b/x300r 14-slot version, with atx 300w redundant power supply ax6156let(w)m/x300 mb version, with atx 300w power supply ax6156let(w)m/x400 mb version, with atx 400w power supply ax6156let(w)m/x300r mb version, with atx 300w redundant power supply *specifications and certifications are based on options and may vary. ** t-black color; w-beige color backplane options models slots per segment (isa/pci/pcie/cpu) segment atx6022/13l 8/4/0/1 single atx6022/14 9/4/0/1 single atx6022/14g 1/12/0/1 single atx6022/14gp7 6/7/0/1 single models slots per segment (isa/pci/pcie/cpu) segment fab100 4/4/5/1 single fab101 0/13/0/1 single fab112 0/10/2/1 single fab113 0/4/8/1 single fab114 0/8/4/1 single fab118 0/7/6/1 single fab119 0/10/2/1 single picmg 1.0 picmg 1.3 optional items atx 500w power supply with pfc atx 300w redundant power supply with pfc atx 500w redundant power supply with pfc axiomtek.com ? 2017 axiomtek co., ltd. all rights reserved. * all specifications and photos are subject to change without notice. industrial chassis 2 3 4 5 6 7 8 9 10 11 1 0


▲Up To Search▲   

 
Price & Availability of AX6156LE-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X