Part Number Hot Search : 
USC1105 IRLU3105 SDR4150 T45DB EIA562 OC11T5S RF23171 OPB480
Product Description
Full Text Search
 

To Download AR3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: (1) enough heat sink must be considered in application symbols ar 3500 ar 3501 ar 3502 ar 3504 ar 3506 ar 3508 ar 3510 units marking colcr violet brown red yellow blue silver gold maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current at t c =105 i o 35.0 amps peak forward surge current 8.3ms single half sine-wave superimposed on rated load (mil-std-750d 4066 method) i fsm 400.0 amps maximum instantaneous forward voltage at 35.0a dc v f 1.2 volts maximum dc reverse current t a =25 at rated dc blocking voltage @t c =100 i r 25.0 500.0 a typical thermal resistance (note 1) r ja 1.0 /w operating and storage temperature range t j , t stg -65 to +175 features mechanical data ar3500 thru AR3510 automotive rectifier reverse voltage - 50 to 1000 volts forward current - 35.0 amperes low cost low leakage low forward voltage drop high current capability copper heat sink tin-plated slug easy for soldering encapsulated by ul94v-0 rate (flame retardant) plastic maximum ratings and electrical characteristicss 1 ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. dimensions dim inches mm note min. max. min. max. a 0.235 0.250 6.0 6.4 b 0.165 0.185 4.2 4.7 c 0.380 0.410 9.7 10.4 d 0.215 0.225 5.5 5.7
ratings and characteristic curves 2


▲Up To Search▲   

 
Price & Availability of AR3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X