Part Number Hot Search : 
0100M MTZJ10 BA7230LS GTR210 FRK254D C1871 MTZJ10 CAT51
Product Description
Full Text Search
 

To Download APT5015BVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250 m a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125 c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1.0ma) 050-5561 rev c maximum ratings all ratings: t c = 25 c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25 c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25 c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/ c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms m a na volts min typ max 500 32 0.150 25 250 100 24 APT5015BVR 500 32 128 30 40 370 2.96 -55 to 150 300 32 30 1300 APT5015BVR 500v 32a 0.150 w to-247 g d s power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect, increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? faster switching ? 100% avalanche tested ? lower leakage ? popular to-247 package power mos v ? caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe avenue j.f. kennedy bat b4 parc cadra nord f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 apt website - http://www.advancedpower.com
z q jc , thermal impedance ( c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.4 0.1 0.05 0.01 0.005 0.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z q jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 symbol i s i sm v sd t rr q rr dynamic characteristics symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d[cont.] @ 25 c v gs = 15v v dd = 0.5 v dss i d = i d[cont.] @ 25 c r g = 1.6 w min typ max 4400 5280 600 840 230 350 200 300 30 45 80 120 12 25 14 30 55 80 11 20 unit pf nc ns APT5015BVR characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller") charge turn-on delay time rise time turn-off delay time fall time 050-5561 rev c characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d[cont.] ) reverse recovery time (i s = -i d[cont.] , dl s /dt = 100a/ m s) reverse recovery charge (i s = -i d[cont.] , dl s /dt = 100a/ m s) source-drain diode ratings and characteristics unit amps volts ns m c min typ max 32 128 1.3 510 10.2 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25 c, l = 2.54mh, r g = 25 w , peak i l = 32a 2 pulse test: pulse width < 380 m s, duty cycle < 2% apt reserves the right to change, without notice, the specifications and information contained herein. thermal characteristics symbol r q jc r q ja min typ max 0.34 40 unit c/w characteristic junction to case junction to ambient
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature ( c) t j , junction temperature ( c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature ( c) t c , case temperature ( c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 0 50100150200250 024681012 02468 020406080 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 APT5015BVR i d = 0.5 i d [cont.] v gs = 10v 60 50 40 30 20 10 0 1.5 1.4 1.3 1.2 1.1 1.0 0.9 1.15 1.10 1.05 1.00 0.95 0.90 0.85 1.2 1.1 1.0 0.9 0.8 0.7 0.6 60 50 40 30 20 10 0 60 50 40 30 20 10 0 35 30 25 20 15 10 5 0 2.5 2.0 1.5 1.0 0.5 0.0 050-5561 rev c v ds > i d (on) x r ds (on)max. 250 m sec. pulse test @ <0.5 % duty cycle v gs =10v v gs =20v t j = -55 c t j = +125 c t j = +25 c t j = -55 c 5.5v 5v 4.5v 4v v gs =6v, 7v, 8v, 10v & 15v 6v 5.5v 5v 4.5v 4v v gs =15v v gs =7v, 8v & 10v t j = +125 c normalized to v gs = 10v @ 0.5 i d [cont.]
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 1 5 10 50 100 500 .01 .1 1 10 50 0 50 100 150 200 250 300 350 0 0.4 0.8 1.2 1.6 2.0 APT5015BVR t c =+25 c t j =+150 c single pulse 200 100 50 10 5 1 .5 .1 20 16 12 8 4 0 20,000 10,000 5,000 1,000 500 100 300 100 50 10 5 1 050-5561 rev c operation here limited by r ds (on) 10 m s t j =+150 c t j =+25 c c rss c oss c iss 1ms 10ms 100ms dc 100 m s v ds =250v v ds =100v v ds =400v i d = i d [cont.] 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 3.50 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 to-247 package outline


▲Up To Search▲   

 
Price & Availability of APT5015BVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X