Part Number Hot Search : 
MIK2152 ICE2QS03 K550C D102K 982A05RX ON1862 FB1002 M2073
Product Description
Full Text Search
 

To Download AO3402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol v ds v gs i dm t j , t stg symbol typ max 70 90 100 125 r jl 63 80 w maximum junction-to-lead c steady-state c/w thermal characteristics parameter units maximum junction-to-ambient a t 10s r ja c/w maximum junction-to-ambient a steady-state c/w 12 gate-source voltage drain-source voltage 30 continuous drain current a maximum units parameter t a =25c t a =70c absolute maximum ratings t a =25c unless otherwise noted v v 3.4 15 pulsed drain current b power dissipation a t a =25c junction and storage temperature range a p d c 1.4 1 -55 to 150 t a =70c i d 4 n-channel enhancement mode field effect transistor features v ds (v) = 30v i d = 4 a r ds(on) < 55m ? (v gs = 10v) r ds(on) < 70m ? (v gs = 4.5v) r ds(on) < 110m ? (v gs = 2.5v) general description provide excellent r ds(on) , low gate charge and operation with gate voltages as low as 2.5v. this device is suitable for use as a load switch or in pwm applications. AO3402l( green product ) is offered in a lead-free package. g d s to-236 (sot-23) to p vie w AO3402,AO3402l the AO3402 uses advanced trench technology to g s d 2014-5-26 1 www.kersemi.com
symbol min typ max units bv dss 30 v 1 t j =55c 5 i gss 100 na v gs(th) 0.6 1 1.4 v i d(on) 10 a 45 55 t j =125c 66 80 55 70 m ? 83 110 m ? g fs 8s v sd 0.8 1 v i s 2.5 a c iss 390 pf c oss 54.5 pf c rss 41 pf r g 3 ? q g 4.34 nc q gs 0.6 nc q gd 1.38 nc t d(on) 3.3 ns t r 1ns t d(off) 21.7 ns t f 2.1 ns t rr 12 ns q rr 6.3 nc body diode reverse recovery time body diode reverse recovery charge i f =4a, di/dt=100a/ s drain-source breakdown voltage on state drain current i d =250 a, v gs =0v v gs =2.5v, i d =2a v gs =4.5v, v ds =5v v gs =10v, i d =4a reverse transfer capacitance electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss a gate threshold voltage v ds =v gs i d =250 a v ds =24v, v gs =0v v ds =0v, v gs =12v zero gate voltage drain current gate-body leakage current r ds(on) static drain-source on-resistance forward transconductance diode forward voltage m ? v gs =4.5v, i d =3a i s =1a,v gs =0v v ds =5v, i d =4a i f =4a, di/dt=100a/ s v gs =0v, v ds =15v, f=1mhz switching parameters total gate charge v gs =4.5v, v ds =15v, i d =4a gate source charge gate drain charge turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =3.75 ? , r gen =6 ? gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any a given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. ksm3402,ksm3402l 2014-5-26 2 www.kersemi.com
typical electrical and thermal characteristics 0 3 6 9 12 15 012345 v ds (volts) fig 1: on-region characteristics i d (a) v gs =2v 2.5v 3v 4.5v 10v 0 2 4 6 8 10 0 0.5 1 1.5 2 2.5 3 3.5 v gs (volts) figure 2: transfer characteristics i d (a) 0 25 50 75 100 125 150 0246810 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =2.5v v gs =10v v gs =4.5v 0 50 100 150 200 0246810 v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v ds =5v v gs =2.5v v gs =4.5v v gs =10v i d =2a 25c 125c ksm3402,ksm3402l 2014-5-26 3 www.kersemi.com
s typical electrical and thermal characteristic 0 1 2 3 4 5 012345 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 100 200 300 400 500 600 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 5 10 15 20 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance c oss c r ss 0.1 1.0 10.0 100.0 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 1 0 m s 1ms 0 .1 s 1s 10s d c r ds(on) limited t j(max) =150c t a =25c v ds =15v i d =4a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =90c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c 10 s ksm3402,ksm3402l 2014-5-26 4 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of AO3402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X