Part Number Hot Search : 
BL0510 GP30A TC1901 GBJL2002 12063 F1002 FN3242 TFK5070D
Product Description
Full Text Search
 

To Download ABR3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abr3500 - ABR3510 avalanche bridge rectifiers prv : 50 - 1000 volts io : 35 amperes features : * high case dielectric strength * high surge current capability * high reliability * low reverse current * low forward voltage drop * ldeal for printed circuit board mechanical data : * case : molded plastic with heatsink integrally mounted in the bridge encapsulation * epoxy : ul94v-o rate flame retardant * terminals : plated .25" (6.35 mm). faston * polarity : polarity symbols marked on case * mounting position : bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * weight : 17.1 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol abr 3500 abr 3501 abr 3502 abr 3504 abr 3506 abr 3508 abr 3510 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts minimum avalanche breakdown voltage at 100 m a v bo(min.) 100 150 250 450 700 900 1100 volts maximum avalanche breakdown voltage at 100 m a v bo(max.) 550 600 700 900 1150 1350 1550 volts maximum average forward current tc = 50 c i f(av) 35 amps. peak forward surge current single half sine wave superimposed on rated load (jedec method) i fsm 400 amps. rating for fusing at ( t < 8.3 ms. ) i 2 t 660 a 2 s maximum forward voltage per diode at i f = 17.5 amps. v f 1.1 volts maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 200 m a typical thermal resistance (note 1) r q jc 1.5 c/w operating junction temperature range t j - 40 to + 150 c storage temperature range t stg - 40 to + 150 c notes : 1 ) thermal resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" ( 19 x 9 x 11.8 cm )al. plate. update : april 21, 1998 rating metal heatsink dimensions in inches and ( millimeters ) br50 f 0.728(18.50) 0.688(17.40) 0.570(14.50) 0.530(13.40) 0.685(16.70) 0.618(15.70) 1.130(28.70) 1.120(28.40) 0.210(5.30) 0.200(5.10) 0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71) 0.252(6.40) 0.248(6.30) 0.905(23.0) 0.826(21.0) 0.100(2.50) 0.090(2.30) 0.310(7.87) 0.280(7.11)
rating and characteristic curves ( abr3500 - ABR3510 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics per diode 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 forward voltage, volts 40 30 20 10 50 100 10 1.0 320 0 400 0 240 160 80 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c pulse width = 300 m s 1 % duty cycle 8ms single half sine wave jedec method t j = 55 c t j = 100 c t j = 25 c heat-sink mounting, tc 7.5"x3.5"x4.6" thk (19cm x 9cm x 11.8cm) al. finned plate


▲Up To Search▲   

 
Price & Availability of ABR3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X