Part Number Hot Search : 
AD7821 VSP945 22AC1 RD18UM 5D102 1H333J LM371 4805D
Product Description
Full Text Search
 

To Download 499-87-264-10-003101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pcb connectors series 499 499-pp-2nn-10-003101 double row 2.54 mm, right angle solder tail, mating pin ? 0.47 right angle socket connectors, solder tail technical specs.: insulator black glass filled polyester pct-gf30-fr flammability ul 94v-o sleeve brass cuzn36pb3 (c36000) contact clip (4 finger): beryllium copper (c17200) mating pin ? 0.40 to 0.56 mm insertion forces 2 n typ. withdrawal forces 1 n typ. (polished steel gauge ? 0.43 mm) mechanical life min. 500 cycles rated current 3 a contact resistance max. 10 m dielectric strength min. 1000 v rms ordering information: ?pp plating code ?sleeve clip? 87 ?tin ?gold flash 83 ?tin ?gold 0.75 m nn number of poles. replace nn with the requested number of poles, e.g. 499-83-2nn-10-003101 for a double row version with 16 pins becomes 499-83-216-10-003101 preci-dip sa rue saint-henri 11 p.p.box 834 ch-2800 delmont / switzerland phone +41 (0)32 421 04 00 fax +41 (0)32 421 04 01 e-mail sales@precidip.com www.precidip.com
technical assistance general specifications: the values listed below are general specs applying for preci-dip socket and pin connectors. please see individual catalog page for additional and product specific technical data. operating temperature range -55 ... +125 c climatic category (iec) 55/125/21 operating humidity range annual mean 75 % max working voltage 100 vrms/150 vdc (2.54 mm grid) preci-dip sockets are recognized by underwriters laboratories inc. and listed under "connectors for use in data, signal, control and power applications", file nr. e174442 mechanical characteristics: clip retention min. 40 n (no displacement under axial force applied) contact (sleeve / clip) retention min. 3.3 n acc. to mil-dtl-83734, pt 4.6.4.2 electrical characteristics: insulation resistance between any two adjacent contacts min. 10'000 m at 500 v ac capacitance between any two adjacent contacts max. 1 pf air and creepage distances between any two adjacent contacts : series 3xx/4xx/7xx 80x 83x 85x 86x mm 0.7 0.85 / 0.7 0.5 0.4 / 0.5 0.5 environmental characteristics: the sockets withstand the following environmental tests without mechanical and electrical defects: - dry heat steady state iec 60512-11-9.11i / 60068-2-2.bb: 125 c, 16h - damp heat cyclic iec 60512-11-12.11m / 60068-2-30.db: 25/55 c, 90 ? 100 %rh, 1 cycle of 24 h - cold steady state iec 60512-11-10.11j / 60068-2-1.a: -55 c, 2 h - thermal shock iec 60512-11-4.11d / 60068-2-14.na: -55/125 c, 5 cycles 30 min - sinusoidal vibrations iec 60512-6-4.6d / 60068-2-6.fc: 10 to 500 hz, 10 g, 1 octave/min, 10 cycles for each axis - shock iec 60512-6-3.6c / 60068-2-27.ea: 50 g, 11 ms, 3 shocks in three axis during the above two tests no contact interruption >50 ns does appear. - solderability j-std-002a, test a, 245c, 5 s solder alloy snag3.8cu0.7 - resistance to soldering heat j-std-0020c, 260c, 20 s - moisture sensitivity j-std-020c level 1 - resistance to corrosion : 1) salt spray test iec 60068-2-11.ka: 48 h 2) sulfur dioxide (so2) test iec 60068-2-42 kc: 96 h at 25 ppm so2, 25 c, 75 %rh 3) hydrogen sulfide (h2s) test iec 60068-2-43 kd: 96 h at 12 ppm h2s, 25 c, 75 %rh solderless compliant press-fit characteristics: press-fit characteristics measured acc. to iec 60352-5 - press-in force: 90 n max. (at min. hole dia.) / 65 n typ. - push-out force: 30 n min. (at max. hole dia.) / 50 n typ. - push-out 3rd cycle: 20 n min. (at max. hole dia.) preci-dip sa rue saint-henri 11 p.p.box 834 ch-2800 delmont / switzerland phone +41 (0)32 421 04 00 fax +41 (0)32 421 04 01 e-mail sales@precidip.com www.precidip.com
pcb hole dimensions - 2 mm grid: finished hole ?: 0.7 + 0.09/-0.06 mm | drilled hole ?: 0.8 0.02 mm - 2.54 mm grid: finished hole ?: 1 + 0.09/-0.06 mm | drilled hole ?: 1.15 0.02 mm pcb hole plating - pcb surface finish: hole plating - tin: 5-15 m tin over min. 25 m copper - copper: min. 25 m copper - gold over nickel: 0.05-0.2 m gold over 2.5-5 m nickel over min. 25 m copper preci-dip sa rue saint-henri 11 p.p.box 834 ch-2800 delmont / switzerland phone +41 (0)32 421 04 00 fax +41 (0)32 421 04 01 e-mail sales@precidip.com www.precidip.com


▲Up To Search▲   

 
Price & Availability of 499-87-264-10-003101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X