Part Number Hot Search : 
S1L9225 W49F002U DT71V M51903L AP1635 U630H16P GZ223 SMC13
Product Description
Full Text Search
 

To Download 440BS67082622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date file rev by edv no date checked drawn name scale description position general tolerance basic material projection drawing.- no. b 14-07-28 al revised matchcode ws-tatl 12x12mm tact switch with integrated led, tht version 440xx67082622 440xx67082622.dft 13-10-02 fandrey 2:1 system :solid edge v20 we eican cad wrth elektronik eican .x = +/- 0,2 .xx = +/- 0,15 a4 size 14-04-14a daf bounce 10ms max. this electronic component is designed and developed with the intention for use in general electronics equipments. before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body, wurth elektronik must be asked for a written approval. in addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before by the user before usage. 13-10-02 hsu technical characteristics s p e ci f ic a t io n >rating: 50ma, 12vdc >contact resistance: initial: 100mohm max. after life test: 2ohm max. >insulation resistance: min. 100mohm at 500vdc >dielectric strength: 500vac for 1 minute >stroke: 0.3 0.1 mm >bounce 10ms max. m a t e ri a l >diffuser plate: pc ul hb >actuator: pa66 ul hb >frame : pa66 ul hb, color black >contact: stainless steel with ag >terminal: brass with ag >rubber: silicone s o l d e ri n g i n f o r m a t io n >terminal in tht version >wave soldering 260c 10 sec. max. >hand soldering under 350c for 3 sec. max e n v ir o n m e n t a l >storage condition: -40c ~ +85c, 60% rh max. >operation condition: -40c ~ +85c >compliance: rohs, reach h a n d l in g a d v i s e >esd prevention methods need to be applicated for manual handling and processing by machinery >resistors for protection are obligator p a c k a gi n g i n f o r m a t io n >esd tray p.c.b. mounting plan circuit diagram 1 2 , 0 12,0 10,16 11,0 4 , 0 5 8 , 2 3 , 3 0 , 9 5,08 0,8 5,08 0,8 polarity mark (cathode) a b led schematic switch 3 4 pn force color of led life cycle 440 rs670 82622 220g 50gf red 100.000 440 gs670 82622 220g 50gf green 100.000 440 bs670 82622 220g 50gf blue 100.000 440 ys670 82622 220g 50gf yellow 100.000 1 2 1 2 3 4 a b 5,08 10,16 5 , 0 8 o 1 , 2 o 1 , 0 scale - 2:1
date file rev by edv no date checked drawn name scale description position general tolerance basic material projection drawing.- no. b 14-07-28 al revised matchcode ws-tatl 12x12mm tact switch with integrated led, tht version 440xx67082622 440xx67082622.dft 13-10-02 fandrey 2:1 system :solid edge v20 we eican cad wrth elektronik eican .x = +/- 0,2 .xx = +/- 0,15 a4 size 14-04-14a daf bounce 10ms max. this electronic component is designed and developed with the intention for use in general electronics equipments. before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body, wurth elektronik must be asked for a written approval. in addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before by the user before usage. 13-10-02 hsu yellow red bright green green blue ys rs vs gs bs unit 1 peak wavelength typ. nm 590 650 574 520 468 dominant wave length @if=20ma spectral line half-width @if=20ma capacitance vf=0v;f=1mhz forward voltage typ. v 2 1,95 2,1 3,2 3,2 @if=20ma max.v 2,5 2,5 2,5 4 4 reverse current @vr=5v 7 esd v 2000 2000 2000 1000 1000 8 viewing angle @ 2 0 m a 2 5 0 % t y p luminous intensity min. mcd 80 120 20 80 20 @if=20ma typ. mcd 180 220 50 150 50 10 material aigainp aigainp aigainp ingan ingan 11 lens type water clear water clear water clear water clear water clear absolute maximun ratings (ambient temperature 25c ) properties blue & green red yellow bright green unit power dissipation 120 75 75 75 mw peak forward current 100 185 175 150 ma continuous forward current 30 30 30 30 ma reverse voltage 5 5 5 5 v esd threshold / hbm 1000 2000 2000 2000 v order code 10 4 5 6 item 2 3 typ.nm 28 35typ.pf ua emitting color 20 20 10 21 100 10 20 15 10 35 100 10 o 9 145145145 145145 470typ.nm 590 630 567 525 handling advise 1) the solder profile has to be complied with according to the technical reflow /or wave soldering specification, otherwise no warranty will be sustained 2) all products are supposed to be used before the end of the period of 12 months based on the product date-code, if not 100% solderability can't be warranted 3) violation of the technical product specifications such as exceeding the absolute maximum ratings will be result in the loss of warranty 4) it's also recommended to return the products into the original packaging 5) esd prevention methods need to be applicated for manual handling and processing by machinery 6) resistors for protection are obligatory 7) the standard deliveries include values in the range and limitation as defined in the electrical & optical properties specified in the datasheet.on each reel, only one bin is sorted and taped. the bin is defined on intensity, chromaticity coordinate or wavelength and forward voltage.in order to ensure highest availability, the reel binning of standard deliveries can vary. a single bin cannot be ordered.please contact us in advance, if you need a particular bin sorting before placing your order to clarify the lead time, moq and pricing. yellow red bright green green blue ys rs vs gs bs unit 1 peak wavelength typ. nm 590 650 574 520 468 dominant wave length @if=20ma spectral line half-width @if=20ma capacitance vf=0v;f=1mhz forward voltage typ. v 2 1,95 2,1 3,2 3,2 @if=20ma max.v 2,5 2,5 2,5 4 4 reverse current @vr=5v 7 esd v 2000 2000 2000 1000 1000 8 viewing angle @ 2 0 m a 2 5 0 % t y p luminous intensity min. mcd 80 120 20 80 20 @if=20ma typ. mcd 180 220 50 150 50 10 material aigainp aigainp aigainp ingan ingan 11 lens type water clear water clear water clear water clear water clear absolute maximun ratings (ambient temperature 25c ) properties blue & green red yellow bright green unit power dissipation 120 75 75 75 mw peak forward current 100 185 175 150 ma continuous forward current 30 30 30 30 ma reverse voltage 5 5 5 5 v esd threshold / hbm 1000 2000 2000 2000 v order code 10 4 5 6 item 2 3 typ.nm 28 35typ.pf ua emitting color 20 20 10 21 100 10 20 15 10 35 100 10 o 9 145145145 145145 470typ.nm 590 630 567 525


▲Up To Search▲   

 
Price & Availability of 440BS67082622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X