Part Number Hot Search : 
XC9221 MM3Z3V0 EPS13 PT21747 101M1 STV8217T 2N681 C107M
Product Description
Full Text Search
 

To Download 2316052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2316052 10/29/2015???page? 1 ?/? 4 device coupler?-?fb-2sp/e?-?2316052 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) device coupler for foundation fieldbus and profibus pa with terminal connections for two spurs connected to fieldbus end devices product description the fb-2sp/e has terminal blocks for two spur connections to each device coupler. the device coupler provides short-circuit protection to the fieldbus trunk. voltage and communication are routed via the tbus connection system to multiple installed device couplers. ? ? ? ? ? ? key commercial data packing unit 1 pc weight per piece (excluding packing) 1.0 g custom tariff number 85389099 country of origin united states technical data note utilization restriction emc: class a product, see manufacturer's declaration in the download area dimensions width 17.5 mm height 89.7 mm depth 70.4 mm ambient conditions ambient temperature (operation) -40 c ... 85 c (depending on set rated current) ambient temperature (storage/transport) -40 c ... 85 c permissible humidity (operation) 10 % ... 95 % (non-condensing) s1+s2+ spur 1spur 2 s1-s2- s1ss2s s f+ f- tbus ii
https://www.phoenixcontact.com/us/products/2316052 10/29/2015???page? 2 ?/? 4 device coupler?-?fb-2sp/e?-?2316052 technical data ambient conditions degree of protection ip20 general standards/regulations iec 60529, iec 61158-2 en 61326, en 60068-2-27, en 60068-2-6, en?60079-0, en?60079-11, en?60079-15 ne21 ff-846 mounting position on horizontal din rail ns 35 in acc. with en 60715 net weight 222 g housing material pa 66-fr color green fieldbus foundation ff-846 power supply supply voltage range 10.5 v dc ... 32 v dc (via fb-et/e) max. current consumption 3.5 ma (no load) conductor cross section flexible max. 0.20 mm2 conductor cross section flexible min. 2.50 mm2 conductor cross section solid max. 0.20 mm2 conductor cross section solid min. 2.50 mm2 max. awg conductor cross section, flexible 12 min. awg conductor cross section, flexible 24 conductor cross section awg max. 12 conductor cross section awg min. 24 serial interface interface 1 foundation fieldbus and profibus pa segment connection method pluggable combicon screw connection for each spur termination resistor via fb-et/e conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 2.5 mm2 conductor cross section awg min. 24 conductor cross section awg max. 12 output nominal voltage 32 v (each spur) maximum output current 45 ma (per spur) safety data s1+s2+ spur 1spur 2 s1-s2- s1ss2s s f+ f- tbus ii
https://www.phoenixcontact.com/us/products/2316052 10/29/2015???page? 3 ?/? 4 device coupler?-?fb-2sp/e?-?2316052 technical data safety data max. output voltage u o u i max. output current i o 50 ma (per spur) max. output power p o u o x i o group iic max. external capacity c o 60 nf group iic max. external inductivity l o 250 h atex sira 14atex4018x; ? ii 3(3)g ex na [ic] iic t4 gc; ex na [ic] iic t4 gc, fisco ic spurs iecex iecex sir 14.0011x; ex na [ic] iic t4 gc; ex na [ic] iic t4 gc, fisco ic spurs csa, usa/canada class i, div. 2, groups a,b,c,d ex nl iic t4 fnico, ex ic iic t4 fisco ic ex na [nl] iic t4, ex na [ic] iic t4 ex na [nl] iic t4 fnico spurs, ex na [ic] iic t4 fisco ic spurs class i, zone 2 aex nl iic t4 fnico, aex ic iic t4 fisco ic aex na [nl] iic t4, aex na [ic] iic t4 aex na [nl] iic t4 fnico spurs, aex na [ic] iic t4 fisco ic spurs classifications ecl@ss ecl@ss 5.1 27259205 ecl@ss 6.0 27259090 etim etim 4.0 ec001600 etim 5.0 ec001604 drawings s1+s2+ spur 1spur 2 s1-s2- s1ss2s s f+ f- tbus ii
https://www.phoenixcontact.com/us/products/2316052 10/29/2015???page? 4 ?/? 4 device coupler?-?fb-2sp/e?-?2316052 circuit diagram connection diagram: fb-2sp phoenix contact 2015 ? - all rights reserved http://www.phoenixcontact.com s1+s2+ spur 1spur 2 s1-s2- s1ss2s s f+ f- tbus ii


▲Up To Search▲   

 
Price & Availability of 2316052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X