Part Number Hot Search : 
C3216 HZ11LC2 AD8276 CEM3371 CEM3371 SMB30C SPT5130 0015474
Product Description
Full Text Search
 

To Download 1605000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact deutschland gmbh page 1 / 5 http://www.phoenixcontact.de jan 27, 2011 extract from the online catalog ? hc-m-hs-mod-st order no.: 1605000 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1605000 ? ? heavycon contact insert module, male, 2-pos. to 100 a, screw connection ? commercial data gtin (ean) 4 017918 893293 sales group d042 pack 1 pcs. customs tariff 85369010 catalog page information page 452 (pc-2009) product notes weee/rohs-compliant since: 07/11/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data electrical characteristics note required for housing hc-b6 to b48, (housing height min. 72 mm), housing hc-advance-b6 to b24, hinged retaining frame hc-m-mhr..., axial connection for 4 mm allen wrench
hc-m-hs-mod-st order no.: 1605000 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1605000 phoenix contact deutschland gmbh page 2 / 5 http://www.phoenixcontact.de jan 27, 2011 rated voltage (iii/3) 1000 v rated current 100 a rated surge voltage 8 kv ambient temperature (operation) -40 c ... 125 c number of positions 2 mechanical characteristics conductor cross-section 16 mm2 ... 35 mm2 connection cross-section awg 4 ... 2 stripping length of the individual wire 13 mm tightening torque 6 nm (16 mm 2 ) 7 nm (25 mm 2 ) 8 nm (35 mm 2 ) wire diameter including insulation 11.4 mm hexagonal socket sw 4 insertion/withdrawal cycles 500 general characteristics number of module slots 2 connection method axial screw connection inflammability class acc. to ul 94 v0 pollution degree 3 surge voltage category iii assembly instructions - use hc housing h >= 72 mm- connection of wires using a 4 mm allen wrench- axial screw connection only for stranded wires- plug-in connections may only be operated only when there is no load/voltage connection note for axial connection method the specified conductor cross-sections refer to the geometric cross-section of the used conductor.the use of conductors with a geometric cross- section that deviates greatly from the nominal cross-section of the conductor should be checked first.the wiring space of the axial screw technology has been designed for fine strand conductors as per vde 0295 class 5. deviating conductor superstructures (e.g. class 6 conductors) must be checked before use. connection it must be ensured before installation that the ball screw is completely turned back (chamber is open). twisting the conductors is not allowed. the cores must be pushed up to the end of the contact chamber (until the contact is insulated). keep the core in this position and tighten it using an allen key. the required core end must be cut before a reconnection. tightening the connection screw is allowed only once in order to prevent a breakage of the litz wire.
hc-m-hs-mod-st order no.: 1605000 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1605000 phoenix contact deutschland gmbh page 3 / 5 http://www.phoenixcontact.de jan 27, 2011 material data contact material copper alloy contact surface material ag contact carrier material pc certificates / approvals certification cul, gost, ul accessories item designation description plug/adapter 1636981 hc-m-mhr-pe16 cable lug for heavycon-modular; pe connection extension to 16 mm 2 , for crimping with crimp pliers diagrams/drawings diagram derating diagram (3 modules in hc-b 24 housing) dimensioned drawing male insert
hc-m-hs-mod-st order no.: 1605000 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1605000 phoenix contact deutschland gmbh page 4 / 5 http://www.phoenixcontact.de jan 27, 2011 schematic diagram connector pin assignment axial connection
hc-m-hs-mod-st order no.: 1605000 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1605000 phoenix contact deutschland gmbh page 5 / 5 http://www.phoenixcontact.de jan 27, 2011 address phoenix contact deutschland gmbh flachsmarktstr. 8 32825 blomberg,germany phone +49 5235 3 12000 fax +49 5235 3 41200 http://www.phoenixcontact.de ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1605000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X