Part Number Hot Search : 
SD178 SZN4977 LPC1766 MPX5700D TMPD2835 CX6157NL C908J SPC122A
Product Description
Full Text Search
 

To Download 100103210072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abspulrichtung - reel off direction anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating 0,1 mm 330 tape on reel packaging according to din iec 60286-3 verpackungseinheit: 560 stck verpackt im gurt nach din iec 60286-3 packaging unit: 560 pcs index smcb copyright by erni production gmbh & co. kg contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class e male smc-b 68-smd-type7-03 messerl. smc-b 68-smd-ba7-03 100103210072 3:1 k 25.06.2015 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date ba7-03 - standard bauh?he type7-03 - standard assembly height b34 b1 5 7,2 1,27 45,93 4 -0,1 +0,2 33 x 1,27 = 41,91 3,25 45,13 1,8 0,03 44,13 46,33 48,26 1,27 0,75 4,25 8,8 -0,05 6,4 10 1,5 -0,03 1,5 1,5 2 1 3,27 leiterplatten-layout vorschlag fr smt pcb-layout proposal for smt a1 0,3 33 x 1,27 = 41,91 1,6 0,03 46,33 0,03 1,2 0,05 7,6 1,27 2,2 1,27 2,21 -0,03 2 0,8 b1 16 72


▲Up To Search▲   

 
Price & Availability of 100103210072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X