this document was generated on 05/29/2017 please check www.molex.com for latest part information part number: 0857271001 status: active overview: magnetic modular jacks description: gigabit magnetic jack 2x4, leds green/green documents: 3d model packaging specification pk-85727-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-85728-001-001 (pdf) general product family modular jacks/plugs series 85727 comments with led component type pcb jack magnetic yes overview magnetic modular jacks performance category 5, 5e power over ethernet (poe) non-poe product name magnetic jack, modular jack 8/8 upc 887191095561 physical durability (mating cycles max) 750 inverted / top latch yes jack height 25.43mm lightpipes/leds leds material - metal brass material - plating mating gold material - plating termination tin material - resin pbt net weight 45.213/g orientation right angle (side entry) pcb retention n/a pcb thickness - recommended 2.20mm packaging type tray pitch - mating interface 1.02mm plating min - mating 0.762m ports 8 positions / loaded contacts 8/8 surface mount compatible (smc) no temperature range - operating 0c to +70c termination interface: style through hole wire/cable type cat 5, cat 6 electrical current - maximum per contact 1.5a grounding to pcb yes grounding to panel panel ground tab shielded yes voltage - maximum 125v ac (rms) material info reference - drawing numbers packaging specification pk-85727-001 product specification ps-85728-001-001 sales drawing sd-85727-001 series image - reference only eu elv not relevant eu rohs china rohs compliant* reach svhc contained per - ed/01/2017 (12 january 2017)* 2,4-di-tert-butyl-6-(5- chlorobenzotriazol-2- yl)p halogen-free status not low-halogen* need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. cust_note *product contains part(s) with customer managed cust_note1 ehs data. these part(s) are excluded from cust_note2 product compliance status evaluation. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 85727 series mates with 95043 , 44915 plugs according to iec 60603-7
this document was generated on 05/29/2017 please check www.molex.com for latest part information
|