Part Number Hot Search : 
ANTXV2 DBCRJP42 20H100 MBT440 70N6T W83629 4411E E00036
Product Description
Full Text Search
 

To Download 0857271001-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/08/2018 please check www.molex.com for latest part information part number: 0857271001 status: active overview: magnetic modular jacks description: gigabit magnetic jack 2x4, leds green/green documents: 3d model packaging specification pk-85727-001-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-85728-001-001 (pdf) general product family modular jacks/plugs series 85727 comments with led component type pcb jack magnetic yes overview magnetic modular jacks performance category 5, 5e power over ethernet (poe) non-poe product name magnetic jack, modular jack 8/8, rj45 upc 887191095561 physical durability (mating cycles max) 750 inverted / top latch yes jack height 25.43mm lightpipes/leds leds material - metal brass material - plating mating gold material - plating termination tin material - resin pbt net weight 45.213/g orientation right angle (side entry) pcb retention n/a pcb thickness - recommended 2.20mm packaging type tray pitch - mating interface 1.02mm plating min - mating 0.762m ports 8 positions / loaded contacts 8/8 surface mount compatible (smc) no temperature range - operating 0c to +70c termination interface: style through hole wire/cable type cat 5, cat 6 electrical current - maximum per contact 1.5a grounding to pcb yes grounding to panel panel ground tab shielded yes voltage - maximum 125v ac (rms) material info reference - drawing numbers packaging specification pk-85727-001-001 product specification ps-85728-001-001 series image - reference only eu elv not relevant eu rohs china rohs compliant with exemption 7(c)-i reach svhc contained per - ed/30/2017 (7 july 2017) 2,4-di-tert-butyl-6-(5- chlorobenzotriazol-2- yl)p halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs 50 image elv not relevant rohs phthalates not contained search parts in this series 85727 series mates with 95043 , 44915 plugs according to iec 60603-7
this document was generated on 03/08/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0857271001-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X