Part Number Hot Search : 
74ALVC1 LT397 8M2012 LS390F UFV14 S25VB40 PE43503 L2901
Product Description
Full Text Search
 

To Download TQP9111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 1 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com applications ? ? ? ? ? 4x4 mm l eadless smt p ackage product features ? ? C ? ? ? ? ? ? ? ? ? functional block diagram top view pin configuration pin no. label 1, 5, 7, 9, 10, 11, 15, 17, 19 nc 2, 3, 4 rf in 6 i ref1 8 i ref2 12, 13, 14 rf out 16 v bias 18 v cc2 20 v cc1 backside pad gnd general description the TQP9111 is a high efficiency two - stage driver amplifier in a low - cost surface - mount package. the amplifier is able to achieve high performance with +46 dbm oip3 and + 32 .5 dbm p1db . th is linear amplifier integrates two high performance amplifier stage s onto a module to allow for a compact system design. the integrated inter - stage match minimizes performance variation that would otherwise be attributed to external matching component value and placement tolerances. both the input and output stage ampli fiers are bias adjustable allowing the amplifiers power consumption to ? ? ? ordering information part no. description TQP9111 1.8 C standard t/r size = 2500 pieces on a 13 reel n c r f i n r f i n r f i n n c 1 2 3 4 5 1 5 1 4 1 3 1 2 1 1 n c r f o u t r f o u t r f o u t n c 2 0 1 9 1 8 1 7 1 6 v c c 1 n c v c c 2 n c v b i a s 6 7 8 9 1 0 i r e f 1 n c i r e f 2 n c n c b a c k s i d e p a d d l e r f / d c g n d p i n 1 m a r k i n g
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 2 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com recommended operating conditions parameter min typ max units supply voltage (v cc ) + 5.0 +5.25 v t case ? 6 hours mttf +1 7 0 c electrical specifications are measured at specified test conditions. specifications are not guaranteed over all recommended operating conditions. absolute maximum ratings parameter rating storage temperature ? ? cc ) + 6 .5 v rf input power, cw, 50 ? , t=25 ? operation of this device outside the parameter ranges given above may cause permanent damage. electrical specifications test conditions unless otherwise noted: v cc ? = ? + 5 . 0 ? v, i cc ? = ? 52 1 ma, i ref1 ? = ? 4.5 ma, i ref 2 ? = ? 19.5 ma, temp . = ? +25 ? c, 50 ? system . parameter conditions min typ max units operational frequency range 1 800 2700 mhz test frequency 2 140 mhz gain 29.8 db input return loss 1 3 db output return loss 20 db noise figure 6.2 db output p1db +3 2.5 dbm output ip3 pout ? ? ? ? tone, f ? ? cc 5 21 ma current, i ref1 4.5 ma current, i ref2 19.5 ma total current 545 ma thermal resistance, jc junction to case 22.6 c/w
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 3 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com TQP9111? pcb 2140 evaluation board (1.8? C ?2.2 ghz) bill of material TQP9111 - pcb2140 ref des value description manuf. part number u1 TQP9111 triquint TQP9111 c1, c5, c13, c15 0.1 uf cap, 0603,10%, 50v, x7r various c2 1000 pf cap, 0603, 5%, 50v, npo various c3 100 pf cap, 0603, 5%, 50v, npo various z4 4.3 pf cap, 0402, +/ - 0.25pf. 50v. npo/cog various z3c 2.2 various z3 2. 4 pf cap, 0402, +/ - 0.1pf. 50v. npo various z5 1 .2 nh ind, 0402, chip, +/ - 0.3 nh various c7 10 uf cap, 6032, 20%, 50v, tantalum various z6 2.7 pf cap, 0402, +/ - 0.1pf. 50v. npo/cog various c11 5 . 6 pf cap, 0603, +/ - 0.1pf. 200v. npo/cog various r7 1 1 0 l4 220 b1, l5, r1, r5, c9 , r3, r6 0 ? l1 1 5 nh ind, 1008, 5%, ceramic various l2 100 nh ind, 0805, 5%, ceramic various l3 27 nh ind, 0 6 0 3 , 5%, ceramic various 1 2 3 4 5 1 5 1 4 1 3 1 2 1 1 2 0 1 9 1 8 1 7 1 6 6 7 8 9 1 0 l 4 2 2 0 ? r 3 0 ? r 6 0 ? c 7 1 0 u f c 1 0 . 1 u f b 1 0 ? c 1 5 0 . 1 u f l 1 1 5 n h l 2 1 0 0 n h c 2 1 0 0 0 p f c 5 0 . 1 u f r 1 0 ? r 7 1 1 0 ? c 1 3 0 . 1 u f l 3 2 7 n h l 5 0 ? r 5 0 ? c 1 1 5 . 6 p f c 9 0 ? z 3 2 . 4 p f z 3 c 2 . 2 ? z 4 4 . 3 p f z 5 1 . 2 n h z 6 2 . 7 p f c 3 1 0 0 p f j 1 r f i n p u t j 2 r f o u t p u t j 3 v c c j 4 v p d c 2 l 1 c 5 c 3 c 1 1 c 9 c 1 3 r 1 b 1 c 1 l 3 r 7 l 2 c 1 5 c 7 u 1 j 3 j 4 j 6 j 1 j 2 z 3 c z 3 z 5 z 4 z 6 r 6 r 3 l 4 l 5 r 5
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 4 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com typical performance tq p9111?pcb2140 test conditions unless otherwise noted: v cc ? = ? +5 ? v, i cq ?=? 545 ?ma (typ.), v pd = +5 v, temp .? = ? +25 ? c parameter conditions typical value units frequency 18 0 0 1960 2 14 0 mhz gain 30.4 30 . 0 29. 8 db input return loss 1 5 1 4 1 3 db output return loss 9 15 20 db output p1db + 33 . 4 + 3 2. 5 + 32 . 5 dbm oip3 pout= + 1 4 dbm/tone, f=1 mhz + 4 6 + 46 + 4 6 dbm noise figure 6 . 0 6 . 1 6 . 2 db performance plots TQP9111 - pcb2140 test conditions unless otherwise noted: v cc ? = ? +5 ? v, i cq ?=?545?ma (typ.), v pd = +5 v, temp .? = ? +25 ? c 26 28 30 32 1800 1900 2000 2100 2200 gain (db) frequency (mhz) gain vs. frequency +105 c +85 c +25 c ?40 c -20 -15 -10 -5 0 1800 1900 2000 2100 2200 |s11| (db) frequency (mhz) input return loss vs. frequency +105 c +85 c +25 c ?40 c -30 -25 -20 -15 -10 -5 0 1800 1900 2000 2100 2200 |s22| (db) frequency (mhz) output return loss vs. frequency +105 c +85 c +25 c ?40 c 30 32 34 36 1800 1900 2000 2100 2200 p1db (dbm) frequency (mhz) output p1db vs. frequency +105 c +85 c +25 c ?40 c 35 40 45 50 8 9 10 11 12 13 14 15 oip3 (dbm) pout (dbm/tone) oip3 vs. pout f = 1.8 ghz f = 1.9 ghz f = 2.0 ghz f = 2.1 ghz f = 2.2 ghz temp.=+25 c -70 -65 -60 -55 -50 -45 -40 -35 -30 14 15 16 17 18 19 20 21 22 23 24 25 26 27 aclr (dbc) pout (dbm) aclr vs. pout f = 1.8 ghz f = 1.9 ghz f = 1.96 ghz f = 2.0 ghz f = 2.1 ghz f = 2.14 ghz f = 2.2 ghz temp.=+25 c signal : lte 20mhz, par = 9.5db channel bw e - utra, ibw = 18.02mhz 0 1 2 3 4 5 6 7 8 1800 1900 2000 2100 2200 noise figure (db) frequency (mhz) noise figure vs. frequency +105 c +85 c +25 c ?40 c
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 5 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com bill of material TQP9111 - pcb2600 ref des value description manuf. part number u1 TQP9111 triquint TQP9111 c1, c5, c13, c15 0.1 uf cap, 0603,10%, 50v, x7r various c2 1000 pf cap, 0603, 5%, 50v, npo various c3 100 pf cap, 0603, 5%, 50v, npo various z4 3 . 0 pf cap, 0402, +/ - 0.25pf. 50v. npo/cog various z3c 1 .2 various z3 2.2 pf cap, 0402, +/ - 0.1pf. 50v. npo various z5 1 .2 nh ind, 0402, chip, +/ - 0.3 nh various c7 10 uf cap, 6032, 20%, 50v, tantalum various z6 1 .6 pf cap, 0402, +/ - 0.1pf. 50v. npo/cog various c11 4 . 7 pf cap, 0603, +/ - 0.1pf. 200v. npo/cog various r7 1 1 0 r3 220 b1, l3, l4, l5, r1, r5, c9 , r6 0 ? l1 10 nh ind, 1008, 5%, ceramic various l2 6.8 nh ind, 0805, 5%, ceramic various TQP9111? pcb 2600 evaluation board ( 2.3? C ?2.7 ghz ) 1 2 3 4 5 1 5 1 4 1 3 1 2 1 1 2 0 1 9 1 8 1 7 1 6 6 7 8 9 1 0 l 4 0 ? r 3 2 2 0 ? r 6 0 ? c 7 1 0 u f c 1 0 . 1 u f b 1 0 ? c 1 5 0 . 1 u f l 1 1 0 n h l 2 6 . 8 n h c 2 1 0 0 0 p f c 5 0 . 1 u f r 1 0 ? r 7 1 1 0 ? c 1 3 0 . 1 u f l 5 0 ? r 5 0 ? c 1 1 4 . 7 p f c 9 0 ? z 3 2 . 2 p f z 3 c 1 . 2 ? z 4 3 . 0 p f z 5 1 . 2 n h z 6 1 . 6 p f c 3 1 0 0 p f j 1 r f i n p u t j 2 r f o u t p u t j 3 v c c j 4 v p d l 3 0 ? c 2 l 1 c 5 c 3 c 1 1 c 9 c 1 3 r 1 b 1 c 1 l 3 r 7 l 2 c 1 5 c 7 u 1 j 3 j 4 j 6 j 1 j 2 z 5 z 1 z 3 z 2 z 4
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 6 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com typical performance tq p9111?pcb2600 test conditions unless otherwise noted: v cc ? = ? +5 ? v, i cq ?=? 545 ?ma (typ.), vpd = +5 v, temp .? = ? +25 ? c parameter conditions typical value units frequency 2300 2500 2700 mhz gain 28 . 8 29.2 2 8 . 8 db input return loss 8 1 3 1 6 db output return loss 9 1 0 9 db output p1db + 33 . 0 + 32.8 + 32 . 0 dbm oip3 pout= + 1 4 dbm/tone, f=1 mhz + 4 5 + 4 4.5 + 4 4 dbm noise figure 6 . 0 6. 3 6 .9 db performance plots TQP9111 - pcb2600 test conditions unless otherwise noted: v cc ? = ? +5 ? v, i cq ?=?545?ma (typ.), vpd = +5 v, temp .? = ? +25 ? c 26 28 30 32 2300 2400 2500 2600 2700 gain (db) frequency (mhz) gain vs. frequency +105 c +85 c +25 c ?40 c -20 -15 -10 -5 0 2300 2400 2500 2600 2700 |s11| (db) frequency (mhz) input return loss vs. frequency +105 c +85 c +25 c ?40 c -15 -10 -5 0 2300 2400 2500 2600 2700 |s22| (db) frequency (mhz) output return loss vs. frequency +105 c +85 c +25 c ?40 c 27 29 31 33 35 2300 2400 2500 2600 p1db (dbm) frequency (mhz) output p1db vs. frequency +105 c +85 c +25 c ?40 c 35 40 45 50 8 9 10 11 12 13 14 15 oip3 (dbm) pout (dbm/tone) oip3 vs. pout f = 2.3 ghz f = 2.4 ghz f = 2.5 ghz f = 2.6 ghz f = 2.7 ghz temp.=+25 c -70 -65 -60 -55 -50 -45 -40 -35 -30 14 15 16 17 18 19 20 21 22 23 24 25 26 27 aclr (dbc) pout (dbm) aclr vs. pout f = 2.3 ghz f = 2.4 ghz f = 2.5 ghz f = 2.6 ghz f = 2.7 ghz temp.=+25 c signal : lte 20mhz, par = 9.5db channel bw e - utra, ibw = 18.02mhz 0 1 2 3 4 5 6 7 8 2300 2400 2500 2600 2700 noise figure (db) frequency (mhz) noise figure vs. frequency +105 c +85 c +25 c ?40 c
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 7 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com application note ? reduced bias configurations TQP9111 - pcb2140 the TQP9111 can be configured to be operated with lower bias current by varying the bias - adjust resistor C r 7 . the recommended circuit configurations shown previously in this datasheet have the device operating in class a /b operation. lowering the current has small effect on the s - parameters and p1db performance of the device, but will start to lower the oip3 and aclr/acpr performance of the device as shown below. an example of the measured data below represents the TQP9111 measured and configured for 1.8 to 2.2 gh z applications. it is expected that variation of the bias current for other frequency applications will produce similar performance results. r 7 (ohms) icq (ma) pdiss (w) p1db (dbm) oip3 (dbm) 1 10 500 2.5 +3 2.3 + 47.6 125 45 0 2.25 +3 2.3 + 45.4 144 4 00 2.0 +3 2.3 + 44.6 163 35 0 1.75 +3 2.3 + 42.1 200 3 00 1.5 +3 2.3 +4 0.3 . 1 2 3 4 5 1 5 1 4 1 3 1 2 1 1 2 0 1 9 1 8 1 7 1 6 6 7 8 9 1 0 l 4 2 2 0 ? r 3 0 ? r 6 0 ? c 7 1 0 u f c 1 0 . 1 u f b 1 0 ? c 1 5 0 . 1 u f l 1 1 5 n h l 2 1 0 0 n h c 2 1 0 0 0 p f c 5 0 . 1 u f r 1 0 ? r 7 1 1 0 ? c 1 3 0 . 1 u f l 3 2 7 n h l 5 0 ? r 5 0 ? c 1 1 5 . 6 p f c 9 0 ? z 3 2 . 4 p f z 3 c 2 . 2 ? z 4 4 . 3 p f z 5 1 . 2 n h z 6 2 . 7 p f c 3 1 0 0 p f j 1 r f i n p u t j 2 r f o u t p u t j 3 v c c j 4 v p d
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 8 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com performance plots TQP9111 - pcb2 140 test conditions unless otherwise noted: v cc ? = ? +5 ? v, vpd = +5 v, temp .? = ? +25 ? c 26 27 28 29 30 31 1800 1900 2000 2100 2200 gain (db) frequency (mhz) gain vs. frequency icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma temp.=+25 c -20 -15 -10 -5 0 1800 1850 1900 1950 2000 2050 2100 2150 2200 input return loss (db) frequency (mhz) input return loss vs. frequency icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma temp.=+25 c -20 -15 -10 -5 0 1800 1850 1900 1950 2000 2050 2100 2150 2200 output return loss (db) frequency (mhz) output return loss vs. frequency icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma temp.=+25 c 35 40 45 50 8 9 10 11 12 13 14 15 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma TQP9111 temp.=+25 c freq = 1800 mhz 35 40 45 50 8 9 10 11 12 13 14 15 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma TQP9111 temp.=+25 c freq = 1960 mhz 35 40 45 50 8 9 10 11 12 13 14 15 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma TQP9111 temp.=+25 c freq = 2140 mhz -65 -60 -55 -50 -45 -40 -35 -30 14 16 18 20 22 24 26 aclr (dbc) pout (dbm/tone) aclr vs. pout icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma temp.=+25 c freq = 1800 mhz lte 1ch 20mhz, adj ch ibw 18.02mhz, par 9.5db no clipping -65 -60 -55 -50 -45 -40 -35 -30 14 16 18 20 22 24 26 aclr (dbc) pout (dbm/tone) aclr vs. pout icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma temp.=+25 c freq = 1960 mhz lte 1ch 20mhz, adj ch ibw 18.02mhz, par 9.5db no clipping -65 -60 -55 -50 -45 -40 -35 -30 14 16 18 20 22 24 26 aclr (dbc) pout (dbm/tone) aclr vs. pout icq = 500ma icq = 450ma icq = 400ma icq = 350ma icq = 300ma temp.=+25 c freq = 2140 mhz lte 1ch 20mhz, adj ch ibw 18.02mhz, par 9.5db no clipping
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 9 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com switching speed switching speed measurement based on tqs pcb2140 application board using shutdown circuit: v pd = 5 v, v dd =5v , c13=56pf parameter turn - off transition (50% cntr C C control signal rf signal freq = 2000 mhz pout = +10 dbm control signal rf signal freq = 2000 mhz pout = +10 dbm vpd = 0 to 5v vpd = 5 to 0v
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 10 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com pin configuration and description top view pin no. label description 1 , 5, 7, 9, 10, 11, 15, 17, 19 nc no internal connection. provide grounded land pads for pcb mounting integrity. 2 , 3, 4 rf in rf i nput pin s . require dc blocking and rf match for optimal performance. 6 i ref 1 sets the bias current for amp1. also can be used to p ower down . 8 i ref 2 sets the bias current for amp2. also can be used to power down. 12 , 13, 14 rf out rf o utput pin s . require dc blocking and rf match for optimal performance. 1 6 v bias voltage supply for active bias for the second stage amp. 18 v cc2 2 nd stage dc voltage supply connection. 20 v cc1 1 st stage dc voltage supply connection. backside pad gnd rf/dc ground. use recommended via pattern to minimize inductance and thermal resistance; see pcb mounting pattern for suggested footprint. n c r f i n r f i n r f i n n c 1 2 3 4 5 1 5 1 4 1 3 1 2 1 1 n c r f o u t r f o u t r f o u t n c 2 0 1 9 1 8 1 7 1 6 v c c 1 n c v c c 2 n c v b i a s 6 7 8 9 1 0 i r e f 1 n c i r e f 2 n c n c b a c k s i d e p a d d l e r f / d c g n d p i n 1 m a r k i n g
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 11 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com package marking and dimensions marking: part number C C notes: 1. all dimensions are in millimeters. angles are in degrees. 2. dimension and tolerance formats conform to asme y14.4m - 1994. 3. the terminal #1 identifier and terminal numbering conform to jesd 95 - 1 spp - 012. tqp91 11 yyww aaxxxx tqp9109 a3h d000000 d000000 00:00 top side / triquint reach further - reach faster 04.00mm x 04.00mm, 4 layer top view side view a3h d000000 d000000 00:00 bot bottom pins triquint reach further - reach faster 04.00mm x 04.00mm, 4 layer bottom view bottom pins view 1 2 3 4 5 6 8 9 7 10 11 13 15 17 19 20 12 14 16 18 (1x) shape 0.10 c a b
TQP9111 1.8? C ?2.7 ghz 2 watt power amplifier advanced data sheet: rev . e 09 - 17 - 15 - 12 of 12 - disclaimer: subject to change without notice ? 2015 triquint semiconductor, inc www. qorvo .com / www.qorvo.com product compliance information esd sensitivity ratings caution! esd - sensitive device esd class : class 1c volt. range : 1000?v to < 2000?v solderability compatible with both lead - free (260 c max. reflow temperature) and tin/lead (245 c max. reflow temperature) soldering processes. package lead plating: electrolytic plated au over ni rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). this product also has the following attributes: ? ? ? 15 h 12 br 4 0 2 ) free ? ? msl rating msl rating : level 3 test: 260c convection reflow standard: jedec standard ipc/jedec j - std - 020 contact information for the latest specifications, additional product information, worldwide sales and distribution locations: web: www.triquint.com tel: 877 - 800 - 8584 email: customer.support@qorvo.com for information about the merger of rfmd and triquint as qorvo: web: www.qorvo.com for technical questions and application information: email: sjcapplications.engineering@qorvo.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the information contained herein. triquint assumes no responsibility or liability whatsoever for any of the information contained herein. triquint assumes no responsibility or liability whatsoever for the use of the informa tion contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the user. all information contained herein is subject to change without notic e. customers should obtain and verify the latest relevant information before placing orders for triquint products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, l icenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. triquint products are not warranted or authorized for use as critical components in medical, life - saving, or lif e - sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


▲Up To Search▲   

 
Price & Availability of TQP9111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X