Part Number Hot Search : 
14R12 KI5904DC MAX150 85C22 E005916 B104K 2SC5342M 04470
Product Description
Full Text Search
 

To Download SQF-SMSM4-64G-S9E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 1 of 25 jun. 8 , 2015 msata 63 0 datasheet ( sqf - s ms xx - x g - s 9 x )
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 2 of 25 jun. 8 , 2015 contents 1. overview ................................ ................................ ............................ 4 2. features ................................ ................................ ............................. 5 3. specification table ................................ ................................ ............ 6 4. general description ................................ ................................ .......... 8 5. pin assignment and description ................................ ................... 10 5.1 msata interface pin assignments ................................ ................................ ................ 10 6. identify device data ................................ ................................ ........ 12 7. ata command set ................................ ................................ .......... 16 8. system power consumption ................................ ......................... 22 8.1 supply voltage ................................ ................................ ................................ .............. 22 8.2 power consumption ................................ ................................ ................................ ...... 22 9. physical dimension ................................ ................................ ........ 23 appendix: part number table ................................ ........................... 24
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 3 of 25 jun. 8 , 2015 revision history rev. date history 0.1 201 4/2/17 1. 1 st draft 0.2 2014/04/03 1. u pdate information 0.3 2014/12/25 1. add 1 - ch 8g mlc 0.4 2015/2/6 1. update write protect pin description 0.5 2015/6/8 1. correct the description of write protect jumper advantech reserves the right to make changes without further notice to any products or data herein to improve reliability, function, or design. information furnished by advantech is believed to be accurate and reliable. however, advantech does not assure any liability arising out of the application or use of this information, nor the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. copyright ? 1983 - 20 10 advantech co., ltd. all rights reserve d.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 4 of 25 jun. 8 , 2015 1. overview advantech sqflash 630 series msata delivers all the advantages of flash disk technology with the serial ata ii i (6.0gb) interface, fully compliant with standard msata form factor . the sqf - sms is based on the msata form factor which is gene rated by jedec and could provid e a wide range capacity from 1 gb to 32 gb for slc, 2gb to up to 64 gb for ultra mlc, and 4 gb to up to 128 gb for mlc . also it can reach more than 480 mb/s read as well as 1 8 0mb /s write high performanc e even based on mlc flash. th e power consumption of flash disk is also much lower than traditional hard drive.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 5 of 25 jun. 8 , 2015 2. features ? standard sata interface C support sata 1.5/ 3.0 /6.0 gbps interface C sata revision 3.0 compliant ? operating voltage ? support 72 bit ecc correct per 1 k byte data ? trim ? hardware write protect supported C pin header type: default on short position for write protect disable ? temperature ranges C commercial temperature 0 to 70 for operating - 40 to 85 for storage C industrial temperature - 40 to 85 for opera ting - 40 to 85 for storage ? mechanical specification C shock 1,5 00g / 0.5ms C vibration 20 g / 8 0~2 , 000hz ? humidty C humidity 5% ~ 95% under 55 ? endurance : > 2,000,000 program/erase cycles C this is a test result of the whole sqflash drive. the test is to keep wri ting a fixed logical block address (lba) and see if any bad blocks occur after 2m cycles. with wear - lev elling mechanism , although the disk was ke pt writing the same lba but the physical block changes per block writing. so this test also proves that wear - le veling is really working, or the block would be wearout after its designated life cycles. ? data retention C 10 years ? acquired rohs ? acoustic ? dimension
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 6 of 25 jun. 8 , 2015 3. specification table ? performance sequential performanc e (mb/sec) random performance (iops @4k) read write read write slc 1 gb 33.83 21.16 6,994 2,533 2 gb 67.44 41 .19 13,65 2 4,531 4 gb 133.40 90.05 20,987 14,687 8 gb 286.40 86.94 40,832 18,468 16 gb 523.00 153.00 36,608 27,392 32 gb 503.70 148.00 41,779 27,238 64 gb 509.50 152.20 36,762 27,418 ultra mlc 2 gb 153.10 52.93 24,105 8,609 4 gb 301.20 96.34 43,366 18, 381 8 gb 310.00 100.00 42,000 23,726 16 gb 495.40 160.50 46,797 27,930 32 gb 491.80 185.60 39,450 24,072 64 gb 488.50 182.80 33,178 16,399 128 gb 524.10 196.70 36,147 27,904 mlc 4 gb 150.40 49.93 22,612 4,155 8 gb (1ch) 123.60 41.98 20,728 9,3 92 8 gb (2ch) 290.00 97.24 41,037 7,414 16 gb 522.10 184.10 48,410 28,698 32 gb 484.60 153.80 46,797 28,083 64 gb 484.70 194.30 39,757 24,527 128 gb 482.80 182.90 33,152 24,000 256 gb 514.90 193.80 36,122 27,341 * all performance above are tes ted with ahci mode.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 7 of 25 jun. 8 , 2015 ? endurance according to jedec subcommittee jc - 64.8, the actual endurance of flash storage can be presented by terabyte write (tbw), which is measured by nand flash physical endurance, wear - leveling efficiency (wle) and write amplifica tion factor (waf) of specific capacities with following formula. tbw = [(nand flash physical endurance) x capacity x wle] / waf ? tbw of sequential writing wle waf tbw slc ultra mlc mlc 1 gb 0.9130 1.1013 8 0 -- -- 2 gb 0.9130 1.1017 161 32 -- 4 gb 0.9130 1.1025 323 64 9 8 gb 0.9120 1.1026 646 129 19 16 gb 0.9120 1.1031 1291 258 38 32 gb 0.9120 1.1029 2584 516 77 64 gb 0.9110 1.1039 5157 1031 154 128 gb 0.9110 1.1039 -- 2603 309 256 gb 0.9100 1.1041 -- -- 618 ? tbw of random writing wle waf tbw slc ultra mlc mlc 1 gb 0.9130 1.2176 73 -- -- 2 gb 0.9130 1.2837 138 27 -- 4 gb 0.9130 1.3034 273 54 8 8 gb 0.9120 1.3278 536 107 16 16 gb 0.9120 2.2323 638 127 19 32 gb 0.9120 2.3535 121 0 242 36 64 gb 0.9110 2.4396 2333 466 70 128 gb 0 .9110 2.3141 -- 984 147 256 gb 0.9100 2.2614 -- -- 301
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 8 of 25 jun. 8 , 2015 4. general description ? advanced nand flash controller advantech sqflash 630 series msata in clude s bad block management algorithm, wear le veling algorithm , error detection / corr ection code (edc/ecc) a lgorithm , fragment writing technology, and guaranteedflush technology. ? bad block management bad blocks are blocks that contain one or more invalid bits of which the reliability is not guaranteed. bad blocks may be representing when flash is shipped and ma y developed during life time of the device. advantech sqflash 630 series msata implement an efficient bad block management algorithm to detect the factory produced bad blocks and manages any bad blocks that may develop over the life time of the device. thi s process is completely transparent to the user, user will not aware of the existence of the bad blocks during operation. ? wear leveling nand type flash have individually erasable block s, each of which can be put through a finite number of erase cycles bef ore becoming unreliable. it means after certain cycles for any given block, errors can be occurred in a much higher rate compared wi th typical situation. u n fortunately, in the m ost of cases, the flash media will not been used evenly. for certain area, like file system, the data gets updated much frequently th a n other area. flash media will rapidly wear out in place without any rotation. wear leveling attempts to work around these limitations by arranging data so that erasures and re - writes are distributed e venly across the full medium. in this way, no single sector prematurely fails due to a high concentration of program/erase cycles. advantech sqflash 630 series msata provide s advanced wear leveling algorithm, which can efficiently spread out the flash usag e through the whole flash media area. by implement both dynamic and static wear leveling algorithms, the life expectancy of the flash media can be improved significantly. ? error detection / correction advantech sqflash 630 series msata utilize s bch ecc alg orithm which offers one of the most powerful ecc algorithms in the industry . this algorithm can support 72 bit ecc correct per 1 k byte data . ? hardware write protect pin a 2 - pin header is mounted and connected to controller reserved gpio for the driv e write protection. when the pins are opened , all of the write command will be carried to a buffer area without real programming to the flash ic. so the data won t be saved in this mode and will be totally discarded upon power shutting down . ? sophisticate product management systems since industrial application require much more reliable devices compare with consumer product, a more sophisticate d product management system become necessary for industrial customer requirement . the key to providing reliable dev ices is product traceability and failure analysis system. by implement such systems end customer can expect much more reliable product.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 9 of 25 jun. 8 , 2015 ? block diagram ? lba value density lba 1 gb 1,974,672 2 gb 3,928,176 4 gb 7,835,184 8 gb 15,649,200 16 gb 31,277,232 32 gb 62,533,296 64 gb 125,045,424 128 gb 250,069,680 256 gb 500,118,192.00
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 10 of 25 jun. 8 , 2015 5. pin assignment and description 5.1 msata interface pin assignments pin # function description 1 nc no connect 2 +3.3v 3.3v source 3 nc no connect 4 dgnd digi tal gnd 5 nc no connect 6 nc no connect 7 nc no connect 8 nc no connect 9 dgnd digital gnd 10 nc no connect 11 nc no connect 12 nc no connect 13 nc no connect 14 nc no connect 15 dgnd digital gnd 16 nc no connect 17 nc no connect 18 dgnd di gital gnd 19 nc no connect 20 nc no connect 21 sata gnd sata ground return pin 22 nc no connect 23 b+ host receiver differential signal pair 24 +3.3v 3.3v source 25 b - host receiver differential signal pair 26 sata gnd sata ground return pin 27 sa ta gnd sata ground return pin 28 nc no connect 29 sata gnd sata ground return pin 30 nc no connect 31 a - host transmitter differential signal pair 32 nc no connect 33 a+ host transmitter differential signal pair 34 dgnd digital gnd 35 sata gnd sata ground return pin 36 nc no connect 37 sata gnd sata ground return pin 38 nc no connect 39 +3.3v 3.3v source 40 dgnd digital gnd 41 +3.3v 3.3v source 42 nc no connect 43 nc no connect 44 devslp enter/exit devsleep 45 nc reserved pin 46 nc no con nect
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 11 of 25 jun. 8 , 2015 47 nc reserved pin 48 nc no connect 49 da/dss device activity signal 50 dgnd digital gnd 51 gnd default connect to gnd 52 +3.3v 3.3v source
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 12 of 25 jun. 8 , 2015 6. identify device data the identity device data enables host to receive parameter information from the device. the parameter words in the buffer have the arrangement and meanings defined in below table. all reserve bits or words are zero word address default value data field type information 0 0040h general configuration bit - significant information 1 *1 obsolete C C C *1 obsolete C C C *2 obsolete C *3 maximum number of sector ( 28bit lba mode) 62 0000h obsolete 63 0407h multi - word dma modes supported/selected 64 0003h pio modes supported 65 0078h minimum multiword dma transfer cycle time per word 66 0078h manufacturers recommended multiword dma tr
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 13 of 25 jun. 8 , 2015 69 0100h additional supported (support download microcode dma) 70 0000h reserved 71 - 74 0000h reserved for the identify packet device command 75 001fh queue depth 76 670eh serial sata capabilities 77 0084h serial ata additional capabilities 78 014ch serial ata features supported 79 0040h serial ata features enabled 80 07f8h major version number 81 0000h minor version number 82 346bh command set supported 83 7d09h command set supported 84 6 063h command set/feature supported extension 85 3469h command set/feature enabled 86 bc01h command set/feature enabled 87 6 063h command set/feature default 88 003 fh ultra dma modes 89 00 01 h time required for security erase unit completion 90 001eh time required for enhanced security erase completion 91 0000h current advanced power management value 92 fffeh master password revision code 93 0000h hardware reset result. the contents of the bits (12:0) of this word can be changed only during the execution of hardware reset. 94 0000h vendors recommended and actual acoustic management value 95 0000h stream minimum request size 96 0000h streaming transfer time C d ma 97 0000h streaming access latency C dma and pio 98 - 99 0000h streaming performance granularity 100 - 103 *4 maximum user lba for 48 bit address feature set 104 0000h streaming transfer time C pio 105 0008h maximum number of 512 - byte blocks per data se t management command 106 4000h physical sector size/logical sector size 107 0000h inter - seek delay for iso - 7779 acoustic testing in microseconds 108 - 111 0000h unique id 112 - 11 6 0000h reserved 117 - 118 0000h words per logical sector 119 4014h supported settings
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 14 of 25 jun. 8 , 2015 120 4014h command set/feature enabled/supported 121 - 126 000 0h reserved 127 000 0h removable media status notification feature set support 128 0021h security status 129 - 1 40 000 0h vendor specific 141 0001h vendor specific 142 - 159 000 0h vendor specific 160 000 0h compact flash association (cfa) power mode 1 161 - 167 000 0h reserved for assignment by the cfa 168 3h 2.5 inch 4h 1.8 inch 5h less than 1.8 inch device nominal form factor 169 0001h data set management command is supported 170 - 17 3 000 0h additional product identifier 174 - 175 000 0h reserve 176 - 205 000 0h current media serial number 206 000 0h sct command transport 207 - 208 000 0h reserved 209 4000h alignment of logical blocks within a physical block 210 - 211 0000h write - read - veri fy sector count mode 3 (not support) 212 - 213 0000h write - read - verify sector count mode 2 (not support) 214 - 216 0000h nv cache relate (not support) 217 0001h non - rotating media device 218 000 0h reserved 219 000 0h nv cache relate (not support) 220 000 0 h write read verify feature set current mode 221 000 0h reserved 222 107fh transport major version number 223 000 0h transport minor version number 224 - 229 000 0h reserved 230 - 233 000 0h extend number of user addressable sectors 234 0001h minimum number of 512 - byte data blocks per download microcode command for mode 03h 235 0080h maximum number of 512 - byte data blocks per download microcode command for mode 03h 236 - 254 000 0h reserved 255 xxa5h xx is variable integrity word (checksum and signature) c apacity (gb) *1 (word 1 / 54) *2 (word 57 - 58) *3 (word 60 - 61) *4 (word 100 C 103) 1 7a7h 1e2190h 1e2190h 1e2190h 2 f39h 3bf070h 3bf070h 3bf070h
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 15 of 25 jun. 8 , 2015 4 1e5dh 778e30h 778e30h 778e30h 8 3ca5h eec9b0h eec9b0h eec9b0h 16 3fffh fbfc10h 1dd40b0h 1dd40b0h 32 3fffh fbfc10h 3ba2eb0h 3ba2eb0h 64 3fffh fbfc10h 7740ab0h 7740ab0h
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 16 of 25 jun. 8 , 2015 7. ata command se t [ command set list] op - code command description 06h data set management 10h - 1fh recalibrate 20h read sectors 21h read sectors without retry 24h read sectors ext 25 h read dma ext 27h read native max address ext 29h read multiple ext 2fh read log ext 30h write sectors 31h write sectors without retry 34h write sectors ext 35h write dma ext 37h set native max address ext 39h write multiple ext 3dh write dma fu a ext 3fh write long ext 40h read verify sectors 41h read verify sectors without retry 42h read verify sectors ext 60h read fpdma queued 61h write fpdma queued 70h seek 90h execute device diagnostic 91h initialize device parameters 92h download m icrocode b0h smart c4h read multiple c5h write multiple c6h set multiple mode c8h read dma c9h read dma without retry cah write dma cbh write dma without retry ceh write multiple fua ext e0h standby immediate e1h idle immediate e2h standby e3h idle e4h read buffer e5h check power mode e6h sleep e7h flush cache e8h write buffer eah flush cache ext ech identify device efh set features
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 17 of 25 jun. 8 , 2015 f1h security set password f2h security unlock f3h security erase prepare f4h security erase unit f5h security freeze lock f6h security disable password f8h read native max address f9h set max address note : nd = non - data command pi = pio data - in command po = pio data - out command dm = dma command dd = execute diagnostic command [ command set descrip tion s ] 1. check power mode (code: e5h) ; this command allow host to determine the current power mode of the device . 2. download microcode (code: 9 2 h); this command enable the host to alter the device s microcode. the data transferred using the download mic rocode command is vendor specific. all transfers shall be an integer multiple of the sector size. the size of the data transfer is determined by the content of the lba low register and the sector count register. this allows transfer sizes from 0 bytes to 3 3,553,920 bytes, in 512bytes increments. 3 . execute device diagnostic (code: 90h); this command performs the internal diagnostic tests implemented by the module. 4 . flush cache (code: e7 h); this command used by the host to request the device to flush the write cache. 5 . flush cache ext (code: e a h); this command is used by the host to request the device to flush the write cache. i f there is data in the write cache, that data shall be written to the media. 6 . identify device (code: ech); the identify devi ce command enables the host to receive parameter information from the module. 7 . idle (code: 97h or e3h); this command allows the host to place the module in the i dle mode and also set the standby timer. intrq may be asserted even through the module may n ot have fully transitioned to i dle mode. if the sector count register is non - 0 , then the standby timer shall be enabled. the value in the sector count register shall be used to determine the time programmed into the standby timer. if the sector count reg ister is 0 then the standby timer is disabled. 8 . idle immediate (code: e1h); this command causes the module to set bsy, enter the idle (read) mode, clear bsy and generate an interrupt. 9 . initialize device parameters (code: 91h); this command enables the host to set the number of sectors per track and the number of heads per cylinder.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 18 of 25 jun. 8 , 2015 10 . nop (code: 00h); if this command is issued, the module respond with command aborted. 11 . read buffer (code: e4h); this command enables the host to read the current contents of the module's sector buffer. 12 . read dma (code: c8h or c9h); this command reads from 1 to 256 sectors as specified in the sector count register using the dma data transfer protocol. a sector count of 0 requests 256 sectors transfer. th e transfer begins at the sector specified in the sector number register. 1 3 . read dma ext (code: 25 h); this command allows the host to read data using the dma data transfer protocol. 1 4 . read multiple (code: c4h); this command performs similarly to the r ead sectors command. interrupts are not generated on each sector, but on the transfer of a block which contains the number of sector per block is defined by the content of word 59 in the identify device response. 1 5 . read multiple ext (code: 2 9 h); this co mmand performs similarly to the read sectors command. the number of sectors per block is defined by a successful set multiple command. i f no successful set multiple command has been issued, the block is defined by the device s default value for number of s ectors per block as defined in bits (7:0) in word 47 in the identify device information. 1 6 . read native max address (code: f8h); this command returns the native maximum address. t he native maximum address is the highest address accepted by the device in the factory default condition. 1 7 . read native max address ext (code: 27 h); this command returns the native maximum address. 1 8 . read sector(s) (code: 20h or 21h); this command reads from 1 to 256 sectors as specified in the sector count register. a sector count of 0 requests 256 sectors transfer. the transfer begins at the sector specified in the sector number register. 1 9 . read sector(s) ext (code: 24 h); this command reads from 1 to 65536 sectors as specified in the sector count register. a sector count of 0 requests 65536 sectors transfer. the transfer begins at the sector specified in the sector number register. 20 . read verify sector(s) (code: 40h or 41h); this command is identical to the read sectors command, except that drq is neve r set and no data is transferred to the host. 21 . read verify sector(s) ext (code: 4 2 h); this command is identical to the read sectors command, except that drq is never set and no data is transferred to the host. 22 . recalibrate (code: 1 x h); this command return value is select address mode by the host request.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 19 of 25 jun. 8 , 2015 23 . security disable password (code: f6 h); this command transfers 512 bytes of data from the host. table defines the content of this information. i f the password selected by word 0 match the passwo rd previously saved by the device, the device shall disable the lock mode. this command shall not change the master password. t he master password shall be reactivated when a user password is set. 24 . security erase prepare (code: f3h) ; this command shall be issued immediately before the security erase unit command to enable device eraseing and unlocking. 25 . security erase unit (code: f4h); this command transfer 512 bytes of data from the host. table## defines the content of this information. i f the passw ord does not match the password previously saved by the device, the device shall reject the command with command aborted. t he security erase prepare command shall be completed immediately prior to the security erase unit command. 26 . security freeze lock (code: f5h) ; this command shall set the device to f rozen mode. after command completion any other commands that update the device lock mode shall be command aborted. frozen shall be disabled by power - off or hardware reset. if security freeze lock is issued when the drive is in frozen mode, the drive executes the command and remains in frozen mode. 2 7 . security set password (code: f1h) ; this command transfer 512 bytes of data from the host. table defines the content of this information. t he data transferred controls the function of this command. table defines the interaction of the identifier and security level bits. 2 8 . security unlock (code: f2h) ; this command transfer 512 bytes of data from the host. table (as disable password) defines the content of thi s information. i f the identifier bit is set to master and the device is in high security level, then the password supplied shall be compared with the stored master password. i f the device is in maximum security level then the unlock shall be rejected. i f the identifier bit is set to user then the device shall compare the supplied password with the stored user password. i f the password compare fails then the device shall return command aborted to the host and decrements the unlock counter. t his counter shal l be initially set to five and shall be decremented for each password mismatch when security unlock is issued and the device is locked. when this counter reachs zero then security unlock and security erase unit command shall be aborted unitl a power - on or a hardware reset. 2 9 . seek (code: 7xh); this command performs a ddress range check. 30 . set max address (code: f9 h); after successful command completion, all read and write access attempts to address greater than specified by the successful set max addres s command shall be rejected with an idnf error. identify device response words (61:60) shall reflect the maximum address set with this command. 31 . set max address ext (code: 37 h); after successful command completion, all read and write access attempts to address greater than specified by the successful set max address command shall be rejected with an idnf error. identify device response words (61:60) shall reflect the maximum address set with this command.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 20 of 25 jun. 8 , 2015 32 . set feature (code: efh); t his command is us ed by the host to establish parameters that affect the execution of certain device features. 33 . set multiple mode (code: c6h); this command enables the device to perform read and write multiple operations and establishes the block count for these command s. 34 . sleep (code: 99h or e6h ); this command causes the module to set bsy, enter the sleep mode, clear bsy and generate an interrupt. 35 . smart read data (code: b0 h with feature register value of d0h ); this command returns the device smart data structu re to the host . 36 . smart enable/disable auto save (code: b0 h with feature register value of d2h ); this command enables and disables the optional attribute autosave feature of the device . 37 . smart execute off_line (code: b0 h with feature register value of d4h ); this command cause the device to immediately initiate the optional set of activities that collect smart data in an off - line mode and then save this data to the device s non - volatile memory, or execute a self - diagnostic test routine in either capti ve or off - line mode. 3 8 . smart read log (code: b0 h with feature register value of d5h ); this command returns the specified log data to the host. 3 9 . smart enable operation (code: b0 h with feature register value of d8h ); this command enables access to all smart capabilities within the device. prior to receipt of this command smart data are neither monitored nor saved by the device. 40 . smart disable operation (code: b0 h with feature register value of d9h ); this command disables all smart capabilities with in the device including any and all timer and event count functions related exclusively to this feature. a fter command acceptance the device shall disable all smart operations. a fter receipt of this command by the device, all other smart commands including smart disable operation commands, with exception of smart enable operations, are disabled and invalid and shall be command aborted by the device . 41 . smart return status (code: b0 h with feature register value of dah ); this command cause the device to com municate the reliability status of the device to the host. 42 . standby (code: e2h); this command causes the module to set bsy, enter the standby mode, clear bsy and return the interrupt immediately. 43 . standby immediate (code: e0h); this command causes the module to set bsy, enter the standby mode, clear bsy and return the interrupt immediately. 44 . write buffer (code: e8h); this command enables the host to overwrite contents of the modules sector buffer with any data pattern desired. 45 . writr dma (c ode: cah or cbh);
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 21 of 25 jun. 8 , 2015 this command writes from 1 to 256 sectors as specified in the sector count register using the dma data transfer protocol. a sector count of 0 requests 256 sectors transfer. the transfer begins at the sector specified in the sector number register. 46 . writr dma ext (code: 35 h); this command writes from 1 to 65536 sectors as specified in the sector count register using the dma data transfer protocol. a sector count of 0 requests 65536 sectors transfer. the transfer begins a t the sector specified in the sector number register. 47 . write multiple (code: c5h); this command is similar to the write sectors command. interrupts are not presented on each sector, but on the transfer of a block which contains the number of sectors de fined by set multiple command. 48 . write multiple ext (code: 39 h); this command is similar to the write sectors command. interrupts are not presented on each sector, but on the transfer of a block which contains the number of sectors defined by set multip le command. 49 . w rite sector(s) (code: 30h ); this command writes from 1 to 256 sectors as specified in the sector count register. a sector count of 0 requests 256 sectors transfer. the transfer begins at the sector specified in the sector number r egister. 50 . write sector(s) ext (code: 3 4 h); this command writes from 1 to 65536 sectors as specified in the sector count register. a sector count of 0 requests 65536 sectors transfer. the transfer begins at the sector specified in the sector num ber register. 51 . write sector(s) w/o erase (code: 3 8 h); this command writes from 1 to 256 sectors as specified in the sector count register. a sector count of 0 requests 256 sectors transfer. the transfer begins at the sector specified in the sec tor number register. 52 . write verify (code: 3ch); this command is similar to the write sector(s) command, except that each sector is verified before the command is completed.
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 22 of 25 jun. 8 , 2015 8. system power consumption 8.1 supply voltage parameter rating operating voltage 3.3 v 8.2 power consumption ma read write idle slumber slc 1 gb 169.70 172.73 79.90 9.60 2 gb 193.94 184.85 76.20 8.90 4 gb 193.94 234.85 76.00 8.80 8 gb 275.76 287.88 84.85 9.09 16 gb 298.48 300.00 84.85 9.09 32 gb 363.64 393.94 84.85 9.09 64 gb 439.39 424.24 84.85 9.09 ultra mlc 2 gb 239.39 203.03 78.79 12.12 4 gb 304.55 245.45 78.79 12.12 8 gb 460.61 339.39 78.79 15.15 16 gb 412.12 339.39 78.79 19.70 32 gb 406.06 343.94 78.79 21.21 64 gb 496.97 366.67 84.85 22.73 128 gb 566.67 403.03 84.85 22.73 mlc 4 gb 236.36 198.48 76.36 7.88 8 gb 250.00 250.00 75.76 7.58 16 gb 436.36 265.15 76.67 8.79 32 gb 413.64 345.45 76.67 8.18 64 gb 459.09 368.18 76.06 7.88 128 gb 533.33 427.27 85.76 8.79 256 gb 593 .94 524.24 85.76 10.30
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 23 of 25 jun. 8 , 2015 9. physical dimension msata (unit: mm)
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 24 of 25 jun. 8 , 2015 appendix: part number table slc product advantech pn sqf msata 630 1 g slc (0~ 70 c) sqf - sms s 1 - 1 g - s 9 c sqf msata 630 2 g slc ( 0~70 c) sqf - sms s 2 - 2 g - s 9 c sqf msata 630 4 g slc ( 0~70 c) sqf - sms s 4 - 4 g - s 9 c sqf msata 630 8 g slc ( 0~70 c) sqf - sms s 2 - 8 g - s 9 c sqf msata 630 16 g slc ( 0~70 c) sqf - sms s 4 - 16 g - s 9 c sqf msata 630 32 g slc ( 0~70 c) sqf - sms s 4 - 32 g - s 9 c sqf msata 630 64 g slc ( 0~70 c) sqf - sms s 4 - 64 g - s 9 c sqf msata 630 1 g slc ( - 40~85 c) sqf - sms s 1 - 1 g - s9e sqf msata 630 2 g slc ( - 40~85 c) sqf - sms s 2 - 2 g - s9e sqf msata 630 4 g slc ( - 40~85 c) sqf - sms s 4 - 4 g - s9e sqf msata 630 8 g slc ( - 40~85 c) sqf - sms s 2 - 8 g - s9e sqf msata 630 16 g slc ( - 40~85 c) sqf - sms s 4 - 16 g - s9e sqf msata 630 32 g slc ( - 40~85 c) sqf - sms s 4 - 32 g - s9e sqf msata 630 64 g slc ( - 40~85 c) sqf - sms s 4 - 64 g - s9e ultra mlc product advantech pn sqf msata 630 2 g umlc (0~ 70 c) sqf - smsu 1 - 2 g - s 9 c sqf msata 630 4 g umlc ( 0~70 c) sqf - smsu 2 - 4 g - s 9 c sqf msata 630 8 g umlc (0~ 70 c) sqf - smsu 4 - 8 g - s 9 c sqf msat a 630 16 g umlc ( 0~70 c) sqf - smsu4 - 16 g - s9 c sqf msata 630 32 g umlc ( 0~70 c) sqf - smsu4 - 32 g - s 9 c sqf msata 630 64 g umlc ( 0~70 c) sqf - smsu4 - 64 g - s 9 c sqf msata 630 128 g umlc ( 0~70 c) sqf - smsu4 - 128 g - s 9 c sqf msata 630 2 g umlc ( - 40~85 c) sqf - smsu 1 - 2 g - s 9e sqf msa ta 630 4 g umlc ( - 40~85 c) sqf - smsu 2 - 4 g - s 9e sqf msata 630 8 g umlc ( - 40~85 c) sqf - smsu 4 - 8 g - s 9e sqf msata 630 16 g umlc ( - 40~85 c) sqf - smsu4 - 16 g - s9e sqf msata 630 32 g umlc ( - 40~85 c) sqf - smsu4 - 32 g - s 9e sqf msata 630 64 g umlc ( - 40~85 c) sqf - smsu4 - 64 g - s 9e sq f msata 630 128 g umlc ( - 40~85 c) sqf - smsu4 - 128 g - s 9e
sqflash msata 630 specifications subject to change without notice, contact your sales representatives for the most update information. rev 0.5 page 25 of 25 jun. 8 , 2015 m lc product advantech pn sqf msata 630 4 g mlc (0~ 70 c) sqf - smsm 1 - 4 g - s9 c sqf msata 630 8 g 1ch mlc (0~ 70 c) sqf - smsm 1 - 8 g - s9 c sqf msata 630 8 g mlc (0~ 70 c) sqf - smsm 2 - 8 g - s9 c sqf msata 630 16g mlc (0~ 70 c) sqf - smsm 4 - 16 g - s9 c sqf msata 630 32 g mlc ( 0~70 c) sqf - smsm 4 - 32 g - s9 c sqf msata 630 64 g mlc ( 0~70 c) sqf - smsm 4 - 64 g - s9 c sqf msata 630 128 g mlc ( 0~70 c) sqf - smsm 4 - 128 g - s9 c sqf msata 630 256 g mlc ( 0~70 c) sqf - smsm 4 - 256 g - s9 c sqf msata 630 4 g mlc ( - 40~85 c ) sqf - smsm 1 - 4 g - s9e sqf msata 630 8 g 1ch mlc ( - 40~85c ) sqf - smsm 1 - 8 g - s9e sqf msata 630 8 g mlc ( - 40~85c ) sqf - smsm 2 - 8 g - s9e sqf msata 630 16g mlc ( - 40~85c ) sqf - smsm 4 - 16 g - s9e sqf msata 630 32 g mlc ( - 40~85c ) sqf - smsm 4 - 32 g - s9e sqf msata 630 64 g mlc ( - 40~ 85c ) sqf - smsm 4 - 64 g - s9e sqf msata 630 128 g mlc ( - 40~85c ) sqf - smsm 4 - 128 g - s9e sqf msata 630 256 g mlc ( - 40~85c ) sqf - smsm 4 - 256 g - s9e


▲Up To Search▲   

 
Price & Availability of SQF-SMSM4-64G-S9E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X