Part Number Hot Search : 
1N6765 RCA9228A SMM4F13A C4487 XN0111MG XC3064A 1N4734A LM2576D
Product Description
Full Text Search
 

To Download SMDJ10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  working voltage: 5.0 to 440 v peak pulse power: 3000 w note: (3)v f <3.5v for devices of v br <200v and v f <5.0v for devices of v br >201v (1)non-repetitive current pulse per fig.5 and derated above t a = 25 c per fig.1 (2)measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum maximum instantaneous forward voltage at 100a for unidirectional only (3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg 55 to +150 c power dissipation on infinite heatsink at t l = 75 c p d 6.5 w peak forward surge current, 8.3 ms single half sine- wave unidirectional only (2) i fsm 300 a peak power dissipation with a 10/1000s waveform (1) p pp 3000 w peak pulse current wih a 10/1000s waveform (1) i pp see next table a except bipolar mounting position: any maximum ratings(t a =25 unless otherwise noted) parameter symbol value unit lead: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mechanical data case: molded plastic epoxy: ul 94v-0 rate flame retardant 3000 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle):0.01 % low leakage uni and bidirectional unit excellent clamping capability very fast response time rohs compliant smdj series surface mount transient voltage suppressors features smc/ do-214ab glass passivated chip ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70301 -p1 working voltage: 5.0 to 440 v peak pulse power: 3000 w note: (3)v f <3.5v for devices of v br <200v and v f <5.0v for devices of v br >201v (1)non-repetitive current pulse per fig.5 and derated above t a = 25 c per fig.1 (2)measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum maximum instantaneous forward voltage at 100a for unidirectional only (3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg 55 to +150 c power dissipation on infinite heatsink at t l = 75 c p d 6.5 w peak forward surge current, 8.3 ms single half sine- wave unidirectional only (2) i fsm 300 a peak power dissipation with a 10/1000s waveform (1) p pp 3000 w peak pulse current wih a 10/1000s waveform (1) i pp see next table a except bipolar mounting position: any maximum ratings(t a =25 unless otherwise noted) parameter symbol value unit lead: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mechanical data case: molded plastic epoxy: ul 94v-0 rate flame retardant 3000 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle):0.01 % low leakage uni and bidirectional unit excellent clamping capability very fast response time rohs compliant smdj series surface mount transient voltage suppressors features smc/ do-214ab glass passivated chip
uni bi min (v) max (v) i t (ma) smdj5.0 smdj5.0c rdd ddd 6.40 7.30 10 800 5.0 312.50 9.6 smdj5.0a smdj5.0ca rde dde 6.40 7.00 10 800 5.0 326.09 9.2 smdj6.0 smdj6.0c rdf ddf 6.67 8.15 10 800 6.0 263.16 11.4 smdj6.0a smdj6.0ca rdg ddg 6.67 7.37 10 800 6.0 291.26 10.3 smdj6.5 smdj6.5c rdh ddh 7.22 8.82 10 500 6.5 243.90 12.3 smdj6.5a smdj6.5ca rdk ddk 7.22 7.98 10 500 6.5 267.86 11.2 smdj7.0 smdj7.0c rdl ddl 7.78 9.51 10 200 7.0 225.56 13.3 smdj7.0a smdj7.0ca pdm ddm 7.78 8.60 10 200 7.0 250.00 12.0 smdj7.5 smdj7.5c pdn ddn 8.33 10.20 1 100 7.5 209.79 14.3 smdj7.5a smdj7.5ca pdp ddp 8.33 9.21 1 100 7.5 232.56 12.9 smdj8.0 smdj8.0c pdq ddq 8.89 10.90 1 50 8.0 200.00 15.0 smdj8.0a smdj8.0ca pdr ddr 8.89 9.83 1 50 8.0 220.59 13.6 smdj8.5 smdj8.5c pds dds 9.44 11.50 1 20 8.5 188.68 15.9 smdj8.5a smdj8.5ca pdt ddt 9.44 10.40 1 20 8.5 208.33 14.4 smdj9.0 smdj9.0c pdu ddu 10.00 12.20 1 10 9.0 177.51 16.9 smdj9.0a smdj9.0ca pdv ddv 10.00 11.10 1 10 9.0 194.81 15.4 SMDJ10 SMDJ10c pdw ddw 11.10 13.60 1 5 10.0 159.57 18.8 SMDJ10a SMDJ10ca pdx ddx 11.10 12.30 1 5 10.0 176.47 17.0 smdj11 smdj11c pdy ddy 12.20 14.90 1 2 11.0 149.25 20.1 smdj11a smdj11ca pdz ddz 12.20 13.50 1 2 11.0 164.84 18.2 smdj12 smdj12c ped ded 13.30 16.30 1 2 12.0 136.36 22.0 smdj12a smdj12ca pee dee 13.30 14.70 1 2 12.0 150.75 19.9 smdj13 smdj13c pef def 14.40 17.60 1 2 13.0 126.05 23.8 smdj13a smdj13ca peg deg 14.40 15.90 1 2 13.0 139.53 21.5 smdj14 smdj14c peh deh 15.60 19.10 1 2 14.0 116.28 25.8 smdj14a smdj14ca pek dek 15.60 17.20 1 2 14.0 129.31 23.2 smdj15 smdj15c pel del 16.70 20.40 1 2 15.0 111.52 26.9 smdj15a smdj15ca pem dem 16.70 18.50 1 2 15.0 122.95 24.4 smdj16 smdj16c pen den 17.80 21.80 1 2 16.0 104.17 28.8 smdj16a smdj16ca pep dep 17.80 19.70 1 2 16.0 115.38 26.0 smdj17 smdj17c peq deq 18.90 23.10 1 2 17.0 98.36 30.5 smdj17a smdj17ca per der 18.90 20.90 1 2 17.0 108.70 27.6 smdj18 smdj18c pes des 20.00 24.40 1 2 18.0 93.17 32.2 smdj18a smdj18ca pet det 20.00 22.10 1 2 18.0 102.74 29.2 smdj19 smdj19c pea dea 21.13 25.76 1 2 19.0 88.21 34.0 smdj19a smdj19ca peb deb 21.10 23.30 1 2 19.0 97.47 30.8 smdj20 smdj20c peu deu 22.20 27.10 1 2 20.0 83.80 35.8 smdj20a smdj20ca pev dev 22.20 24.50 1 2 20.0 92.59 32.4 smdj22 smdj22c pew dew 24.40 29.80 1 2 22.0 76.14 39.4 smdj22a smdj22ca pex dex 24.40 26.90 1 2 22.0 84.51 35.5 smdj24 smdj24c pey dey 26.70 32.60 1 2 24.0 69.77 43.0 smdj24a smdj24ca pez dez 26.70 29.50 1 2 24.0 77.12 38.9 smdj26 smdj26c pfd dfd 28.90 35.30 1 2 26.0 64.38 46.6 smdj26a smdj26ca pfe dfe 28.90 31.90 1 2 26.0 71.26 42.1 smdj28 smdj28c pff dff 31.10 38.00 1 2 28.0 60.00 50.0 smdj28a smdj28ca pfg dfg 31.10 34.40 1 2 28.0 66.08 45.4 smdj30 smdj30c pfh dfh 33.30 40.70 1 2 30.0 56.07 53.5 smdj30a smdj30ca pfk dfk 33.30 36.80 1 2 30.0 61.98 48.4 smdj33 smdj33c pfl dfl 36.70 44.90 1 2 33.0 50.85 59.0 smdj33a smdj33ca pfm dfm 36.70 40.60 1 2 33.0 56.29 53.3 smdj36 smdj36c pfn dfn 40.00 48.90 1 2 36.0 46.66 64.3 smdj36a smdj36ca pfp dfp 40.00 44.20 1 2 36.0 51.64 58.1 note: 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double electrical characteristics(t a =25 unless otherwise noted) part number (uni) part number (bi) device marking code breakdown voltage v br @i t maximum reverse leakage i r @v rwm (ua) working peak reverse voltage v rwm (v) maximum reverse surge current i pp (a) maximum clamping voltage v c @i pp (v) smdj series surface mount transient voltage suppressors ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70301 -p1 uni bi min (v) max (v) i t (ma) smdj5.0 smdj5.0c rdd ddd 6.40 7.30 10 800 5.0 312.50 9.6 smdj5.0a smdj5.0ca rde dde 6.40 7.00 10 800 5.0 326.09 9.2 smdj6.0 smdj6.0c rdf ddf 6.67 8.15 10 800 6.0 263.16 11.4 smdj6.0a smdj6.0ca rdg ddg 6.67 7.37 10 800 6.0 291.26 10.3 smdj6.5 smdj6.5c rdh ddh 7.22 8.82 10 500 6.5 243.90 12.3 smdj6.5a smdj6.5ca rdk ddk 7.22 7.98 10 500 6.5 267.86 11.2 smdj7.0 smdj7.0c rdl ddl 7.78 9.51 10 200 7.0 225.56 13.3 smdj7.0a smdj7.0ca pdm ddm 7.78 8.60 10 200 7.0 250.00 12.0 smdj7.5 smdj7.5c pdn ddn 8.33 10.20 1 100 7.5 209.79 14.3 smdj7.5a smdj7.5ca pdp ddp 8.33 9.21 1 100 7.5 232.56 12.9 smdj8.0 smdj8.0c pdq ddq 8.89 10.90 1 50 8.0 200.00 15.0 smdj8.0a smdj8.0ca pdr ddr 8.89 9.83 1 50 8.0 220.59 13.6 smdj8.5 smdj8.5c pds dds 9.44 11.50 1 20 8.5 188.68 15.9 smdj8.5a smdj8.5ca pdt ddt 9.44 10.40 1 20 8.5 208.33 14.4 smdj9.0 smdj9.0c pdu ddu 10.00 12.20 1 10 9.0 177.51 16.9 smdj9.0a smdj9.0ca pdv ddv 10.00 11.10 1 10 9.0 194.81 15.4 SMDJ10 SMDJ10c pdw ddw 11.10 13.60 1 5 10.0 159.57 18.8 SMDJ10a SMDJ10ca pdx ddx 11.10 12.30 1 5 10.0 176.47 17.0 smdj11 smdj11c pdy ddy 12.20 14.90 1 2 11.0 149.25 20.1 smdj11a smdj11ca pdz ddz 12.20 13.50 1 2 11.0 164.84 18.2 smdj12 smdj12c ped ded 13.30 16.30 1 2 12.0 136.36 22.0 smdj12a smdj12ca pee dee 13.30 14.70 1 2 12.0 150.75 19.9 smdj13 smdj13c pef def 14.40 17.60 1 2 13.0 126.05 23.8 smdj13a smdj13ca peg deg 14.40 15.90 1 2 13.0 139.53 21.5 smdj14 smdj14c peh deh 15.60 19.10 1 2 14.0 116.28 25.8 smdj14a smdj14ca pek dek 15.60 17.20 1 2 14.0 129.31 23.2 smdj15 smdj15c pel del 16.70 20.40 1 2 15.0 111.52 26.9 smdj15a smdj15ca pem dem 16.70 18.50 1 2 15.0 122.95 24.4 smdj16 smdj16c pen den 17.80 21.80 1 2 16.0 104.17 28.8 smdj16a smdj16ca pep dep 17.80 19.70 1 2 16.0 115.38 26.0 smdj17 smdj17c peq deq 18.90 23.10 1 2 17.0 98.36 30.5 smdj17a smdj17ca per der 18.90 20.90 1 2 17.0 108.70 27.6 smdj18 smdj18c pes des 20.00 24.40 1 2 18.0 93.17 32.2 smdj18a smdj18ca pet det 20.00 22.10 1 2 18.0 102.74 29.2 smdj19 smdj19c pea dea 21.13 25.76 1 2 19.0 88.21 34.0 smdj19a smdj19ca peb deb 21.10 23.30 1 2 19.0 97.47 30.8 smdj20 smdj20c peu deu 22.20 27.10 1 2 20.0 83.80 35.8 smdj20a smdj20ca pev dev 22.20 24.50 1 2 20.0 92.59 32.4 smdj22 smdj22c pew dew 24.40 29.80 1 2 22.0 76.14 39.4 smdj22a smdj22ca pex dex 24.40 26.90 1 2 22.0 84.51 35.5 smdj24 smdj24c pey dey 26.70 32.60 1 2 24.0 69.77 43.0 smdj24a smdj24ca pez dez 26.70 29.50 1 2 24.0 77.12 38.9 smdj26 smdj26c pfd dfd 28.90 35.30 1 2 26.0 64.38 46.6 smdj26a smdj26ca pfe dfe 28.90 31.90 1 2 26.0 71.26 42.1 smdj28 smdj28c pff dff 31.10 38.00 1 2 28.0 60.00 50.0 smdj28a smdj28ca pfg dfg 31.10 34.40 1 2 28.0 66.08 45.4 smdj30 smdj30c pfh dfh 33.30 40.70 1 2 30.0 56.07 53.5 smdj30a smdj30ca pfk dfk 33.30 36.80 1 2 30.0 61.98 48.4 smdj33 smdj33c pfl dfl 36.70 44.90 1 2 33.0 50.85 59.0 smdj33a smdj33ca pfm dfm 36.70 40.60 1 2 33.0 56.29 53.3 smdj36 smdj36c pfn dfn 40.00 48.90 1 2 36.0 46.66 64.3 smdj36a smdj36ca pfp dfp 40.00 44.20 1 2 36.0 51.64 58.1 note: 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double electrical characteristics(t a =25 unless otherwise noted) part number (uni) part number (bi) device marking code breakdown voltage v br @i t maximum reverse leakage i r @v rwm (ua) working peak reverse voltage v rwm (v) maximum reverse surge current i pp (a) maximum clamping voltage v c @i pp (v)
uni bi min (v) max (v) i t (ma) smdj40 smdj40c pfq dfq 44.40 54.30 1 2 40.0 42.02 71.4 smdj40a smdj40ca pfr dfr 44.40 49.10 1 2 40.0 46.51 64.5 smdj43 smdj43c pfs dfs 47.80 58.40 1 2 43.0 39.11 76.7 smdj43a smdj43ca pft dft 47.80 52.80 1 2 43.0 43.23 69.4 smdj45 smdj45c pfu dfu 50.00 61.10 1 2 45.0 37.36 80.3 smdj45a smdj45ca pfv dfv 50.00 55.30 1 2 45.0 41.27 72.7 smdj48 smdj48c pfw dfw 53.30 65.10 1 2 48.0 35.09 85.5 smdj48a smdj48ca pfx dfx 53.30 58.90 1 2 48.0 38.76 77.4 smdj51 smdj51c pfy dfy 56.70 69.30 1 2 51.0 32.93 91.1 smdj51a smdj51ca pfz dfz 56.70 62.70 1 2 51.0 36.41 82.4 smdj54 smdj54c rgd dgd 60.00 73.30 1 2 54.0 31.15 96.3 smdj54a smdj54ca rge dge 60.00 66.30 1 2 54.0 34.44 87.1 smdj58 smdj58c rgf dgf 64.40 78.70 1 2 58.0 29.13 103.0 smdj58a smdj58ca pgg dgg 64.40 71.20 1 2 58.0 32.05 93.6 smdj60 smdj60c rgh dgh 66.70 81.50 1 2 60.0 28.04 107.0 smdj60a smdj60ca pgk dgk 66.70 73.70 1 2 60.0 30.99 96.8 smdj64 smdj64c pgl dgl 71.10 86.90 1 2 64.0 26.32 114.0 smdj64a smdj64ca pgm dgm 71.10 78.60 1 2 64.0 29.13 103.0 smdj70 smdj70c pgn dgn 77.80 95.10 1 2 70.0 24.00 125.0 smdj70a smdj70ca pgp dgp 77.80 86.00 1 2 70.0 26.55 113.0 smdj75 smdj75c pgq dgq 83.30 102.00 1 2 75.0 22.39 134.0 smdj75a smdj75ca pgr dgr 83.30 92.10 1 2 75.0 24.79 121.0 smdj78 smdj78c pgs dgs 86.70 106.00 1 2 78.0 21.58 139.0 smdj78a smdj78ca pgt dgt 86.70 95.80 1 2 78.0 23.81 126.0 smdj80 smdj80c pga dga 88.96 108.80 1 2 80.0 20.95 143.2 smdj80a smdj80ca pgb dgb 88.80 97.60 1 2 80.0 23.15 129.6 smdj85 smdj85c pgu dgu 94.40 115.00 1 2 85.0 19.87 151.0 smdj85a smdj85ca pgv dgv 94.40 104.00 1 2 85.0 21.90 137.0 smdj90 smdj90c pgw dgw 100.00 122.00 1 2 90.0 18.75 160.0 smdj90a smdj90ca pgx dgx 100.00 111.00 1 2 90.0 20.55 146.0 SMDJ100 SMDJ100c pgy dgy 111.00 136.00 1 2 100.0 16.76 179.0 SMDJ100a SMDJ100ca pgz dgz 111.00 123.00 1 2 100.0 18.52 162.0 smdj110 smdj110c phd dhd 122.00 149.00 1 2 110.0 15.31 196.0 smdj110a smdj110ca phe dhe 122.00 135.00 1 2 110.0 16.95 177.0 smdj120 smdj120c phf dhf 133.00 163.00 1 2 120.0 14.02 214.0 smdj120a smdj120ca phg dhg 133.00 147.00 1 2 120.0 15.54 193.0 smdj130 smdj130c phh dhh 144.00 176.00 1 2 130.0 12.99 231.0 smdj130a smdj130ca phk dhk 144.00 159.00 1 2 130.0 14.35 209.0 smdj140 smdj140c pha dha 155.68 190.40 1 2 140.0 11.97 250.6 smdj140a smdj140ca phb dhb 155.00 171.00 1 2 140.0 13.23 226.8 smdj150 smdj150c phl dhl 167.00 204.00 1 2 150.0 11.19 268.0 smdj150a smdj150ca phm dhm 167.00 185.00 1 2 150.0 12.35 243.0 smdj160 smdj160c phn dhn 178.00 218.00 1 2 160.0 10.45 287.0 smdj160a smdj160ca php dhp 178.00 197.00 1 2 160.0 11.58 259.0 smdj170 smdj170c phq dhq 189.00 231.00 1 2 170.0 9.87 304.0 smdj170a smdj170ca phr dhr 189.00 209.00 1 2 170.0 10.91 275.0 smdj180 smdj180c phs dhs 200.16 244.80 1 2 180.0 9.31 322.2 smdj180a smdj180ca pht dht 200.00 220.00 1 2 180.0 10.29 291.6 smdj190 smdj190c phu dhu 211.28 258.40 1 2 190.0 8.82 340.1 smdj190a smdj190ca phv dhv 211.00 232.00 1 2 190.0 9.75 307.8 smdj200a smdj200ca phw dhw 224.00 247.00 1 2 200.0 9.26 324.0 smdj220a smdj220ca phx dhx 246.00 272.00 1 2 220.0 8.43 356.0 smdj250a smdj250ca phz dhz 279.00 309.00 1 2 250.0 7.41 405.0 smdj300a smdj300ca pje dje 335.00 371.00 1 2 300.0 6.17 486.0 smdj350a smdj350ca pjg djg 391.00 432.00 1 2 350.0 5.29 567.0 smdj400a smdj400ca pjk djk 447.00 494.00 1 2 400.0 4.63 648.0 smdj440a smdj440ca pjm djm 492.00 543.00 1 2 440.0 4.21 713.0 maximum reverse surge current i pp (a) maximum clamping voltage v c @i pp (v) electrical characteristics(t a =25 unless otherwise noted) part number (uni) part number (bi) device marking code breakdown voltage v br @i t maximum reverse leakage i r @v rwm (ua) working peak reverse voltage v rwm (v) smdj series surface mount transient voltage suppressors ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70301 -p1 uni bi min (v) max (v) i t (ma) smdj40 smdj40c pfq dfq 44.40 54.30 1 2 40.0 42.02 71.4 smdj40a smdj40ca pfr dfr 44.40 49.10 1 2 40.0 46.51 64.5 smdj43 smdj43c pfs dfs 47.80 58.40 1 2 43.0 39.11 76.7 smdj43a smdj43ca pft dft 47.80 52.80 1 2 43.0 43.23 69.4 smdj45 smdj45c pfu dfu 50.00 61.10 1 2 45.0 37.36 80.3 smdj45a smdj45ca pfv dfv 50.00 55.30 1 2 45.0 41.27 72.7 smdj48 smdj48c pfw dfw 53.30 65.10 1 2 48.0 35.09 85.5 smdj48a smdj48ca pfx dfx 53.30 58.90 1 2 48.0 38.76 77.4 smdj51 smdj51c pfy dfy 56.70 69.30 1 2 51.0 32.93 91.1 smdj51a smdj51ca pfz dfz 56.70 62.70 1 2 51.0 36.41 82.4 smdj54 smdj54c rgd dgd 60.00 73.30 1 2 54.0 31.15 96.3 smdj54a smdj54ca rge dge 60.00 66.30 1 2 54.0 34.44 87.1 smdj58 smdj58c rgf dgf 64.40 78.70 1 2 58.0 29.13 103.0 smdj58a smdj58ca pgg dgg 64.40 71.20 1 2 58.0 32.05 93.6 smdj60 smdj60c rgh dgh 66.70 81.50 1 2 60.0 28.04 107.0 smdj60a smdj60ca pgk dgk 66.70 73.70 1 2 60.0 30.99 96.8 smdj64 smdj64c pgl dgl 71.10 86.90 1 2 64.0 26.32 114.0 smdj64a smdj64ca pgm dgm 71.10 78.60 1 2 64.0 29.13 103.0 smdj70 smdj70c pgn dgn 77.80 95.10 1 2 70.0 24.00 125.0 smdj70a smdj70ca pgp dgp 77.80 86.00 1 2 70.0 26.55 113.0 smdj75 smdj75c pgq dgq 83.30 102.00 1 2 75.0 22.39 134.0 smdj75a smdj75ca pgr dgr 83.30 92.10 1 2 75.0 24.79 121.0 smdj78 smdj78c pgs dgs 86.70 106.00 1 2 78.0 21.58 139.0 smdj78a smdj78ca pgt dgt 86.70 95.80 1 2 78.0 23.81 126.0 smdj80 smdj80c pga dga 88.96 108.80 1 2 80.0 20.95 143.2 smdj80a smdj80ca pgb dgb 88.80 97.60 1 2 80.0 23.15 129.6 smdj85 smdj85c pgu dgu 94.40 115.00 1 2 85.0 19.87 151.0 smdj85a smdj85ca pgv dgv 94.40 104.00 1 2 85.0 21.90 137.0 smdj90 smdj90c pgw dgw 100.00 122.00 1 2 90.0 18.75 160.0 smdj90a smdj90ca pgx dgx 100.00 111.00 1 2 90.0 20.55 146.0 SMDJ100 SMDJ100c pgy dgy 111.00 136.00 1 2 100.0 16.76 179.0 SMDJ100a SMDJ100ca pgz dgz 111.00 123.00 1 2 100.0 18.52 162.0 smdj110 smdj110c phd dhd 122.00 149.00 1 2 110.0 15.31 196.0 smdj110a smdj110ca phe dhe 122.00 135.00 1 2 110.0 16.95 177.0 smdj120 smdj120c phf dhf 133.00 163.00 1 2 120.0 14.02 214.0 smdj120a smdj120ca phg dhg 133.00 147.00 1 2 120.0 15.54 193.0 smdj130 smdj130c phh dhh 144.00 176.00 1 2 130.0 12.99 231.0 smdj130a smdj130ca phk dhk 144.00 159.00 1 2 130.0 14.35 209.0 smdj140 smdj140c pha dha 155.68 190.40 1 2 140.0 11.97 250.6 smdj140a smdj140ca phb dhb 155.00 171.00 1 2 140.0 13.23 226.8 smdj150 smdj150c phl dhl 167.00 204.00 1 2 150.0 11.19 268.0 smdj150a smdj150ca phm dhm 167.00 185.00 1 2 150.0 12.35 243.0 smdj160 smdj160c phn dhn 178.00 218.00 1 2 160.0 10.45 287.0 smdj160a smdj160ca php dhp 178.00 197.00 1 2 160.0 11.58 259.0 smdj170 smdj170c phq dhq 189.00 231.00 1 2 170.0 9.87 304.0 smdj170a smdj170ca phr dhr 189.00 209.00 1 2 170.0 10.91 275.0 smdj180 smdj180c phs dhs 200.16 244.80 1 2 180.0 9.31 322.2 smdj180a smdj180ca pht dht 200.00 220.00 1 2 180.0 10.29 291.6 smdj190 smdj190c phu dhu 211.28 258.40 1 2 190.0 8.82 340.1 smdj190a smdj190ca phv dhv 211.00 232.00 1 2 190.0 9.75 307.8 smdj200a smdj200ca phw dhw 224.00 247.00 1 2 200.0 9.26 324.0 smdj220a smdj220ca phx dhx 246.00 272.00 1 2 220.0 8.43 356.0 smdj250a smdj250ca phz dhz 279.00 309.00 1 2 250.0 7.41 405.0 smdj300a smdj300ca pje dje 335.00 371.00 1 2 300.0 6.17 486.0 smdj350a smdj350ca pjg djg 391.00 432.00 1 2 350.0 5.29 567.0 smdj400a smdj400ca pjk djk 447.00 494.00 1 2 400.0 4.63 648.0 smdj440a smdj440ca pjm djm 492.00 543.00 1 2 440.0 4.21 713.0 maximum reverse surge current i pp (a) maximum clamping voltage v c @i pp (v) electrical characteristics(t a =25 unless otherwise noted) part number (uni) part number (bi) device marking code breakdown voltage v br @i t maximum reverse leakage i r @v rwm (ua) working peak reverse voltage v rwm (v)
ambient temperature , ( ) average forward current, (a) 0 100 1 300 25 100 100 120 150 0 0 6.5 1 100 70 6.5 10000 1.7 ## 0 5 450 0 0 3500 150 0.2 100 5 450 0.5 76 2200 70 1 50 5 400 1.5 33 2100 23 2 23 5 400 3 13 1800 21 4 10 fig. 5 - pulse waveform fig. 6 - typical junction capacitance ratings and characteristics curves (t a =25 unless otherwise noted) fig. 1 - pulse derating curve fig. 2 - maximum non-repetitive surge current fig. 3 - steady state power derating curve fig. 4 - peak pulse power rating curve 1 10 100 1000 10000 100000 1 10 100 1000 junction capacitance,c j (pf) reverse breakdown voltage,v br (v) uni - directional @v rwm bi - directional @v rwm t j =25 c f=1.0mhz 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 0 25 50 75 100 125 150 175 200 steady state power dissipation, (w) lead temperature , t l ( ) 100 150 200 250 300 1 10 100 peak forward surge current, (a) number of cycles at 60 hz t j = t j max. 8.3 ms single half sine - wave 0 25 50 75 100 0 25 50 75 100 125 150 175 200 peak pulse derating in percentage of peak power or current, (%) ambient temperature ,t a ( ) 0 50 100 0 1 2 3 4 peak pulse current , (% ) time , (ms) t j = 25 c pulse width (td) is defined as the point where the peak current decays to 50 % of ipp 10/1000 sec. waveform as defined by r.e.a. peak value (ipp) half value = ipp 2 td tr=10 s bi - directional @zero bias uni - directional @zero bias 0.1 1 10 100 1 10 100 1000 10000 pulse width ,t d ( s) peak power (kw) smdj series surface mount transient voltage suppressors ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70301 -p1 ambient temperature , ( ) average forward current, (a) 0 100 1 300 25 100 100 120 150 0 0 6.5 1 100 70 6.5 10000 1.7 ## 0 5 450 0 0 3500 150 0.2 100 5 450 0.5 76 2200 70 1 50 5 400 1.5 33 2100 23 2 23 5 400 3 13 1800 21 4 10 fig. 5 - pulse waveform fig. 6 - typical junction capacitance ratings and characteristics curves (t a =25 fig. 1 - pulse derating curve fig. 2 - maximum non-repetitive surge current fig. 3 - steady state power derating curve fig. 4 - peak pulse power rating curve 1 10 100 1000 10000 100000 1 10 100 1000 junction capacitance,c j (pf) reverse breakdown voltage,v br (v) uni - directional @v rwm bi - directional @v rwm t j =25 c f=1.0mhz 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 0 25 50 75 100 125 150 175 200 steady state power dissipation, (w) lead temperature , t l ( ) 100 150 200 250 300 1 10 100 peak forward surge current, (a) number of cycles at 60 hz t j = t j max. 8.3 ms single half sine - wave 0 25 50 75 100 0 25 50 75 100 125 150 175 200 peak pulse derating in percentage of peak power or current, (%) ambient temperature ,t a ( ) 0 50 100 0 1 2 3 4 peak pulse current , (% ) time , (ms) t j = 25 c pulse width (td) is defined as the point where the peak current decays to 50 % of ipp 10/1000 sec. waveform as defined by r.e.a. peak value (ipp) half value = ipp 2 td tr=10 s bi - directional @zero bias uni - directional @zero bias 0.1 1 10 100 1 10 100 1000 10000 pulse width ,t d ( s) peak power (kw)


▲Up To Search▲   

 
Price & Availability of SMDJ10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X