Part Number Hot Search : 
D534K YD456 20N15 FLC107 R1602 9318M9 UDZS30B 25X10BV
Product Description
Full Text Search
 

To Download SE3D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  se 3 a - se 3 m surface mount high efficient rectifiers prv : 50 - 1000 volts io : 3 . 0 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency * pb / rohs free mechanical data : * case : smc molded plastic * epoxy : ul94v-o rate flame retardant * lead : lead formed for surface mount * polarity : color band denotes cathode end * mounting position : any * weight : 0.21 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified . single phase, half wave, 60 hz, resistive or inductive load . for capacitive load, derate current by 20 %. symbolse3ase3bSE3Dse3ese3gse3jse3kse3munit maximum recurrent peak reverse voltage v rrm 501002003004006008001000v maximum rms voltage v rms 3570140210280420560700v maximum dc blocking voltage v dc 501002003004006008001000v maximum average forward current ta = 55 c i f(av) 3.0a maximum peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum forward voltage at i f = 3.0 a v f 1.11.7v maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 300 m a maximum reverse recovery time ( note 1 ) trr 5075ns typical junction capacitance ( note 2 ) c j 50pf junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc page 1 of 2rev. 02 : march 24, 2005 rating i fsm 150a smc (do-214ab) dimensions in inches and (millimeter) 0 . 3 0 5 ( 7 . 7 5 ) 0 . 3 2 0 ( 8 . 1 3 ) 0.245(6.22) 0.121(3.07) 0.115(2.92) 0.220(5.59) 0.012(0.305) 0.103(2.62) 0 . 2 8 0 ( 7 . 1 1 ) 0.060(1.52) 0 . 2 6 0 ( 6 . 6 0 ) 0.079(2.00) 0.006(0.152) 0.030(0.76) 0.008(0.203) 0.004(0.102)
rating and characteristic curves ( se3a - se3m ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for outputfig.3 - maximum non-repetitive peak rectified current forward surge current 0255075100125150175 124610204060100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristicsfig.5 - typical reverse characteristics 00.20.40.60.81.01.21.41.61.82.0 forward voltage, volts page 2 of 2rev. 02 : march 24, 2005 60hz resistive or inductive load 2.4 1.8 1.2 0.6 3.0 100 1000 100 120 0 150 0 90 60 30 0.1 10 80 0.01 0.1 1.0 1 100140 0204060120 percent of rated reverse voltage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s a v e r a g e f o r w a r d o u t p u t c u r r e n t , a m p e r e s f o r w a r d c u r r e n t , a m p e r e s r e v e r s e c u r r e n t , m i c r o a m p e r e s ta = 25 c ta = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle 8.3 ms single half sine wave ta = 50 c se3a - se3g se3j - se3m d.u.t. oscilloscope ( note 1 ) 1 w 50 w 10 w 50 vdc (approx) pulse generator ( note 2 ) trr + 0.5 a 0 - 0.25 a - 1.0 a 1 cm set time base for 25-35 ns/cm 10


▲Up To Search▲   

 
Price & Availability of SE3D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X