Part Number Hot Search : 
MBR05 ZMM5267B 101MH SDS19WK BSERIES 2SA1494 C5571 VSK72
Product Description
Full Text Search
 

To Download PE7AP1000-9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? bidirectional ? dc to 3 ghz frequency range ? attenuation 9 0.5 db ? max power 2 w atts (cw) ? vswr < 1.3:1 applications ? instrumentation ? precision measurements ? prototyping and characterization ? production systems . description pasternack carries a wide range of fxed attenuators with a broad selection of attenuation levels, frequency ranges, and power dissipation ranges. rf microwave attenuators (also known as rf pads) lower the amplitude of a signal (attenuate) a known amount and can be used in a wide variety of applications. these attenuator pads are used when a signal needs to be reduced to protect measurement equipment or other circuitry, to extend the range of power meters and amplifers, and to impedance match circuits by reducing the vswr seen by adjacent components. rf attenuators can prevent signal overload in amplifers, receivers and detectors, adjusting the signal level to a range that is optimal. few rf components are as commonly used as fxed coaxial attenuators, and pasternack carries one of the largest in-stock varieties and ships them same day. the 9 db fixed attenuator PE7AP1000-9 is rated to 1 watt and operates from dc to 3 ghz. the versatile coaxial package uses qn male to qn female connectors and is also reach and rohs compliant. electrical specifcations description minimum t ypical maximum units frequency range dc 3 ghz impedance 50 ohms nominal attenuation 9 db input power, cw 1 watts input power, peak 100 watts 1 s, 1% . specifcations by frequency description f1 f2 f3 f4 f5 units range dc to 2 2 to 3 ghz vswr, max 1.2:1 1.3:1 attenuation accuracy, typ 0.3 0.5 d b . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz PE7AP1000-9 PE7AP1000-9 rev 1.1 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz rf fixed attenuators technical data sheet PE7AP1000-9
2 mechanical specifcations size . confguration design fixed package style connectorized connectors description connector 1 connector 2 type qn male qn female . mechanical specifcation notes: mating life: 100 cycles environmental specifcations temperature operating range -40 to +85 deg c storage range -40 to +85 deg c ingress protection (ip) rating ip67 compliance certifcations (see product page for current document) plotted and other data notes: PE7AP1000-9 rev 1.1 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz PE7AP1000-9 rf fixed attenuators technical data sheet PE7AP1000-9 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz
3 typical performance data 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 ghz vswr -13.00 -12.00 -11.00 -10.00 -9.00 -8.00 -7.00 -6.00 -5.00 -4.00 -3.00 0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 db ghz attenuation PE7AP1000-9 rev 1.1 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz PE7AP1000-9 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz
4 0 10 20 30 40 50 60 70 80 90 100 -40 -7,5 25 55 85 power (%) temperature (c) er erat . temperature 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz PE7AP1000-9 url: https://www.pasternack.com/9db-fxed-qn-male-qn-female-1-watt-attenuator-PE7AP1000-9-p.aspx PE7AP1000-9 rev 1.1 rf fixed attenuators technical data sheet PE7AP1000-9 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz
5 9 db fixed attenuator, qn male to qn female rated to 1 watt up to 3 ghz PE7AP1000-9 cad drawing PE7AP1000-9 rev 1.1


▲Up To Search▲   

 
Price & Availability of PE7AP1000-9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X