Part Number Hot Search : 
CO4580 LC352 470M1 SSM6J CSC815 003930 29040 USB3311
Product Description
Full Text Search
 

To Download MR2500L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i, o ne. 20 stern ave. springfield, new jersey 07081 MR2500L-mr2512l prv: 50-1200 volts lo : 25 amperes features: * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 automotive rectifier diodes mechanical data: * case : molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight: 2.049 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. 0.360(9.1) 0.340 (8.6) 0.052(1.32) c ? 0.048(1.22) dimensions in inch ?6 t h 1.00 (25.4) min. i 1 0.360 (9.1) mm 0.340 (8.6) t 1.00(25.4) 4 min ^_ as and ( millimeters ) rating maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average rectified forward current tc = 150c maximum peak forward surge current single half sine wave superimposed on rated load (jedec method) maximum forward voltage at if = 25 a maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 100 c thermal resistance (note 1) junction temperature range storage temperature range symbol vrrm vrms vdc |f(av) ifsm vf ir |r(h) r6jc tj tstg mr mr mr mr 2500l 2501 l 2502l 2s04l 50 100 200 400 35 70 140 280 50 100 200 400 2 4( 1 5 1 0 -65tc -65tc mr 2506l 600 420 600 5 30 0 0 0 8 + 175 )+ 175 mr 2508l 800 560 800 mr 2510l 1000 700 1000 mr 251 2l 1200 840 1200 unit v v v a a v ua ma c/w c c nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors


▲Up To Search▲   

 
Price & Availability of MR2500L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X