Part Number Hot Search : 
ML4426 211YA M050B DJ33A 22102 S10043 BTS282Z MA475
Product Description
Full Text Search
 

To Download MPV1560S-12RHI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com key features: ? 15w output power ? 100 - 1200 vdc input range ? 4,000 vdc isolation ? input under volt protection ? output o ver volt protection ? compact case ? optional chassis mount ? optional din rail mount ? -25c to +70c operation ? >300 khours mtbf mpv15rhi compact, 12:1 input pv power 15w dc/dc con vert ers input parameter conditions min. typ. max. units input voltage range 100 600 1,200 vdc input current 200 vdc input 92.0 ma 600 vdc input 31.0 1200 vdc input 17.0 inrush current 200 vdc input 7.0 a 600 vdc input 23.0 1200 vdc input 50.0 start-up time 1.0 s output parameter conditions min. typ. max. units output voltage accuracy ?.0 ?.0 % line regulation v in = m in to m ax ?.5 ?.0 % load regulation i out = 5% to 100% ?.5 ?.0 % ripple & noise (20 mhz) see note 1 100 200 mv p - p temperature coef cient ?.02 %/? output short circuit continuous (autorecovery) general parameter conditions min. typ. max. units isolation voltage 60 seconds 4,000 vdc switching frequency 65 khz emi characteristics parameter standard min. typ. max. units radiated emissions see note 2 en 55022 class a conducted emissions see note 2 en 55022 class a esd en 61000-4-2 criteria b; ? kv/? rs en 61000-4-3 criteria a; 10v/m eft see note 3 en 61000-4-4 criteria b; ? kv surge see note 4 en 61000-4-5 criteria b; ? kv cs en 61000-4-6 criteria a; 10 vrms pfm en 61000-4-8 criteria a; 10a/m voltage dips en 61000-4-11 criteria b; 0% - 70% environmental parameter conditions min. typ. max. units operating temperature range ambient -25 +25 +70 ? storage temperature range -25 +105 ? cooling free air convection humidity rh, non-condensing 95 % physical case size module see mechanical drawing (page 4) chassis (a2) mount see mechanical drawing (page 4) din (a4) mount see mechanical drawing (page 4) case material aluminum alloy with non-conductive base (ul94-v0) weight module 4.01 oz (113g) chassis (a2) mount 6.03 oz (170g) din (a4) mount 7.45 oz (210g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 300 khours absolute maximum ratings parameter conditions min. typ. max. units lead temperature, see note 5 wave soldering 255 260 265 ? manual soldering 350 360 370 caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. electrical speci? cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. w ww.m i cro p ower di rect.com www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com series
292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com model number input output ef? ciency (%, typ) over voltage protection (vdc typ) capacitive load (f, max) fuse rating slow-blow (ma) voltage (vdc) voltage (vdc) current (ma, max) current (ma, min ) nominal range MPV1560S-12RHI 600 100 - 1200 12.0 1,250 0.0 78 15.0 2,000 3,500 mpv1560s-15rhi 600 100 - 1200 15.0 1,000 0.0 79 19.0 1,200 3,500 mpv1560s-24rhi 600 100 - 1200 24.0 625 0.0 80 27.0 680 3,500 derating curve notes: 1. to meet the speci ed ripple and noise levels, external capacitors are required. see the typical connection information on page three for recommended values. for more information, please contact the factory. 2. all units will meet en 55022 (ce/re) class a with the input circuit shown in the ?ypical connection 2 diagram on page 3. c ontact the factory for more information. 3. all units will meet en 61000-4-4 (? kv) with the input circuit shown in the ?ypical connection 2 diagram on page 3. contact the factory for more information. 4. all units will meet the requirements of en 61000-4-5 (? kv/? kv), with the input circuit shown in the ?ypical connection 2 diagram on page 3. contact the factory for more information. 5. lead temperature is measured 1.5 mm from the case. 6. operation at no load will not damage the units, however, they may not meet all speci cations. 7. it is recommended that a fuse be used on the input of a power supply for protection. for the mpv1560-xxrhi series, a 3.15a slow blow should be used. model selection guide ef? ciency vs output power (v in = 600 vdc) ef? ciency vs input voltage (full load) input voltage derating curve
micropower direct 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com typical connection 1 typical connection 2 : with external emc components 5. recommended values for components are: model number external components ntc mov ldm 1 , ldm 2 c 1 , c 2 , c 3 , c 4 r 1 , r 2 , r 3 , r 4 c 5 c 6 tvs MPV1560S-12RHI 5d-9 sk141000 1.2 mh/0.5a 22 f/400v 1 m /2w 0.22 f/50v 120 f/25v smbj15a mpv1560s-15rhi smbj20a mpv1560s-24rhi 68 f/35v smbj33a for applications that require meeting higher emc standards, the circuit shown above is recommended. some notes on this diagram (starting with the input circuit) are: 1. it is recommended that an external fuse be used. the recommended fuse is 1a/250v. 2. the ntc helps to prevent damage to the module in case an input current surge occurs. the recommended value is given in the table below. 3. the mov helps to prevent damage to the module in case an input voltage surge occurs. the recommended value is given in the table below. 4. capacitors c 1 , c 2 , c 3 and c 4 are input lter components (connected in series to achieve the required capacitance level). resistors r 1 , r 2 , r 3 and r 4 help to balance the current across the capacitors. this diagram illustrates a typical board layout for the mpv1560s-xxrhi with the recommended emi components shown in the ?ypical connection 2 diagram. to meet safety regulations, the board trace widths should be >3 mm, the distance between traces should be >6 mm, and the distance between traces and ground should be >6 mm. contact the factory for more information. the diagram at left illustrates a typical connection of the mpv1560s-xxrhi series. output capac- itors c 6 and c 5 are ltering components. they are required to meet ripple and noise speci cations. the recommended input components are a fuse, ntc, and mov. the recommended component values for these are given in the table below. 6. capacitor c 5 is ceramic. this capacitor is used to lter high frequency noise. a recommended value is given in the table below. 7. capacitor c 6 is an electrolytic. a low esr, high frequency capacitor should be used. the recommended value is given in the table below. 8. the output tvs will help protect system circuitry if power supply fails. a recommended value is given in the table below. 9. derating on all capacitors should be 80% or more. typical board layout : with external emc components
micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com mechanical dimensions pin function 1 no connection 2-v in 3+v in 4-v out 5+v out pin con nec tions notes: all dimensions are typical in inches (mm) tolerance x.xx = ?.02 (?.50) mechanical dimensions: with chassis mount option (a2) mechanical dimensions: with din rail option (a4) for the chassis mount option, add suf x ?2?to the model number (i.e. mpv1560s-xxrhi-a2) all models of the mpv1560s-xxrhi series are available assembled on an adapter plate for mounting to a chassis or on a din rail. mechanical dimensions for these adapters is shown at right. the photo below shows a product mounted on a similar adapter. please contact the factory for more information. pin function 1-v in 2 no connection 3+v in 4-v out 5 no connection 6 no connection 7 no connection 8+v out connection is the same for a2 & a4 pin con nec tions for the din rail mount option, add suf x ?4?to the model number (i.e. mpv1560s-xxrhi-a4)


▲Up To Search▲   

 
Price & Availability of MPV1560S-12RHI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X