Part Number Hot Search : 
CAXXXXXX DA8588BJ MC1494 10700450 16310 R0603 FZT3019 ELM824
Product Description
Full Text Search
 

To Download MC74HC273A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 october, 2015 ? rev. 17 1 publication order number: MC74HC273A/d MC74HC273A octal d flip-flop with common clock and reset high?performance silicon?gate cmos the MC74HC273A is identical in pinout to the ls273. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. this device consists of eight d flip?flops with common clock and reset inputs. each flip?flop is loaded with a low?to?high transition of the clock input. reset is asynchronous and active low. features ? output drive capability: 10 lsttl loads ? outputs directly interface to cmos, nmos and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0  a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7 a ? chip complexity: 264 fets or 66 equivalent gates ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? these devices are pb?free, halogen free and are rohs compliant logic diagram data inputs d0 11 clock d1 d2 d3 d4 d5 d6 d7 18 17 14 13 8 7 4 3 1 reset 19 q0 q1 q2 q3 q4 q5 q6 q7 16 15 12 9 6 5 2 pin 20 = v cc pin 10 = gnd noninverting outputs ??????????? ??????????? design criteria ???? ???? ??? ??? ??????????? ??????????? internal gate count* ???? ???? ??? ??? ??????????? ??????????? ???? ???? ??? ??? ??????????? ??????????? ???? ???? ??? ???  w ??????????? ??????????? ???? ???? ??? ??? www. onsemi.com see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb?free package (note: microdot may be in either location) soic?20 dw suffix case 751d tssop?20 dt suffix case 948e pin assignment 1 20 hc273a awlyywwg hc 273a alyw   20 1 soic?20 tssop?20 q2 d1 d0 q0 reset gnd q3 d3 d2 q1 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 q6 d6 d7 q7 v cc clock q4 d4 d5 q5 function table inputs output reset clock d q lxx l hhh hll h l x no change h x no change
MC74HC273A www. onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage (referenced to gnd) ?0.5 to +7.0 v v in dc input voltage (referenced to gnd) ?0.5 to v cc + 0.5 v v out dc output voltage (referenced to gnd) ?0.5 to v cc + 0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 25 ma i cc dc supply current, v cc and gnd pins 50 ma p d power dissipation in still air, soic package? tssop package? 500 450 mw t stg storage temperature ?65 to +150 c t l lead temperature, 1 mm from case for 10 seconds soic or tssop package 260 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. ?derating: soic package: ?7 mw/ c from 65 to 125 c tssop package: ?6.1 mw/ c from 65 to 125 c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature, all package types ?55 +125 c t r , t f input rise and fall time v cc = 2.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v 0 0 0 1000 500 400 ns functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability. dc electrical characteristics (voltages referenced to gnd) guaranteed limit symbol parameter test conditions v cc v ?55 to 25 c  85 c  125 c unit v ih minimum high?level input voltage v out = v cc ? 0.1 v |i out |  20  a 2.0 3.0 4.5 6.0 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 v v il maximum low?level input voltage v out = 0.1 v |i out |  20  a 2.0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v v oh minimum high?level output voltage v in = v ih |i out |  20  a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in = v ih |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma 3.0 4.5 6.0 2.48 3.98 5.48 2.34 3.84 5.34 2.2 3.7 5.2 v ol maximum low?level output voltage v in = v il |i out |  20  a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v il |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma 3.0 4.5 6.0 0.26 0.26 0.26 0.33 0.33 0.33 0.4 0.4 0.4 this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high?impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
MC74HC273A www. onsemi.com 3 dc electrical characteristics (voltages referenced to gnd) guaranteed limit symbol unit  125 c  85 c ?55 to 25 c v cc v test conditions parameter i in maximum input leakage current v in = v cc or gnd 6.0 0.1 1.0 1.0  a i cc maximum quiescent supply current (per package) v in = v cc or gnd i out = 0  a 6.0 4.0 40 160  a ac electrical characteristics (c l = 50 pf, input t r = t f = 6.0 ns) symbo l parameter v cc v guaranteed limit unit ?55 to 25 c  85 c  125 c f max maximum clock frequency (50% duty cycle) (figures 1 and 4) 2.0 3.0 4.5 6.0 6.0 15 30 35 5.0 10 24 28 4.0 8.0 20 24 mhz t plh t phl maximum propagation delay, clock to q (figures 1 and 4) 2.0 3.0 4.5 6.0 145 90 29 25 180 120 36 31 220 140 44 38 ns t phl maximum propagation delay, reset to q (figures 2 and 4) 2.0 3.0 4.5 6.0 145 90 29 25 180 120 36 31 220 140 44 38 ns t tlh t thl maximum output transition time, any output (figures 1 and 4) 2.0 3.0 4.5 6.0 75 27 15 13 95 32 19 16 110 36 22 19 ns c in maximum input capacitance 10 10 10 pf c pd power dissipation capacitance (per enabled output)* typical @ 25 c, v cc = 5.0 v pf 48 * used to determine the no?load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . ????????????????????????????????? timing requirements (c l = 50 pf, input t r = t f = 6.0 ns) symbo l parameter figure v cc volts guaranteed limit unit ?55 to 25 c  85 c  125 c min max min max min max t su minimum setup time, data to clock 3 2.0 3.0 4.5 6.0 60 23 12 10 75 27 15 13 90 32 18 15 ns t h minimum hold time, clock to data 3 2.0 3.0 4.5 6.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 ns t rec minimum recovery time, reset inactive to clock 2 2.0 3.0 4.5 6.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 ns t w minimum pulse width, clock 1 2.0 3.0 4.5 6.0 60 23 12 10 75 27 15 13 90 32 18 15 ns
MC74HC273A www. onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (c l = 50 pf, input t r = t f = 6.0 ns) symbol unit max min max min max min v cc volts figure parameter t w minimum pulse width, reset 2 2.0 3.0 4.5 6.0 60 23 12 10 75 27 15 13 90 32 18 15 ns t r , t f maximum input rise and fall times 1 2.0 3.0 4.5 6.0 1000 800 500 400 1000 800 500 400 1000 800 500 400 ns
MC74HC273A www. onsemi.com 5 switching waveforms figure 1. clock q t r t f v cc gnd 90% 50% 10% 90% 50% 10% t plh t phl t tlh t thl 50% data clock v cc figure 2. valid gnd *includes all probe and jig capacitance c l * test point device under test output figure 3. t w 1/f max v cc gnd t su t h 50% reset q clock t w 50% 50% 50% v cc gnd v cc gnd t phl figure 4. test circuit t rec figure 5. expanded logic diagram c d r q d0 3 2 q0 c d r q d1 4 5 q1 c d r q d2 7 6 q2 c d r q d3 8 9 q3 c d r q d4 13 12 q4 c d r q d5 14 15 q5 c d r q d6 17 16 q6 c d r q d7 18 19 q7 11 1 data inputs noninverting outputs
MC74HC273A www. onsemi.com 6 ordering information device package shipping ? MC74HC273Adwg soic?20 wb (pb?free) 38 units / rail MC74HC273Adwr2g soic?20 wb (pb?free) 1000 / tape & reel nlv74hc273adwr2g* soic?20 wb (pb?free) 1000 / tape & reel MC74HC273Adtg tssop?20 (pb?free) 75 units / rail MC74HC273Adtr2g tssop?20 (pb?free) 2500 / tape & reel nlv74hc273adtr2g* tssop?20 (pb?free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable.
MC74HC273A www. onsemi.com 7 package dimensions tssop?20 dt suffix case 948e?02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?. 110 11 20 pin 1 ident a b ?t? 0.100 (0.004) c d g h section n?n k k1 jj1 n n m f ?w? seating plane ?v? ?u? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
MC74HC273A www. onsemi.com 8 package dimensions soic?20 dw suffix case 751d?05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition.  on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 MC74HC273A/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of MC74HC273A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X