Part Number Hot Search : 
AN2720SC CM6802B AI5412 LC4032V 514EFE 3T064A MMBD1202 PE33673
Product Description
Full Text Search
 

To Download MBR2045CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr2040c d ~mbr20200c d features ? plastic package has underwriters laboratory flammability classification 94v - 0. flame retardant epoxy molding compound. ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency. ? high current capability ? for use in low voltage, high frequency inverters free wheeling, and polarlity protection applications. ? lead free in comply with eu rohs mechanical data ? case: to -2 5 2 ab mol ded plastic ? termin als: solder plated, solderable per mil - std - 750, method 2026 ? polarity: as marked. ? mounting position: any maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% pa ra m e te r s ymb o l mbr 2040 c d mbr 2045 c d mbr 2050 c d mbr 2060 c d mbr 2080 c d mbr 2090 c d mbr 20100 c d mbr 20150 c d mbr 20200 c d units maximum recurrent p e a k reverse v o l t a g v r r m 40 45 50 60 80 90 100 150 200 v maximum rms voltage v r m s 28 31 .5 35 42 56 63 70 105 140 v maximum dc b locking voltage v d c 40 45 50 60 80 90 100 150 200 v maximum average forward current (see fi g.1 ) i f ( a v) 20 a peak forward surge current :8 .3 ms s i ngle half s i ne - wave superimposed on rated load(jedec th d) i f s m 1 0 0 a maximum forward voltage at 10 a, per leg v f 0 .7 0.85 0.9 2 v maximum dc reverse current t j =25 o c at rated dc b locking voltage t j =125 o c i r 0. 05 20 ma typical thermal resistance r j c 2 o c / w operating junction and storage temperature range t ,t j s t g -5 0 to + 1 50 -5 5 to +175 o c 0.8 schottky barrier rectifier reverse voltage - 40 to 200 volts forward current - 20.0 amperes
t j =100 c j 40 10 8 6 4 2 1.0 0. 8 0. 6 0. 4 40 - 45v t = 25 o c 50 - 60v 80 - 100v 1 5 0-2 00v 0. 2 0. 1 pulse width = 300 us 1% duty cycle 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 forward voltage, volts fig.4 - typical instantaneous forward characteristics o 10 20.0 16.0 = 4 0 - 10 0v = 15 0 - 200 v 12.0 8.0 4.0 resistive or inductive load 0 0 20 40 60 80 100 120 140 160 180 lead temperature, o c fig.1 - forward current derating curve 150 120 90 60 30 0 1 2 5 10 20 50 100 no. of cycle at 60hz fig.2 - maximum non - repetitive surge current 1.0 t j = 75 o c 0.1 t j = 25 o c 0.01 0.001 0 20 40 60 80 100 120 140 percent of instantaneous reverse voltage,(%) fig.3 - typical reverse characteristics average forward rectified current amperes instantaneous reverse current, ma peak forward surge current, amps forward current, amps 8.3ms single half since -w ave jedec method 240 210 180 ratings and characteristic curves mbr2040cd thru mbr20200cd the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of MBR2045CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X