Part Number Hot Search : 
HCS05H HER2002G X9313U 7C140 NB4L5207 1N5371 M505011V 1511235X
Product Description
Full Text Search
 

To Download L130-2280HE1400001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  luxeon 3014 hot-color targeted industry standard package for uniform light luxeon 3014 is an industry standard compatible footprint for ease of installation into existing 3014 sockets and stays consistent with a 3.0mm x 1.4mm x 0.75mm package. luxeon 3014 is hot-color targeted at operating conditions65c. this low power device is an ideal choice when uniformity and reduction in spottiness is necessary for indoor designs. features and benefits primary applications industry standard footprint and package ofering compatibility with existing designs indoor area lighting 1/9 th ansi micro-color binning enables tight color control lamps hot-color targeted at 65c which leads to better color accuracy specialty lighting rectangular package design allows for increased uniformity C monochrome led drive at maximum current, 120ma for superior value C channel lighting C signage pb208 luxeon 3014 product brief ?2017 lumileds holding b.v. all rights reserved. illumination
?2017 lumileds holding b.v. all rights reserved. luxeon is a registered trademark of the lumileds holding b.v. in the united states and other countries. lumileds.com notes: 1. drawings are not scale. 2. all dimensions are in millimeters. mechanical dimensions. luxeon 3014 product performance at 60ma and 30ma at test temperature. nom nal 1 mnmum 3 4 lumnou lux 3 lm al lumnou ea lm al lum nou lux lm al lum nou ea lm a nume mnmum al 60m a 30m a 8000k 70 25 28 150 15 172 l130-8070001400001 10000k 70 23 27 145 14 166 l130-1070001400001 2200k 80 19 22 118 12 135 L130-2280HE1400001 2500k 80 21 24 129 12 148 l130-2580he1400001 2700k 80 23 26 140 13 161 l130-2780he1400001 3000k 80 23 26 140 13 161 l130-3080he1400001 3500k 80 23 26 140 13 161 l130-3580he1400001 4000k 80 25 28 150 15 172 l130-4080he1400001 5000k 80 25 28 150 15 172 l130-5080he1400001 5700k 80 25 28 150 15 172 l130-5780he1400001 6500k 80 25 27 145 15 166 l130-6580he1400001 2200k 90 16 18 97 9 99 l130-2290001400001 2700k 90 18 20 102 11 118 l130-2790001400001 3000k 90 19 20 102 11 118 l130-3090001400001 3500k 90 19 22 113 12 129 l130-3590001400001 4000k 90 20 23 113 12 129 l130-4090001400001 5000k 90 20 23 118 13 140 l130-5090001400001 5700k 90 20 23 118 13 140 l130-5790001400001 6500k 90 20 23 113 12 129 l130-6590001400001 notes: 1. correlated color temperature is hot targeted at t j =65c. 2. lumileds maintains a tolerance of 2 on cri and 6.5% on luminous fux measurements. 3. typical cri is approximately 2 points higher than the minimum cri specifed, but this is not guaranteed. 4. for 90cri products, r950. neither lumileds holding b.v. nor its afliates shall be liable for any kind of loss of data or any other damages, direct, indirect or consequential, resulting from the use of the provided information and data. although lumileds holding b.v. and/or its afliates have attempted to provide the most accurate information and data, the materials and services information and data are provided as is, and neither lumileds holding b.v. nor its afliates warrants or guarantees the contents and correctness of the provided information and data. lumileds holding b.v. and its afliates reserve the right to make changes without notice. you as user agree to this disclaimer and user agreement with the download or use of the provided materials, information and data. pb208 luxeon 3014 product brief 20170601 1 , 1 5 2 , 50 0 , 3 0 0 , 7 5 0 , 0 8 3 , 1 m a x 3 , 2 m a x


▲Up To Search▲   

 
Price & Availability of L130-2280HE1400001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X