Part Number Hot Search : 
2M160 330M2 T2N2222A 48100 86C05 UGB8AT X24026X 2SK2933
Product Description
Full Text Search
 

To Download IDT74CBTLV3384 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range IDT74CBTLV3384 low-voltage 10-bit bus switch 1 december 2014 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ? 2014 integrated device technology, inc. dsc-5742/6 IDT74CBTLV3384 functional block diagram features: ?5 a/b bi-directional bus switch ? isolation under power-off conditions ? over-voltage tolerant ? latch-up performance exceeds 100ma ?v cc = 2.3v - 3.6v, normal range ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ? available in qsop and tssop packages applications: ? 3.3v high speed bus switching and bus isolation simplified schematic, each switch low-voltage 10-bit bus switch description: the cbtlv3384 is a ten bit high-speed bus switch with low on-state resistance of the switch allowing connections to be made with minimal propagation delay. the device is organized as dual 5-bit bus switches with separate output- enable ( oe ) inputs, to allow use as two 5-bit bus switches or one 10-bit bus switch. when oe is low, the associated 5-bit bus switch is on and a port is connected to b port. when oe is high, the switch is open, and a high- impedance state exists between the two ports. to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. 3 11 1 1a1 1a5 1oe sw sw 1b5 1b1 2 10 14 22 13 2a1 2a5 2oe sw sw 2b5 2b1 15 10 oe a b
industrial temperature range 2 IDT74CBTLV3384 low-voltage 10-bit bus switch pin configuration qsop/ tssop top view symbol description max unit v cc supplyvoltage range ?0.5 to +4.6 v v i input voltage range ?0.5 to +4.6 v continuous channel current 128 ma i ik input clamp current, v i/o < 0 ?50 ma t stg storage temperature ?65 to +150 c absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. h = high voltage level l = low voltage level z = high impedance input inputs/outputs 1oe 2oe 1 b 1 - 1 b 52 b 1 - 2 b 5 ll 1 a 1 - 1 a 52 a 1 - 2 a 5 lh 1 a 1 - 1 a 5 z hl z 2 a 1 - 2 a 5 hh z z function table (1) symbol parameter test conditions min. max. unit v cc supply voltage 2.3 3.6 v v ih high-level control input voltage v cc = 2.3v to 2.7v 1.7 ? v v cc = 2.7v to 3.6v 2 ? v il low-level control input voltage v cc = 2.3v to 2.7v ? 0.7 v v cc = 2.7v to 3.6v ? 0.8 t a operating free-air temperature ? 40 85 c operating characteristics, t a = 25c (1) note: 1. all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. v cc 2a 5 2a 4 2b 4 2b 3 2a 3 2a 2 2b 2 2b 1 1b 1 1a 1 1a 2 1b 2 1b 3 1a 3 1a 4 1b 4 1b 5 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 1 1oe 21 22 23 24 2a1 2oe 1a 5 gnd 2b 5
industrial temperature range IDT74CBTLV3384 low-voltage 10-bit bus switch 3 symbol par ameter test conditions min. typ. max. unit v ik control inputs, data i/o v cc = 3v, i i = ?18ma ? ? ?1.2 v i i control inputs, data i/o v cc = 3.6v, v i = v cc or gnd ? ? 1 a i oz data i/o v cc = 3.6v, v o = 0 or 3.6v, switch disabled ? ? 5 a i off v cc = 0, v i or v o = 0 to 3.6v ? ? 50 a i cc v cc = 3.6v, i o = 0, v i = v cc or gnd ? ? 10 a i cc (1) control inputs v cc = 3.6v, one input at 3v, other inputs at v cc or gnd ? ? 300 a c i control inputs v i = 3v or 0 ? 4 ? pf c io(off) v o = 3v or 0, oe = v cc ?7 ?pf max. at v cc = 2.3v v i = 0 i o = 64ma ? 5 8 typ. at v cc = 2.5v i o = 24ma ? 5 8 r on (2) v i = 1.7v i o = 15ma ? 27 40 v i = 0 i o = 64ma ? 5 7 v cc = 3v i o = 24ma ? 5 7 v i = 2.4v i o = 15ma ? 10 15 dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating conditions: t a = ?40c to +85c notes: 1. the increase in supply current is attributable to each current that is at the specified voltage level rather than v cc or gnd. 2. this is measured by the voltage drop between the a and b terminals at the indicated current through the switch. on-state res istance is determined by the lower of the voltages of the two (a or b ) terminals. note: 1. the propagation delay is the calculated rc time constant of the typical on-state resistance of the switch and the specified l oad capacitance driven by an ideal voltage source (zero output impedance). switching characteristics v cc = 2.5v 0.2v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t pd (1) propagation delay ? 0.15 ? 0.25 ns a to b or b to a t en output enable time 1 5 1 4.3 ns oe to a or b t dis output disable time 1 5.5 1 5.5 ns oe to a or b
industrial temperature range 4 IDT74CBTLV3384 low-voltage 10-bit bus switch open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v ol + v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v oh - v hz test circuits and waveforms test circuits for all outputs enable and disable times propagation delay notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2.5ns. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. symbol v cc (1) = 3.3v0.3v v cc (2) = 2.5v0.2v unit v load 6 2 x vcc v v ih 3 vcc v v t 1.5 vcc / 2 v v lz 300 150 mv v hz 300 150 mv c l 50 30 pf test conditions test switch t plz /t pzl v load t phz /t pzh gnd t pd open switch position
industrial temperature range IDT74CBTLV3384 low-voltage 10-bit bus switch 5 xx cbtlv xxx xx package device type temp. range qg pgg 74 quarter-size small outline package - green thin shrink small outline package - green low-voltage 10-bit bus switch ?40c to +85c 3384 blank 8 x tube or tray tape and reel ordering information corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 12/18/2014 pg. 5 updated the ordering information by removing non rohs part and by adding tape and reel information.


▲Up To Search▲   

 
Price & Availability of IDT74CBTLV3384

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X