Part Number Hot Search : 
2SK1500 7372Q PN5018 IK3052 IK3052 14600 12250 1608X7R
Product Description
Full Text Search
 

To Download FSRC240150RX000T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no.jeyf01fj-1005f-01 p.1/9 murata mfg co.,ltd. reference only ferrite core fsrc series reference specification 1. scope this reference specification is applied to ferrit e core (fsrc series) used for noise suppression. please contact us when using this product for any other applications than described in the above. 2. murata part number please see p.4/9. < part numbering > (ex.) ? (1) (2) (3) (4) (5) (6) (7) (8) (9) (1)ferrite (6) material (2)flat cable (7) process 00:standard/ b0:barrel (3) dimensions (8) individual specification code (4) outer dimension supplement code (9) packing code b:bulk/ t:tray (5) length 3.material ferrite permeability (ref.) curie temperature electrical resistance ( type) R R ? ( type) R R ? 4 use in the environment operating temperature : -25~85c storage temperature : -25~125c 5 shape and dimension please see p.5/9 9/9. 6 appearance standard ? please see p.4/9 as for limit size of defect (xmm 2 ) fig. a ? if there is any doubt about the appearance, the worst samples shall be made. mm 2 max. fig. a electrical characteristic no. ferrite specification test methods impedance value please see p.4/9 instruments agilent4191a ( or equivalent) frequency 100mhz lead wire 2uew awg18 (please see p. 4/9) impedance shall be measured at fig.b. fig.b frequency-characteri stics of impedance. (reference) please see p. 5/9 ~ 9/9. 8. inspection 8.1 test condition characteristics shall be measured at 2015c, 85% rh under. if the measured value should be doubted, characteristics shall be measured at 232c, 85% rh under again. 8.2 inspection level: ansi/asqc z1.4-1993, revel s-4, normal, single inspection inspection item judgment measurement characteristic n=10, ac=0, re=1 agilent4191a (or equivalent) appearance aql 2.5% visual inspection dimension n=10, ac=0, re=1 slide calipers ? etc.
spec no.jeyf01fj-1005f-01 p.2/9 murata mfg co.,ltd. reference only 9 packing ? quantity in package ? weight?please see p.4/9. ? basic packing fig.c outer case no. outer cas e dimension s (mm) inner case wd h inner case (bulk) tray above outer case size is typical when quantity is less than standard quantity, size or kind of outer case and inner case is changed if needed. ? marking for outside package customer name purchasing orde r number, customer part number, murata part number, inspection number( ? 1),rohs marking( ? 2), quantity, etc ? 1) ? expression of inspection no. ? oooo ??? (1) (2) (3) (1) factory code (2) date first digit : year / last digit of year second digit : month / jan. to sep. ? 1 to 9, oct. to dec. ? o,n,d third, fourth digit : day (3) serial no. ? 2) ? expression of rohs marking ? rohs ? y ( ) (1) (2) (1) rohs regulation conformity parts. (2) murata classification number 10. changes of specification any changes in these devices shall be enforced after consultation. 11. caution 1) limitation of applications please contact us before using our products for the under ment ioned applications requiring especially high reliability in order to prevent defects which might directly cause damage to other party's life, body or property (listed below). (1) aircraft equipment (2) aerospace equipment (3) undersea equipment (4) nuclear control apparatus (5) medical equipment (6) transportation equipment (automobiles, trains, ships, etc.) (7) traffic signal equipment (8) disaster prevention / crime prevention equipment (9) data-processing equipment (10) applications of similar complexity or with reliability requirements comparable to the applications listed in the above 2) be sure to provide an appropriate fail-safe functi on on your product to prevent a second damage that may be caused by the abnormal function or the failure of our product.
spec no.jeyf01fj-1005f-01 p.3/9 murata mfg co.,ltd. reference only 12. notice 1) protect product from damage that may o ccur in transit such as cracking of core. 2) handle product with care. do not drop. 3) do not apply excessiv e force to the product. 4) core should be taken to damage of lead wire when it is inserting or rolling in core. 5) this product is designed for use in the environment specified in this approval drawing; do not be used in the following environments or under the following conditions. (1) ambient air containing corrosive gas. (cl 2 , h 2 s, nh 3 , so 2 , no x , etc.) (2) in liquid. (3) other environments simi lar to (1) through (2). please contact us before using our products for the below mentioned environments. 13. note: 1) please make sure that your product has been evaluated in vi ew of your specifications with our product being mounted to your product. 2) you are requested not to use our product deviating from the reference specifications. 3) the contents of this refer ence specification are subject to change without advance notice. please approve our product specifications or transact th e approval sheet for product specifications before ordering
spec no.jeyf01fj-1005f-01 p.4/9 murata mfg co.,ltd. reference only core type, appearance,characteristic,packing list murata part number impedance min. qty. total qty. unit mass total mass fsrc080090rtb00b rt 3 fig.1 R35 0.5 45mm 2,000 10,000 0.8g 8.8kg fsrc080120rtb00b rt 3 fig.1 R44 0.5 45mm 1,500 7,500 1.1g 8.8kg fsrc120120rxb00b rx 3 fig.2 R41 0.5 45mm 1,000 5,000 1.7g 9.4kg fsrc140120rx000t rx 4 fig.3 R58 0.5 45mm 600 3,000 3.4g 11.6kg fsrc140200rxb00t rx 6 fig.3 R88 0.5 45mm 150 1,050 5.7g 7.4kg fsrc141060rxb00t rx 4 fig.4 R28 0.5 45mm 600 4,200 1.5g 7.7kg fsrc142150rtb00t rt 5 fig.5 R63 awg18 65mm 330 1,650 6.1g 11.5kg fsrc170090rtb00t rt 6 fig.6 R34 0.5 40mm 600 2,400 3.6g 10.0kg fsrc170120rt000t rt 6 fig.6 R48 0.5 50mm 600 2,400 4.3g 11.7kg fsrc171060rtb00t rt 6 fig.7 R24 0.5 40mm 1,080 7,560 1.2g 10.5kg fsrc171090rtb00t rt 6 fig.7 R31 0.5 50mm 1,080 4,320 1.8g 9.2kg fsrc171120rtb00t rt 6 fig.7 R37 0.5 50mm 1,080 4,320 2.3g 11.3kg fsrc222060rx000t rx 7 fig.8 R26 0.5 50mm 550 3,850 1.5g 6.8kg fsrc222090rx000t rx 7 fig.8 R32 0.5 50mm 550 2,750 2.3g 7.3kg fsrc222120rx000t rx 7 fig.8 R37 0.5 50mm 550 2,750 3.1g 9.5kg FSRC240150RX000T rx 7 fig.9 R55 0.8 48mm 320 1,600 9.0g 15.9kg material appearance (xmm 2 ) dimension packing packing quantity mass lead wire characteristic
spec no.jeyf01fj-1005f-01 p.5/9 murata mfg co.,ltd. reference only shape and dimension ? frequency-characteristics of impedance. (reference) instruments : agilent4191a / lead wire: through (please see p.4/9) fig. r 0.5 2.7 0.07 0.30 0.15 ? () h 8.00.3 6.000.25 2.70.3 0.700.25 6.0 8.0 0.7 r0 . 35 () murata part number h barrel fsrc080090rtb00b 9.00.25 fsrc080120rtb00b 12.00.25 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc080090rtb00b fsrc080120rtb00b fig.2 r 0.5 r 0.35 8.0 11.5 3.0 0.7 0.07 0.30 0.20 ?() 8.000.25 11.50.5 3.000.25 h 0.700.25 murata part number h barrel fsrc120120rxb00b 12.00.25 1 10 100 1000 1 10 100 100 0 impedance ? ( ? ) frequency ? (mhz) fsrc120120rxb00b corner enlargement (ref.) enlargement (ref.) enlargement (ref.) corner enlargement (ref.) 100 0
spec no.jeyf01fj-1005f-01 p.6/9 murata mfg co.,ltd. reference only shape and dimension ? frequency-characteristics of impedance. (reference) instruments : agilent4191a / lead wire: through (please see p. 4/9) fig.3 13.80.4 9.60.4 5.00.4 h 0.80.4 r0.4 r2.5 13.8 9.6 0.30 0.10 0.12 ?() murata part number h barrel fsrc140120rx000t 12.00.4 - fsrc140200rxb00t 20.00.7 0 rx 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc140120rx000t fsrc140200rxb00t fig.4 13.80.4 10.80.4 5.00.4 h 1.30.4 0.30 0.10 0.12 ? r2.5 13.8 10.8 murata part number h barrel fsrc141060rxb00t 6.00.4 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc141060rxb00t shape and dimension ? frequency-characteristics of impedance. (reference) corner enlargement enlargement (ref.) corner enlargement enlargement (ref.)
spec no.jeyf01fj-1005f-01 p.7/9 murata mfg co.,ltd. reference only instruments : agilent4191a / lead wire: through (please see p. 4/9) fig.5 4-r1.0 4-r3.5 9.00.4 14.00.4 9.00.4 4.00.4 15.00.5 0.40 0.10 0.15 ?() murata part number barrel fsrc142150rtb00t 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc142150rtb00t fig.6 17.00.4 13.00.4 0.80.4 5.00.4 17.0 13.0 r0.4 r2.5 0.1 0.12 0.1 0.30 h ?() () murata part number h barrel fsrc170090rtb00t 9.00.4 fsrc170120rt000t 12.00.4 - 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc170120rt000t fsrc170090rtb00t corner enlargement (ref.) corner enlargement (ref.) enlargement (ref.)
spec no.jeyf01fj-1005f-01 p.8/9 murata mfg co.,ltd. reference only shape and dimension ? frequency-characteristics of impedance. (reference) instruments : agilent4191a / lead wire: through (please see p. 4/9) fig 7 17.00.4 13.60.4 0.70.3 2.80.4 h ?() r0.5 r0.35 13.6 17.0 0.7 2.8 () 0.07 0.2 0.3 murata part number h barrel fsrc171060rtb00t 6.00.4 fsrc171090rtb00t 9.00.4 fsrc171120rtb00t 12.00.4 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc171060rtb00t fsrc171090rtb00t fsrc171120rtb00t fig.8 h 2.80.4 22.80.5 0.70.3 r0.5 r0.35 ?() 0.3 0.07 0.2 2.8 0.7 22.8 18.7 1.05 () 18.70.5 murata part number h barrel fsrc222060rx000t 6.00.4 - fsrc222090rx000t 9.00.4 - fsrc222120rx000t 12.00.4 - 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) fsrc222060rx000t fsrc222090rx000t fsrc222120rx000t shape and dimension ? frequency-characteristics of impedance. (reference) corner enlargement (ref.) enlargement (ref.) corner enlargement (ref.) enlargement (ref.)
spec no.jeyf01fj-1005f-01 p.9/9 murata mfg co.,ltd. reference only instruments : agilent4191a / lead wire: through (please see p. 4/9) fig.9 23.80.5 18.80.5 6.30.4 1.10.3 15.00.4 ?() 0.50 0.15 0.20 r0.55 r3.15 18.8 () 23.8 murata part number barrel FSRC240150RX000T - 1 10 100 1000 1 10 100 1000 impedance ? ( ? ) frequency ? (mhz) FSRC240150RX000T corner enlargement (ref.) enlargement (ref.)


▲Up To Search▲   

 
Price & Availability of FSRC240150RX000T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X