Part Number Hot Search : 
65RPH ST2SC 74LS08 1225B R4045 1000B 79L05 LIRFZ44
Product Description
Full Text Search
 

To Download CX3225CA16000D0PSVCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.2 2.5mm for automotive rohs compliant features ? crystal unit for automotive electronics ? small and low profi le (3.2 2.5 0.80mm) ? ceramic package ? refl ow compatible ? aec-q200 qualifi ed applications ? ecu ? high-speed automotive network how to order cx3225ca 16000 % 1 4 7 $$ ? ? ? ??? ? ? series ? frequency ? load capacitance d0 8 pf ? frequency tolerance p 50 10 ? 6 ? operating temp. range ? frequency temp. stability sv ? 40 to + 125 c 150 10 ? 6 ? individual specifi cation (std standard is cc) packaging (tape & reel 3000 pcs./ reel) 1.05 3.6 1.3 1.3 1.05 1.85 recommended land pattern (unit: mm) 3.2r0.1 2.5r0.1 0.75 1.2 1.0 connection (top view) nc hot hot nc 4-r0.2 #4 #3 #1 #2 #1 #2 #4 #3 1.0 1.0 #4 #3 #1 #2 0.8r0.1 dimensions (unit: mm) speci cations item symbol speci cation units remarks frequency range f _nom 12000 to 54000 khz overtone order ot fundamental ? load capacitance cl 8 pf please contact us for other load capacitance. frequency tolerance f _tol 50 10 ? 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use ? 40 to + 125 c storage temp. range t _stg ? 40 to + 150 c frequency temp. characteristics f _tem 150 10 ? 6 freq. deviation from the value at 25 c please contact us for other specifications. table1 motional series resistance frequency range motional series resistance 12000 f _nom < 13560khz 200 max. 13560 f _nom < 16000khz 120 max. 16000 f _nom 54000khz 100 max. table2 level of drive frequency range level of drive 12000 f _nom 54000khz 10 w (200 w max.) crystal units surface mount type cx3225ca as of march 2018


▲Up To Search▲   

 
Price & Availability of CX3225CA16000D0PSVCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X