Part Number Hot Search : 
M2039TNG CA3138 MAX3222 12001 LTT67S 211423 K573AB 50074
Product Description
Full Text Search
 

To Download CX16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CX16 telemetry crystal 24 mhz to 50 mhz low profile , ultra-miniature surface mount quartz crystal ceramic lid description when miniaturization is paramount, stateks low profile CX16 at quartz crystal is an excellent choice. this crystal has a typical footprint of 2.0 mm x 1.2 mm, and a typical height of 0.43 mm. the resonator is manufactured using stateks photolithographic and chemical milling processes and then sealed within a ceramic package for high stability and low aging. available with tight calibration tolerances and high stability over temperature and fast start-up times, this crystal is well suited for applications that have a space restraint and require a crystal with a low profile. features ultra-miniature, surface mount design ultra-low profile hermetically sealed ceramic package high shock and vibration survival excellent aging characteristics full military testing available designed and manufactured in the usa applications medical medical telemetry pacemakers defibrillators neurostimulators infusion pumps cochlear implants statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com 10200 rev b thickness (dim c) lid termination typical inches mm sm1 0.017 0.43 sm2/sm4 0.018 0.44 sm3/sm5 0.019 0.47 typical dim inches mm a0.0792.00 b0.0471.20 c-- d0.0250.64 package dimensions ceramic land pattern
how to order CX16 at crystals terminations designation termination sm1 gold plated (lead free) sm2 solder plated sm3 solder dipped sm4 solder plated (lead free) sm5 solder dipped (lead free) max process temperature 260 o c for 20 sec. specifications specifications are typical at 25 o c unless otherwise noted. spe- cifications are subject to change without notice. fundamental frequency 24 mhz 26.5 mhz motional resistance r 1 ( )100 90 motional capacitance c 1 (ff) 1.3 1.4 quality factor q (k) 30 30 shunt capacitance c 0 (pf) 0.6 0.6 calibration tolerance ?00 ppm, or tighter as required load capacitance 10 pf (unless specified otherwise) drive level 100 w max frequency-temperature ?0 ppm to ?0 ppm (commercial) stability 1 ?00 ppm to ?0 ppm (industrial) ?00 ppm to ?0 ppm (military) aging, first year 3 ppm max (better than 1 ppm available) shock, survival 5,000 g, 0.3 ms, 1/2 sine vibration, survival 2 20 g, 10-2,000 hz swept sine operating temp. range -10 o c to +70 o c (commercial) -40 o c to +85 o c (industrial) -55 o c to +125 o c (military) storage temp. range -55 o c to +125 o c max process temperature 260 o c for 20 sec. 1. does not include calibration tolerance. the characteristics of the frequency stability over temperature follow that of the at thickness-shear mode. 2. per mil-std-202g, method 204d, condition d. random vibration testing also available. frequency m = mhz c = ceramic lid sm1 = gold plated (lead free) sm2 = solder plated sm3 = solder dipped sm4 = solder plated (lead free) sm5 = solder dipped (lead free) temp. range: c=-10 o c to +70 o c i =-40 o c to +85 o c m= -55 o c to +125 o c s=customer specified frequency stability over temp.range (in ppm) calibration tolerance @ 25 0 c (in ppm) statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com packaging options ?tray pack ?8mm tape, 7?or 13?reels ( per eia 481) CX16 s c sm4 24.0m , 30 / 10 / / i ,3 pf blank = standard s = special or custom 10200 rev b equivalent circuit load capacitance (customer specified)


▲Up To Search▲   

 
Price & Availability of CX16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X