Part Number Hot Search : 
LM293 PA0801NL 32A1235 C144E 6ST8272 N4001 C144E C144E
Product Description
Full Text Search
 

To Download CD74AC139E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cd54ac139, cd74ac139 dual 2-line to 4-line decoders/demultiplexers schs332 ? march 2003 1 post office box 655303 ? dallas, texas 75265 ac types feature 1.5-v to 5.5-v operation and balanced noise immunity at 30% of the supply voltage buffered inputs incorporate two enable inputs to simplify cascading and/or data reception speed of bipolar f, as, and s, with significantly reduced power consumption balanced propagation delays 24-ma output drive current ? fanout to 15 f devices scr-latchup-resistant cmos process and circuit design exceeds 2-kv esd protection per mil-std-883, method 3015 description/ordering information the ?ac139 devices are dual 2-line to 4-line decoders/demultiplexers designed for 1.5-v to 5.5-v v cc operation. these devices are designed to be used in high-performance memory-decoding or data-routing applications requiring very short propagation delay times. in high-performance memory systems, these decoders can be used to minimize the effects of system decoding. when used with high-speed memories utilizing a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are less than the typical access time of the memory. this means that the effective system delay introduced by the decoders is negligible. the active-low enable (g ) input can be used as a data line in demultiplexing applications. these decoders/demultiplexers feature fully buffered inputs, each of which represents only one normalized load to its driving circuit. ordering information t a package ? orderable part number top-side marking pdip ? e tube CD74AC139E CD74AC139E 55 cto125  c soic m tube cd74ac139m ac139m ? 55 c to 125 c soic ? m tape and reel cd74ac139m96 ac139m cdip ? f tube cd54ac139f3a cd54ac139f3a ? package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. copyright ? 2003, texas instruments incorporated production data information is current as of publication date. products conform to specifications per the terms of texas instruments standard warranty. production processing does not necessarily include testing of all parameters. please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. cd54ac139 ...f p ackage cd74ac139 ...e or m p ackage (top view) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1g 1a 1b 1y0 1y1 1y2 1y3 gnd v cc 2g 2a 2b 2y0 2y1 2y2 2y3 on products compliant to mil-prf-38535, all parameters are tested unless otherwise noted. on all other products, production processing does not necessarily include testing of all parameters.
cd54ac139, cd74ac139 dual 2-line to 4-line decoders/demultiplexers schs332 ? march 2003 2 post office box 655303 ? dallas, texas 75265 function table (each decoder/demultiplexer) inputs outputs g select outputs g b a y0 y1 y2 y3 h x x h h h h l l ll hhh l l hh lhh l h lh hlh l h h h h h l logic diagram (positive logic) select inputs select inputs 2b 2a 2g 1b 1a 1g data outputs 2y3 2y2 2y1 2y0 1y3 1y2 1y1 1y0 1 2 3 15 14 13 4 5 6 7 12 11 10 9 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) ? supply voltage range, v cc ? 0.5 v to 6 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0 v or v i > v cc ) (see note 1) 20 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output clamp current, i ok (v o < 0 v or v o > v cc ) (see note 1) 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous output current, i o (v o > 0 v or v o < v cc ) 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous current through v cc or gnd 100 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . package thermal impedance, ja (see note 2): e package 67 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . m package 73 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ? 65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ? stresses beyond those listed under ? absolute maximum ratings ? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ? recommended operating conditions ? is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. the package thermal impedance is calculated in accordance with jesd 51-7.
cd54ac139, cd74ac139 dual 2-line to 4-line decoders/demultiplexers schs332 ? march 2003 3 post office box 655303 ? dallas, texas 75265 recommended operating conditions (see note 3) t a = 25 c ? 55 c to 125 c ? 40 c to 85 c unit min max min max min max v cc supply voltage 1.5 5.5 1.5 5.5 1.5 5.5 v v cc = 1.5 v 1.2 1.2 1.2 v ih high-level input voltage v cc = 3 v 2.1 2.1 2.1 v v cc = 5.5 v 3.85 3.85 3.85 v cc = 1.5 v 0.3 0.3 0.3 v il low-level input voltage v cc = 3 v 0.9 0.9 0.9 v v cc = 5.5 v 1.65 1.65 1.65 v i input voltage 0 v cc 0 v cc 0 v cc v v o output voltage 0 v cc 0 v cc 0 v cc v i oh high-level output current v cc = 4.5 v to 5.5 v ? 24 ? 24 ? 24 ma i ol low-level output current v cc = 4.5 v to 5.5 v 24 24 24 ma ? t/ ? v in p ut transition rise or fall rate v cc = 1.5 v to 3 v 50 50 50 ns/v ? t/ ? v input transition rise or fall rate v cc = 3.6 v to 5.5 v 20 20 20 ns/v note 3: all unused inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs , literature number scba004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions v cc t a = 25 c ? 55 c to 125 c ? 40 c to 85 c unit cc min max min max min max 1.5 v 1.4 1.4 1.4 i oh = ? 50 a 3 v 2.9 2.9 2.9 4.5 v 4.4 4.4 4.4 v oh v i = v ih or v il i oh = ? 4 ma 3 v 2.58 2.4 2.48 v i oh = ? 24 ma 4.5 v 3.94 3.7 3.8 i oh = ? 50 ma ? 5.5 v 3.85 i oh = ? 75 ma ? 5.5 v 3.85 1.5 v 0.1 0.1 0.1 i ol = 50 a 3 v 0.1 0.1 0.1 4.5 v 0.1 0.1 0.1 v ol v i = v ih or v il i ol = 12 ma 3 v 0.36 0.5 0.44 v i ol = 24 ma 4.5 v 0.36 0.5 0.44 i ol = 50 ma ? 5.5 v 1.65 ? i ol = 75 ma ? 5.5 v 1.65 i i v i = v cc or gnd 5.5 v 0.1 1 1 a i cc v i = v cc or gnd, i o = 0 5.5 v 8 160 80 a c i 10 10 10 pf ? test one output at a time, not exceeding 1-second duration. measurement is made by forcing indicated current and measuring volt age to minimize power dissipation. test verifies a minimum 50- ? transmission-line drive capability at 85 c and 75- ? transmission-line drive capability at 125 c.
cd54ac139, cd74ac139 dual 2-line to 4-line decoders/demultiplexers schs332 ? march 2003 4 post office box 655303 ? dallas, texas 75265 switching characteristics over recommended operating free-air temperature range, v cc = 1.5 v, c l = 50 pf (unless otherwise noted) (see figure 1) parameter from (input) to (output) load capacitance ? 55 c to 125 c ? 40 c to 85 c unit (input) (output) capacitance min max min max t plh aorb any y c l =50 p f 131 119 ns t phl a or b any y c l = 50 pf 131 119 ns t plh g any y c l =50 p f 131 119 ns t phl g any y c l = 50 pf 131 119 ns switching characteristics over recommended operating free-air temperature range, v cc = 3.3 v 0.3 v, c l = 50 pf (unless otherwise noted) (see figure 1) parameter from (input) to (output) load capacitance ? 55 c to 125 c ? 40 c to 85 c unit (input) (output) capacitance min max min max t plh aorb any y c l =50 p f 3.7 14.7 3.9 13.4 ns t phl a or b any y c l = 50 pf 3.7 14.7 3.9 13.4 ns t plh g any y c l =50 p f 3.7 14.7 3.9 13.4 ns t phl g any y c l = 50 pf 3.7 14.7 3.9 13.4 ns switching characteristics over recommended operating free-air temperature range, v cc = 5 v 0.5 v, c l = 50 pf (unless otherwise noted) (see figure 1) parameter from (input) to (output) load capacitance ? 55 c to 125 c ? 40 c to 85 c unit (input) (output) capacitance min max min max t plh aorb any y c l =50 p f 2.6 10.5 2.8 9.5 ns t phl a or b any y c l = 50 pf 2.6 10.5 2.8 9.5 ns t plh g any y c l =50 p f 2.6 10.5 2.8 9.5 ns t phl g any y c l = 50 pf 2.6 10.5 2.8 9.5 ns operating characteristics, v cc = 5 v, t a = 25 c parameter typ unit c pd power dissipation capacitance 83 pf
cd54ac139, cd74ac139 dual 2-line to 4-line decoders/demultiplexers schs332 ? march 2003 5 post office box 655303 ? dallas, texas 75265 parameter measurement information voltage waveforms setup and hold and input rise and fall times t h t su 50% v cc 50% v cc 50% 10% 10% 90% 90% v cc v cc 0 v 0 v t r t f reference input data input voltage waveforms propagation delay and output transition times 50% v cc 50% v cc 50% 10% 10% 90% 90% v cc v oh v ol 0 v t r t f input in-phase output 50% v cc t plh t phl 50% v cc 50% 10% 10% 90% 90% v oh v ol t r t f t phl t plh out-of-phase output notes: a. c l includes probe and test-fixture capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 1 mhz, z o = 50 ? , t r = 3 ns, t f = 3 ns. phase relationships between waveforms are arbitrary. d. for clock inputs, f max is measured with the input duty cycle at 50%. e. the outputs are measured one at a time with one input transition per measurement. f. t plh and t phl are the same as t pd . g. t pzl and t pzh are the same as t en . h. t plz and t phz are the same as t dis . i. all parameters and waveforms are not applicable to all devices. from output under test c l = 50 pf (see note a) load circuit s1 2 v cc r1 = 500 ? ? open gnd 0 v t w voltage waveforms pulse duration input 50% v cc 50% v cc v cc t plh /t phl t plz /t pzl t phz /t pzh open 2 v cc gnd test s1 output control output waveform 1 s1 at 2 v cc (see note b) output waveform 2 s1 at gnd (see note b) v ol v oh t pzl t pzh t plz t phz v cc 0 v 50% v cc 20% v cc 50% v cc 0 v voltage waveforms output enable and disable times 50% v cc 50% v cc 80% v cc v cc r2 = 500 ? ? ? when v cc = 1.5 v, r1 = r2 = 1 k ? voltage waveforms recovery time 50% v cc v cc 0 v clr input clk 50% v cc v cc t rec 0 v figure 1. load circuit and voltage waveforms

 mpdi002c ? january 1995 ? revised december 20002 1 post office box 655303 ? dallas, texas 75265 n (r-pdip-t**) plastic dual-in-line package bb ac ad 0.325 (8,26) 0.300 (7,62) 0.010 (0,25) nom gauge plane 0.015 (0,38) 0.430 (10,92) max 20 1.060 (26,92) 0.940 (23,88) 18 0.920 0.850 14 0.775 0.745 (19,69) (18,92) 16 0.775 (19,69) (18,92) 0.745 a min dim a max pins ** (23,37) (21,59) seating plane 14/18 pin only 20 pin vendor option 4040049/e 12/2002 9 8 0.070 (1,78) a 0.045 (1,14) 0.020 (0,51) min 16 1 0.015 (0,38) 0.021 (0,53) 0.200 (5,08) max 0.125 (3,18) min 0.240 (6,10) 0.260 (6,60) m 0.010 (0,25) 0.100 (2,54) 16 pins shown ms-100 variation aa c d d d 0.030 (0,76) 0.045 (1,14) notes: a. all linear dimensions are in inches (millimeters). b. this drawing is subject to change without notice. c. falls within jedec ms-001, except 18 and 20 pin minimum body lrngth (dim a). d. the 20 pin end lead shoulder width is a vendor option, either half or full width.
mechanical data msoi002b ? january 1995 ? revised september 2001 1 post office box 655303 ? dallas, texas 75265 d (r-pdso-g**) plastic small-outline package 8 pins shown 8 0.197 (5,00) a max a min (4,80) 0.189 0.337 (8,55) (8,75) 0.344 14 0.386 (9,80) (10,00) 0.394 16 dim pins ** 4040047/e 09/01 0.069 (1,75) max seating plane 0.004 (0,10) 0.010 (0,25) 0.010 (0,25) 0.016 (0,40) 0.044 (1,12) 0.244 (6,20) 0.228 (5,80) 0.020 (0,51) 0.014 (0,35) 1 4 8 5 0.150 (3,81) 0.157 (4,00) 0.008 (0,20) nom 0 ? 8 gage plane a 0.004 (0,10) 0.010 (0,25) 0.050 (1,27) notes: a. all linear dimensions are in inches (millimeters). b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15). d. falls within jedec ms-012
important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third?party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. mailing address: texas instruments post office box 655303 dallas, texas 75265 copyright ? 2003, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of CD74AC139E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X