Part Number Hot Search : 
SKY65 TM4002PM MA3M553 2SB762A 1211S 00222 184U016E C18F67
Product Description
Full Text Search
 

To Download BM801M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 3 BM801M specifications are subject to change without notice. customers should verify actual device pe rformance in their specific applications www.bencent.com.cn order code: BM801M gas discharge tube version: a1 2016-07-11 `  size design 8.38.36mm high current handling capability 20,000a @ 8/20 s low capacitance and insertion loss fast response and long service life reliable to protect electrostatic surge moisture sensitivity level level 1 electrical parameter ac power schematic symbol application information package (top view) features exterior 1 2 1 2 agency approvals dc breakdown voltage 1 2 100v/s 640-960 v impulse spark-over voltage at 1kv/ s for 99 % of measured values ? 1200 v at 1kv/ s typical values of distribution ? 1150 v impulse discharge current 3 8/20 s 5times 20,000 a arc voltage at 1a ~15 v insulation resistance dc=100v 1 g ? capacitance at 1 mhz v dc =0.5v 1.5 pf weight ~1.75 g operating and storage temperature -40-90 marking without smd 1)  at delivery aql 0.65 level ii iso 2859 2) in ionized mode 3) terms and current waveforms in accordance with itu-t rec. k. 12; iec 61643-21 icon description compliance with 2011/65/eu compliance with iec61249-2-21:2003 mean lead free compliance with ul1449, certificated e337906
2 / 3 BM801M specifications are subject to change without notice. customers should verify actual device pe rformance in their specific applications www.bencent.com.cn order code: BM801M gas discharge tube version: a1 2016-07-11 bm 801 m (1) (2) 3 (1) bencent smd gas discharge tube with 8.38.36 (lwh) (mm) dimension (2) dc breakdown voltage, e.g., 091=910 1 =90v (3) tolerance is dc breakdown voltage, m=20%, n=30% part numbering system recommended soldering pad product dimensions environmental reliability characteristics lead material copper body material ceramics ter minal finish 100% matte-tin plated product characteristics testing items technical standards high temperature storage test temperature: 90 time:2h low temperature storage test temperature: -40 time:2h vibration frequency 10-500hz amplitude 0.15mm time 45mi n s resistance of soldering heat temperature: 2605 time of dip soldering 10s 1time ref mm inch a 9.30.1 0.3660.004 b 4.20.1 0.1650.004 c 8.30.2 0.3270.008 d 8.30.2 0.3270.008 e 0.50.05 0.020.002 f 60.2 0.2360.008 ref mm inch a 7.95 0.313 b 4.5 0.177 c 8 0.315 note: up-screen program can be specified by cust omers request via contacting bencent service solderability test solderability solder pot temperature: 245 5 solder dwell time: 4-6 seconds
3 / 3 BM801M specifications are subject to change without notice. customers should verify actual device pe rformance in their specific applications www.bencent.com.cn order code: BM801M gas discharge tube version: a1 2016-07-11 ref mm inch p0 4.00.1 0.157 0.004 d0 1.5 0.1 0.059 +0.004 p1 120.1 0.472 0.004 p2 2.00.1 0.079 0.004 a 6.5 0.2 0.256 0.008 b 8.4 0.2 0.331 0.008 f 7.50.1 0.295 0.004 e 1.750.1 0.069 0.004 w 160.3 0.63 0.012 d 3302 12.99 0.079 d1 100 2 3.94 0.079 d2 13 0.15 0.512 0 .006 w1 212 0.8270.079 -0 -0 package reel information reflow profile outline reel (pcs) inside carton (pcs) per carton (pcs) carton size(mm) l w h taping 500 1000 8000 360 360 380 reflow condition pb-free assembly pre heat temperature min 150c temperature max 200c time min to max 60 C 180 secs average ramp up rate liquids tamp t l to peal 3c/second max t s (max) to t l - ramp-up rate 3c/second max reflow - temperature (t l ) (liquids) 217c - temperature (t l ) 60 C 150 seconds peak temperature (t p ) 260+0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 260c t p ramp-down t p t l t s(max) t s(min) 25 time to peak temper ature time temperature critical zone t l to t p t l preheat ramp-up t s


▲Up To Search▲   

 
Price & Availability of BM801M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X