Part Number Hot Search : 
15W10 HPR2XX GNGBAM MAX483E LH5116 0100CT MAC08M K0351
Product Description
Full Text Search
 

To Download BD2425J50100AHF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model BD2425J50100AHF rev c ultra low profile 0805 balun 50 to 100 balanced description the BD2425J50100AHF is a low profile sub miniature balanced to unbalanced transformer designed for differential in puts and output locations on next generation wireless chipsets in an easy to use surf ace mount package covering 802.11b+g+n. the BD2425J50100AHF is ideal for high volume manufacturing and is higher performance than traditional ceramic and lumped element baluns. the BD2425J50100AHF has an unbalanced port impedance of 50 and a 100 balanced port impedance. this transformation enable s single ended signals to be applied to differential ports on modern semiconduct ors. the output ports have equal amplitude (3db) with 180 degree phase differential . the BD2425J50100AHF is available on tape and reel for pick and place high volume manufacturing. detailed electrical specifications: specifications subject to change without notice. features: ? 2400 C 2500 mhz ? 0.7mm height profile ? 50 ohm to 2 x 50 ohm ? 802.11 b+g +n compliant ? low insertion loss ? input to output dc isolation ? surface mountable ? tape & reel ? nonconductive surface ? rohs compliant ? halogen free room (25 c) parameter min. typ. max unit frequency 2400 2500 mhz unbalanced port impedance 50 balanced port impedance 100 return loss 14 22 db insertion loss* 0.55 0.75 db amplitude balance 0.3 0.5 db phase balance 2 5 degrees cmrr 33 db power handling 2 watts operating temperature 55 +85 oc * insertion loss stated at room temperature (insert ion loss is approximately 0.1 db higher at +85 oc) outline drawing 2x 0.15 4x 0.37 5 4 2 16 3 pin out 1 gnd nc out 2 gnd/dc feed in designation +rf gnd mechanical outline dimensions are in millimeters 2.040.10 1.290.10 0.710.07 1 2 3 6 5 6x 0.30 6x 0.22 4x 0.65 6x 0.98 orientation marker denotes pin location 4 orientation marker denotes pin location top view (near side) side view bottom view (far side)
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model BD2425J50100AHF rev c typical broadband performance: 500 mhz. to 8500 mhz . return loss input 36 33 30 27 24 21 18 15 12 9 6 3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] insertion loss 3.6 3.3 3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] amplitude balance 2 1.5 1 0.5 0 0.5 1 1.5 2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] phase balance 20 15 10 5 0 5 10 15 20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] deg cmrr 36 33 30 27 24 21 18 15 12 9 6 3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db]
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model BD2425J50100AHF rev c typical performance: 2300 mhz. to 2600 mhz. return loss input 36 33 30 27 24 21 18 15 12 9 6 3 0 2300 2320 2340 2360 2380 2400 2420 2440 2460 2480 2500 2520 2540 2560 2580 2600 frequency [mhz] [db] insertion loss 3.6 3.3 3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 2300 2320 2340 2360 2380 2400 2420 2440 2460 2480 2500 2520 2540 2560 2580 2600 frequency [mhz] [db] amplitude balance 2 1.5 1 0.5 0 0.5 1 1.5 2 2300 2320 2340 2360 2380 2400 2420 2440 2460 2480 2500 2520 2540 2560 2580 2600 frequency [mhz] [db] phase balance 20 15 10 5 0 5 10 15 20 2300 2320 2340 2360 2380 2400 2420 2440 2460 2480 2500 2520 2540 2560 2580 2600 frequency [mhz] deg cm rr 36 33 30 27 24 21 18 15 12 9 6 3 0 2300 2320 2340 2360 2380 2400 2420 2440 2460 2480 2500 2520 2540 2560 2580 2600 frequency [mhz] [db]
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model BD2425J50100AHF rev c mounting configuration: in order for xinger surface mount components to wor k optimally, the proper impedance transmission line s must be used to connect to the rf ports. if this condition is not satisfied, insertion loss, isolation and vs wr may not meet published specifications. all of the xinger components are constructed from o rganic ptfe based composites which possess excellen t electrical and mechanical stability. xinger compone nts are compliant to a variety of rohs and green st andards and ready for pbfree soldering processes. pads are gol d plated with a nickel barrier. an example of the pcb footprint used in the testing of these parts is shown below. an example of a dc biased footprint is also shown below. in specific designs , the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. no bias footprint dc bias footprint 6x .41 6x .33 .04 4x .25 .66 3x transmission lines plated thru holes to ground plated thru holes to ground circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in millimeters 0402 capacitor plated thru holes to ground 6x .41 6x .33 .04 4x .25 .66 3x transmission lines plated thru holes to ground circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in millimeters
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model BD2425J50100AHF rev c packaging and ordering information parts are available in reel and are packaged per ei a 4812. parts are oriented in tape and reel as sh own below. minimum order quantities are 4000 per reel. see model numbers be low for further ordering information . 8.00 4.00 2.00 1.75 3.50 4.00 1.60 .81 .25 2.41


▲Up To Search▲   

 
Price & Availability of BD2425J50100AHF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X