Part Number Hot Search : 
120M0 128MP R9220 DG538 C4630 2SB1215 LT1304 SCNAR05
Product Description
Full Text Search
 

To Download BAT750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier diode BAT750 features z high conductance. z very low forward voltage drop. z for use in dc-dc converter,pcmcia, and mobile telecommunications appilication. applications z 0.75 surface mount schottk y barrier rectifier. sot-23 ordering information type no. marking package code BAT750 k77 sot-23 maximum rating @ ta=25 unless otherwise specified characteristic symbol limits unit peak repetitive reverse voltage working peak reverse voltage dc reverse voltage v rrm v rwm v r 40 v rms reverse voltage v r(rms) 28 v average rectified current i o 750 ma non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 5.5 a power dissipation p d 350 mw typical thermal resistance, junction to ambient air r ja 286 /w operating junction temperature range t j 125 storage temperature range t stg -40 to +125 pb lead-free diode semiconductor korea www.diode.kr
schottky barrier diode BAT750 electrical characteristics @ ta=25 unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage v ( br ) r 40 45 - v i r =300 a forward voltage v f - 225 235 290 340 390 420 475 280 310 350 420 490 540 650 mv i f =50ma i f =100ma i f =250ma i f =500ma i f =750ma i f =1000ma i f =1500ma maximum reverse current i r - 50 100 a v r =30v junction capacitance c j - - 175 25 - - pf v r =0v,f=1.0mhz v r =25v,f=1.0mhz typical characteristics @ ta=25 unless otherwise specified www.diode.kr diode semiconductor korea
schottky barrier diode BAT750 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information device package shipping BAT750 sot-23 3000/tape&reel sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of BAT750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X