Part Number Hot Search : 
ADL53 MAX8744A 7818A DA0620 IRG4BC30 WP424YDT GI40N03 10P05
Product Description
Full Text Search
 

To Download 5KP15A-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5kp series voltage 5v~190v 5000w peak power tvs elektronische bauelemente 24-may-2018 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free description the 5kp series is designed specifically to protect sensitive electronic equipment from voltage transients induce d by lightning and other transient voltage events. features  v br @t j = v br @25c x (1+ t x (t j - 25)) ( t:temperature coefficient)  glass passivated chip junction in p600 package  5000w peak pulse capability at 10/1000 s waveform, repetition rate (duty cycles): 0.01%  excellent clamping capability  typical failure mode is short from over-specified voltage or current  fast response time: typically less than 1.0ps from 0 volts to bv min  whisker test is conducted based on jedec jesd201a per its table 4a and 4c  iec-61000-4-2 esd 15kv(air), 8kv (contact)  esd protection of data lines in accordance with ie c 61000-4-2 (iec801-2)  eft protection of data lines in accordance with ie c 61000-4-4 (iec801-4)  low incremental surge resistance  typical i r less than 2 a above 12v  high temperature soldering guaranteed: 260c/40 se conds / 0.375, (9.5mm) lead length, 5 lbs., (2.3kg) tension  plastic package has underwriters laboratory flamma bility classification 94v-o  matte tin leadCfree plated  2nd level interconnect is pb-free per ipc/jedec j- std-609a.01 applications tvs devices are ideal for the protection of i/o int erfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applic ations. order information maximum ratings and electrical characteristics (t a =25c unless otherwise noted) parameter symbol ratings unit peak power dissipation with a 10/1000 s waveform p pp 5000 w power dissipation on infinite heatsink @t l =75c p d 8 w peak forward surge current @8.3ms single half sine-wave unidirectional only 1 i fsm 500 a operating and storage temperature range t j, t stg -55~150 c note: 1. measured on 8.3ms single half sine-wave or equiv alent square wave, duty cycle=4 pulses per minute m aximum. ref. millimeter min. max. a 25.4 ref b 8.6 9.1 c 8.6 9.1 d 1.2 1.3 part number type 5kp series lead (pb)-free 5kp series-c lead (pb)-free and halogen-free a c b a d r-6 functional diagram
5kp series voltage 5v~190v 5000w peak power tvs elektronische bauelemente 24-may-2018 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristic (t a =25c unless otherwise noted) part number reverse standoff voltage breakdown voltage @i t test current max. clamping voltage v c @i pp peak pulse current reverse leakage i r @v rrm min. max. directional v r v br v br i t v c i pp i r uni bi v v v ma v a ua 5kp5.0a 5kp5.0ca 5 6.4 7 50 9.2 543.48 5000 5kp6.0a 5kp6.0ca 6 6.67 7.37 50 10.3 485.44 5000 5kp6.5a 5kp6.5ca 6.5 7.22 7.98 50 11.2 446.43 2000 5kp7.0a 5kp7.0ca 7 7.78 8.6 50 12 416.67 1000 5kp7.5a 5kp7.5ca 7.5 8.33 9.21 5 12.9 387.6 250 5kp8.0a 5kp8.0ca 8 8.89 9.83 5 13.6 367.65 150 5kp8.5a 5kp8.5ca 8.5 9.44 10.4 5 14.4 347.22 50 5kp9.0a 5kp9.0ca 9 10 11.1 5 15.4 324.68 20 5kp10a 5kp10ca 10 11.1 12.3 5 17 294.12 15 5kp11a 5kp11ca 11 12.2 13.5 5 18.2 274.73 2 5kp12a 5kp12ca 12 13.3 14.7 5 19.9 251.26 2 5kp13a 5kp13ca 13 14.4 15.9 5 21.5 232.56 2 5kp14a 5kp14ca 14 15.6 17.2 5 23.2 215.52 2 5kp15a 5kp15ca 15 16.7 18.5 5 24.4 204.92 2 5kp16a 5kp16ca 16 17.8 19.7 5 26 192.31 2 5kp17a 5kp17ca 17 18.9 20.9 5 27.6 181.16 2 5kp18a 5kp18ca 18 20 22.1 5 29.2 171.23 2 5kp19a 5kp19ca 19 21.1 23.3 5 30.8 162.44 2 5kp20a 5kp20ca 20 22.2 24.5 5 32.4 154.32 2 5kp22a 5kp22ca 22 24.4 26.9 5 35.5 140.85 2 5kp24a 5kp24ca 24 26.7 29.5 5 38.9 128.53 2 5kp26a 5kp26ca 26 28.9 31.9 5 42.1 118.76 2 5kp28a 5kp28ca 28 31.1 34.4 5 45.4 110.13 2 5kp30a 5kp30ca 30 33.3 36.8 5 48.4 103.31 2 5kp33a 5kp33ca 33 36.7 40.6 5 53.3 93.81 2 5kp36a 5kp36ca 36 40 44.2 5 58.1 86.06 2 5kp40a 5kp40ca 40 44.4 49.1 5 64.5 77.52 2 5kp43a 5kp43ca 43 47.8 52.8 5 69.4 72.05 2 5kp45a 5kp45ca 45 50 55.3 5 72.7 68.78 2 5kp48a 5kp48ca 48 53.3 58.9 5 77.4 64.6 2 5kp51a 5kp51ca 51 56.7 62.7 5 82.4 60.68 2 5kp54a 5kp54ca 54 60 66.3 5 87.1 57.41 2
5kp series voltage 5v~190v 5000w peak power tvs elektronische bauelemente 24-may-2018 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristic (t a =25c unless otherwise noted) part number reverse standoff voltage breakdown voltage @i t test current max. clamping voltage v c @i pp peak pulse current reverse leakage i r @v rrm min. max. directional v r v br v br i t v c i pp i r uni bi v v v ma v a ua 5kp58a 5kp58ca 58 64.4 71.2 5 93.6 53.42 2 5kp60a 5kp60ca 60 66.7 73.7 5 96.8 51.65 2 5kp64a 5kp64ca 64 71.1 78.6 5 103 48.54 2 5kp70a 5kp70ca 70 77.8 86 5 113 44.25 2 5kp75a 5kp75ca 75 83.3 92.1 5 121 41.32 2 5kp78a 5kp78ca 78 86.7 95.8 5 126 39.68 2 5kp80a 5kp80ca 80 88.8 97.6 5 129.6 38.58 2 5kp85a 5kp85ca 85 94.4 104 5 137 36.5 2 5kp90a 5kp90ca 90 100 111 5 146 34.25 2 5kp100a 5kp100ca 100 111 123 5 162 30.86 2 5kp110a 5kp110ca 110 122 135 5 177 28.25 2 5kp120a 5kp120ca 120 133 147 5 193 25.91 2 5kp130a 5kp130ca 130 144 159 5 209 23.92 2 5kp140a 5kp140ca 140 155 171 5 226.8 22.05 2 5kp150a 5kp150ca 150 167 185 5 243 20.58 2 5kp160a 5kp160ca 160 178 197 5 259 19.31 2 5kp170a 5kp170ca 170 189 209 5 275 18.18 2 5kp180a 5kp180ca 180 200 220 5 291.6 17.15 2 5kp190a 5kp190ca 190 211 232 5 307.8 16.24 2 notes: 1. suffix 'a' denotes 5% tolerance device. 2. for bi-directional devices having v r of 10volts and under, the i r limit is double. 3. add suffix 'ca' after part number to specify bi- directional devices.
5kp series voltage 5v~190v 5000w peak power tvs elektronische bauelemente 24-may-2018 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. typical characteristics


▲Up To Search▲   

 
Price & Availability of 5KP15A-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X