Part Number Hot Search : 
SP8481BP DCJ010 LTC176 TB0763A F10A40 AD620A LTC176 EMD59T2R
Product Description
Full Text Search
 

To Download 4INCH-D-HGRADE-MV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0095 rev c pin 1: n/c pin 2: +v supply pin 3: +voutput pin 4: -vsupply pin 5: -voutput pin 6: n/c 0.80 (20.3) 0.85 (21.6) 1.10 (27.9) 0.10 typical (2.54) a b 1 pin 1 5 6 2 3 4 0.66 (16.0) 0.21 (5.3) 0.42 (10.5) 0.48 (12.2) 0.55 (14.0) 0.174 to 0.190 (4.4 to 4.8) 1.08 (27.4) 0.25 (6.4) pin size 0.010 x 0.020 (0.25 x 0.50) notes: 1) dimensions in inches (millimeters) pinout (note 1) the millivolt output pressure sensors is based upon a proprietary packaging technology to reduce output offset or common mode errors. this model provides a calibrated millivolt output with excellent output offset characteristics. in addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a very linear output to measured pressure. these calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. this series is intended for use with non-corrosive, non-ionic working fuids such as air, dry gases and the like. the h-grade is a high accuracy version of the millivolt output pressure sensors. the output of the device is ratiometric to the supply voltage and operation from any d.c. supply voltage up to +16 v is acceptable. h-grade pressure sensors ? 0 to 4 h2o to 0 to 100 psi pressure ranges ? 0.5 % linearity...high accuracy version ? temperature compensated ? calibrated zero and span physical dimensions ? medical instrumentation ? environmental controls ? hvac general description applications features millivolt output pressure sensors equivalent circuit input resittance output resistance 20 k ohm 3.0 k ohm +v ou t -v ou t +vsupply -vsupply mkt date mfg date eng date qa date approvals as is with change as is with change as is with change as is with change
millivolt h-grade pressure sensors minimum -- 39.5 -- -- -- -- parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 nominal 4 40.0 -- -- 0.25 -- maximum -- 40.5 0.5 500 0.5 1 units h2o mv mv uv %fs %fs minimum -- 19.8 -- -- -- -- parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 nominal 0.3 20.0 -- -- 0.25 -- maximum -- 20.2 0.3 500 0.5 1 units psi mv mv uv %fs %fs part number 4 inch-d-hgrade-mv 0.3 psi-d-hgrade-mv 1 psi-d-hgrade-mv 5 psi-d-hgrade-mv 15 psi-d-hgrade-mv 30 psi-d-hgrade-mv 100 psi-d-hgrade-mv 150 psi-d-hgrade-mv 15 psi-a-hgrade-mv 30 psi-a-hgrade-mv 100 psi-a-hgrade-mv operating pressure 0 - 4 h2o 0 - 0.3 psi 0 - 1 psi 0 - 5 psi 0 - 15 psi 0 - 30 psi 0 - 100 psi 0 - 150 psi 0 - 15 psia 0 - 30 psia 0 - 100 psia nominal span 40 mv 20 mv 18 mv 60 mv 90 mv 90 mv 100 mv 90 mv 90 mv 90 mv 100 mv proof pressure 3 psi 5 psi 5 psi 10 psi 60 psi 90 psi 200 psi 200 psi 60 psia 90 psia 200 psia burst pressure 15 psi 15 psi 15 psi 30 psi 120 psi 150 psi 250 psi 250 psi 120 psia 150 psia 250 psia standard pressure ranges supply voltage, vs common-mode pressure lead temperature (soldering 2-4 sec.) 16 vdc 50 psig 250c pressure sensor characteristics maximum ratings temperature ranges compensated operating storage humidity limits 0 to 70 c -25 to 85 c -40 to 125 c 0 to 95% rh (non condensing) environmental specifcations performance characteristics for 4 inch-d-hgrade-mv performance characteristics for 0.3 psi-d-hgrade-mv
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0095 rev c minimum -- 17.82 -- -- -- -- nominal 1.0 18.0 -- -- 0.25 -- maximum -- 18.18 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 59.4 -- -- -- -- nominal 5.0 60.0 -- -- 0.25 -- maximum -- 60.6 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 89.1 -- -- -- -- nominal 15.0 90.0 -- -- 0.25 -- maximum -- 90.9 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 89.1 -- -- -- -- nominal 30.0 90.0 -- -- 0.25 -- maximum -- 90.9 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 performance characteristics for 1 psi-d-hgrade-mv performance characteristics for 5 psi-d-hgrade-mv performance characteristics for 15 psi-d-hgrade-mv performance characteristics for 30 psi-d-hgrade-mv
millivolt h-grade pressure sensors minimum -- 89.1 -- -- -- -- nominal 15.0 90.0 -- -- 0.25 -- maximum -- 90.9 0.5 500 0.5 1 units psia mv mv uv %fs %fs parameter, note 1 operating range, absolute pressure output span, note 5 offset voltage @ zero absolute pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 99 -- -- -- -- nominal 100.0 100 -- -- 0.25 -- maximum -- 101 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum -- 89 -- -- -- -- nominal 150.0 90 -- -- 0.25 -- maximum -- 91 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 performance characteristics for 15 psi-a-hgrade-mv performance characteristics for 100 psi-d-hgrade-mv performance characteristics for 150 psi-d-hgrade-mv minimum -- 89.1 -- -- -- -- nominal 30.0 90.0 -- -- 0.25 -- maximum -- 90.9 0.5 500 0.5 1 units psia mv mv uv %fs %fs parameter, note 1 operating range, absolute pressure output span, note 5 offset voltage @ zero absolute pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 performance characteristics for 30 psi-a-hgrade-mv
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0095 rev c specifcation notes n o t e 1: a l l p a r a m e t e r s a r e m e a s u r e d a t 12.0 v o l t e x c i t a t i o n , f o r t h e n o m i n a l f u l l s c a l e p r e s s u r e a n d r o o m t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . p r e s s u r e m e a s u r e m e n t s a r e w i t h p o s i t i v e p r e s s u r e a p p l i e d t o p o r t b. f o r ab solute d e v i c e s p r e s s u r e i s a p p l i e d t o p o r t a, a n d t h e o u t p u t p o l a r i t y i s r e v e r s e d . n o t e 2: s h i f t i s r e l a t i v e t o 25c. n o t e 3: s h i f t i s w i t h i n t h e f i r s t h o u r o f e x c i t a t i o n a p p l i e d t o t h e d e v i c e . n o t e 4: m e a s u r e d a t o n e - h a l f f u l l s c a l e r a t e d p r e s s u r e u s i n g b e s t s t r a i g h t l i n e c u r v e f i t . n o t e 5: t h e v o l t a g e a d d e d t o t h e o f f s e t v o l t a g e a t f u l l s c a l e p r e s s u r e . all sensors reserves the right to make changes to any products herein. all sensors does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. minimum -- 99.0 -- -- -- -- nominal 100.0 100.0 -- -- 0.25 -- maximum -- 101.0 0.5 500 0.5 1 units psia mv mv uv %fs %fs parameter, note 1 operating range, absolute pressure output span, note 5 offset voltage @ zero absolute pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 performance characteristics for 100 psi-a-hgrade-mv


▲Up To Search▲   

 
Price & Availability of 4INCH-D-HGRADE-MV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X