Part Number Hot Search : 
HER152 7S24B61M BAS20 EN25B16 468A106 MR850 IRF14 01089
Product Description
Full Text Search
 

To Download 4761-1809 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 connectors (inlets/outlets) 4761 https://www.schurter.com /pg07 connectors iec appliance inlet with protection degree ip67 / ip69k, screw-on mounting front side, solder or quick- connect terminal with cover (separate accessories) set consisting of appliance inlet and connector see below: approvals and compliances s16 120 c description - panel mount : screw-on mounting from front side - appliance inlet , pin temperature 120 c , protection class i - solder terminals or quick connect terminals - complete set consisting of appliance inlet and outlet - mating connector type: 4762 unique selling proposition - waterproofed appliance inlet ip67 / ip69k - suitable for equipments in harsh environment - specific shape to ensure ip protection - version in black and white weblinks pdf datasheet, html-datasheet, general product information, distributor- stock-check, accessories, detailed request for product, microsite, video technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 1.5 kvac between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation tempe - rature -25 c to 120 c ip-protection from front side ip67 acc. to iec 60529 / ip69k acc. to iso 20653 insulation cover suitable for appliances with protection class i acc. to iec 61140 terminal solder terminals or quick connect ter - minals panel thickness s screw: max 6 mm mounting screw torque max 3 nm material: housing thermoplastic, black / white, ul 94v-0 appliance inlet/-outlet approved acc. to iec 60320-1, ul 60320-1, csa c22.2 no. 60320-1 (for hot conditions) pin-temperature 120 c, 10 a, protection class i ? shape of connector s16 is schurter specific approvals and compliances detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in details about approvals approvals the approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products. approval reference type: 4761 approval logo certificates certification body description vde approvals vde certificate number: 40044311 ul approvals ul ul file number: e96454 product standards product standards that are referenced
2 connectors (inlets/outlets) 4761 https://www.schurter.com /pg07 connectors organization design standard description designed according to iec 60320-1 appliance couplers for household and similar general purposes designed according to ul 60320-1 standard for attachment plugs and receptacles designed according to csa c22.2 no. 60320-1 general use receptacles, attachment plugs, and similar wiring devices application standards application standards where the product can be used organization design standard description designed for applications acc. iec/ul 60950 iec 60950-1 includes the basic requirements for the safety of information technology equipment. compliances the product complies with following guide lines identification details initiator description ce declaration of conformity schurter ag the ce marking declares that the product complies with the applicable requirements laid down in the harmonisation of community legislation on its affixing in accordance with eu regulation 765/2008. rohs schurter ag eu directive rohs 2011/65/eu china rohs schurter ag the law sj / t 11363-2006 (china rohs) has been in force since 1 march 2007. it is similar to the eu directive rohs. halogen free schurter ag schurter strives to offer our customers halogen free products. reach schurter ag on 1 june 2007, regulation (ec) no 1907/2006 on the registration, evaluation, authorization and restriction of chemicals 1 (abbreviated as "reach") entered into force. dimensions [mm] 33.95 18.4 41.95 1) ? 32 +0.2 0 26.8 +0.2 0 26.4 11.5 m32x1.5 sw41 26 8 x max. r2 2) x: quick-connect terminals 4.8x0.8 mm: 28.5 mm x: quick-connect terminals 6.3x0.8 mm: 31.0 mm x: solder terminals: 25.5 mm 1) panel 2) gasket or protection cover all variants appliance inlet connector kit color terminals inlet order number l - black quick connect terminals 4.8 x 0.8 mm 4312.0000 l - black quick connect terminals 6.3 x 0.8 mm 4312.0001 l - black solder terminals 4312.0002 l l 1) black quick connect terminals 4.8 x 0.8 mm 4312.0004 l l 1) black quick connect terminals 6.3 x 0.8 mm 4312.0005 l l 1) black solder terminals 4312.0006 l - white quick connect terminals 4.8 x 0.8 mm 4312.0007 l - white quick connect terminals 6.3 x 0.8 mm 4312.0008
3 connectors (inlets/outlets) 4761 https://www.schurter.com /pg07 connectors appliance inlet connector kit color terminals inlet order number l - white solder terminals 4312.0009 l l 1) white quick connect terminals 4.8 x 0.8 mm 4312.0011 l l 1) white quick connect terminals 6.3 x 0.8 mm 4312.0012 l l 1) white solder terminals 4312.0013 1) complete set consisting of appliance inlet and outlet most popular. availability for all products can be searched real-time: https://www.schurter.com/en/stock-check/stock-check-schurter packaging unit 10 pcs accessories description protection cover protection cover for waterproof appliance coupler 4761 / 4762 mating outlets/connectors shuttered category / description connector overview complete iec connector protection degree ip67 / ip69k, rewireable, straight 4762 connector further types to 4761 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 10.09.2018


▲Up To Search▲   

 
Price & Availability of 4761-1809

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X