Part Number Hot Search : 
MMSZ5230 A11JVAB MB90342S IZ5851V M120U 471MC 1N707A 15KP70C
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features applications 1 h igh diode semiconductor ? marking sot-523 plastic-encapsulate mosfet n - channel mosfet d g sot- 523 ? p roduct summary s 2N7002T k72 v (br)dss r ds(on)max i d 6 0 v 5 @ 10 v 115 m a 7 @ 5 v high density cell design for low r ds(on) voltage controlled small signal switch rugged and reliable high saturation current capability esd protected dc/dc converter load switch for portable devices battery switch parameter symbol value unit drain - source voltage v ds 60 v gate - source voltage v gs 20 v continuous drain current i d 115 m a power dissipation p d 0. 150 w thermal resistance from junction to ambient r ja 833 /w junction temperature t j 150 storage temperature t stg - 55~ +150
2 h igh diode semiconductor electrical ch aracteristics (t a =25 unless otherwise noted) parameter symbol test condition min type max unit static characteristics drain - source breakdown voltage v (br)dss v gs = 0v, i d = 250a 60 v zero gate voltage drain current i dss v ds = 60 v,v gs = 0v 80 n a gate - body leakage current i gss v gs =20v, v ds = 0v 10 a gate threshold voltage v gs(th) v ds =v gs , i d = 250a 1 1. 7 2.5 v on - state drain current i d(on) v gs =10 v, v ds =7 v 500 ma drain - source on - resistance r ds(on) v gs = 10 v, i d = 500m a 1.2 5 ? v gs =5v, i d = 5 0m a 1.3 7 on - state drain - source voltage v ds(on) v gs =10v, i d =500ma 3.75 v v gs =5v, i d =50ma 0.375 dynamic characteristics input capacitance c iss v ds =25 v,v gs =0v,f=1mhz 50 pf output capacitance c oss 25 pf reverse transfer capacitance c rss 5 pf switching characteristics turn - on delay time t d(on) v dd =25 v, r l =50 i d =500ma,v gen =10 v,r g =25 20 ns turn - off delay time td(off) 40 ns source - drain diode characteristics diode forward voltage v ds v gs =0v, i s = 115 m a 0.55 1 .2 v
3 h igh diode semiconductor typical characteristics
  jshd jshd h ljk'lrgh6hplfrqgxfwru 3dfndjh2xwolqh'lphqvlrqv sot-523 6xjjhvwhg 3dg/d\rxw  sot-523                      6\pero 'lphqvlrqv,q0loolphwhuv 0lq 0d[ $      $   $      e     e   &       '     (     (   h    7<3 h   /   5() /         ? ?
reel taping specifications for surface mount devices-sot-523 h igh diode semiconductor 5


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X