Part Number Hot Search : 
HA4201 STB8NC50 SSR4045 MTP55N06 PBY306 10013 TA8210AH 14260C
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-523 plastic-encapsulate mosfets mosfet (n-channel) features z high density cell design for low r ds(on) z voltage controlled small signal switch z rugged and reliable z high saturation current capability marking: k72 maximum ratings (t a =25 unless otherwise noted) parameter value units v ds drain-source voltage 60 v i d drain current 115 ma p d power dissipation 150 mw t j junction temperature 150 electrical characteristics (t a=25 unless otherwise specified) parameter symbol test conditions m in t yp max unit drain-source breakdown voltage v (br)dss v gs =0 v, i d =250 a 60 gate-threshold voltage v th(gs) v ds =v gs , i d =250 a 1 v gate-body leakage l gss v ds =0 v, v gs = 25 v 80 na zero gate voltage drain current i dss v ds =60 v, v gs =0 v 80 na on-state drain current i d(on) v gs =10 v, v ds =7 v 500 ma v gs =10 v, i d =500 ma 7 drain-source on-resistance r ds( on) v gs =5 v, i d =50 ma 7 ? forward trans conductance g fs v ds =10 v, i d =200 ma 80 500 ms v gs =10v, i d =500 ma 3.75 v drain-source on-voltage v ds(on) v gs =5v, i d =50 ma 0.375 v diode forward voltage v sd i s =115ma, v gs =0 v 0.55 1.2 v input capacitance c iss 50 output capacitance c oss 25 reverse transfer capacitance c rss v ds =25v, v gs =0v, f=1mhz 5 pf switching time turn-on time t d(on) 20 turn-off time t d(off) v dd =25 v, r l =50 i d =500ma,v gen =10 v r g =25 40 ns so t -523 1. gate 2. source 3. drain 1 2 3 t stg storage temperature -55~+ 150 thermal resistance from junction to ambient symbol r ja 833 /w 2012-0 willas electronic corp. 2N7002T z preliminary
outline drawing dimensions in inches and (millimeters) sot-523 rev.d .043(1.10) .035(0.90) .069(1.75) .057(1.45) .004(0.10)min. .008(0.20) .004(0.10) .035(0.90) .028(0.70) .006(0.15) .014(0.35) .004(0.10)max. .067(1.70) .059(1.50) .035(0.90) .028(0.70) .01 4 (0.3 5 ) .010(0.25) 2012-0 willas electronic corp. sot-523 plastic-encapsulate mosfets 2N7002T preliminary


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X