phoenix contact deutschland gmbh page 1 / 4 http://www.phoenixcontact.de feb 4, 2011 extract from the online catalog ? fl if mem 2tx-d order no.: 2832483 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832483 ? ? memory module, 2 port twisted pair module for saving the switch configuration ? commercial data gtin (ean) 4 017918 974497 sales group k000 pack 1 pcs. customs tariff 85176200 catalog page information page 187 (ax-2009) product notes weee/rohs-compliant since: 11/27/2007 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data interfaces interface ethernet 10/100 base t no. of ports 2 type of connection rj45 female connector transmission physics copper
fl if mem 2tx-d order no.: 2832483 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832483 phoenix contact deutschland gmbh page 2 / 4 http://www.phoenixcontact.de feb 4, 2011 transmission speed 10/100 mbit/s transmission length 100 m function basic functions configuration memory (plug-in) supply voltage supply voltage (via head station) typical current consumption 10 ma general data weight 70 g width 31 mm height 78 mm depth 72.5 mm degree of protection ip20 ambient temperature (operation) 0 c ... 55 c (no condensation) ambient temperature (storage/transport) -20 c ... 70 c permissible humidity (operation) 10 % ... 95 % (no condensation) permissible humidity (storage/transport) 10 % ... 95 % (no condensation) housing material pa noise emission en 61000-6-3/-4 noise immunity en 61000-6-2:2005 conformity with emc directives developed in acc. with standard iec 61000-6.2 test standard iec 61000-4-2 (esd) test result criterion b test standard iec 61000-4-3 (immunity to radiated interference) test result criterion a test standard iec 61000-4-4 (burst) test result criterion a test standard iec 61000-4-5 (surge) test result criterion a test standard iec 61000-4-6 (immunity to conducted interference) test result criterion a test standard iec 61000-4-8 (immunity to magnetic fields)
fl if mem 2tx-d order no.: 2832483 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832483 phoenix contact deutschland gmbh page 3 / 4 http://www.phoenixcontact.de feb 4, 2011 test result criterion a test standard en 55022 (emitted interference) test result criterion a certificates / approvals certification abs, bv, cul, dnv, gl, lr, ul
fl if mem 2tx-d order no.: 2832483 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832483 phoenix contact deutschland gmbh page 4 / 4 http://www.phoenixcontact.de feb 4, 2011 address phoenix contact deutschland gmbh flachsmarktstr. 8 32825 blomberg,germany phone +49 5235 3 12000 fax +49 5235 3 41200 http://www.phoenixcontact.de ? 2011 phoenix contact technical modifications reserved;
|