Part Number Hot Search : 
2SB822R LTC1658 3BGXC LC66566A 1N4420 TN7279 2664AJ 2102C
Product Description
Full Text Search
 

To Download 1SS190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount switching diode 1SS190 features z low forward voltage v f(3) =0.92v(typ). z fast switching. z fast reverse recovery time:t rr =1.6ns(typ) applications z high speed switching application. sot-23 ordering information type no. marking package code 1SS190 e3 sot-23 maximum rating @ ta=25 unless otherwise specified characteristic symbol limits unit non-repetitive peak reverse voltage v rm 85 v dc reverse voltage v r 80 v forward continuous current(max) i fm 300 ma forward output current i o 100 ma surge current i fsm 2 a power dissipation p d 150 mw operating junction temperature range t j 125 storage temperature range t stg -55 to +125 electrical characteristics @ ta=25 unless otherwise specified characteristic symbol mi n typ max unit test condition reverse breakdown voltage v (br)r 80 - - v i r = 100 a forward voltage v f - 0.61 0.74 0.92 1.2 v i f =1ma i f =10ma i f =100ma reverse leakage current i r - 0.1 0.5 a v r =30v v r =80v total capacitance c t - 2.2 4.0 pf v r =0v,f=1.0mhz reverse recovery time t rr - 1.6 4.0 ns i f =i r =10mai rr =0.1*i r pb lead-free diode semiconductor korea www.diode.kr
surface mount switching diode 1SS190 typical characteristics @ ta=25 unless otherwise specified www.diode.kr diode semiconductor korea
surface mount switching diode 1SS190 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information device package shipping 1SS190 sot-23 3000/tape&reel sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of 1SS190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X