Part Number Hot Search : 
VC0201 30010 PO0R4 WF5025 1M50V SPP34 MBR30H OM1055
Product Description
Full Text Search
 

To Download 1N5822-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5820 thru 1n5822 3 amp schottky barrier rectifier 20 - 40 volts do-201ad features low forward voltage drop and high current capability high surge current capability dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- maximum ratings operating temperature: -5 5 c to +12 5 c storage temperature: -5 5 c to +125c maximum thermal resistance; 28 c/w junction to ambient mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 1n5820 20v 14v 20v 1n5821 30v 21v 30v 1n5822 40v 28v 40v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 3.0a t a = 85 c peak forward surge current i fsm 80a 8.3ms, half sine maximum instantaneous forward voltage 1n5820 1n5821 1n5822 v f .475v .500v .525v i fm = 3.0a; t j = 25 c(note 2) maximum dc reverse current at rated dc blocking voltage i r 0.5ma 20ma t j = 25 c t j = 100 c typical junction capacitance c j 200pf measured at 1.0mhz, v r =4.0v 2.pulse test: pulse width 300 msec, duty cycle 1% a b c d d cathode mark revision: b 2013/01/01  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 1n5820 1n5821 1n5822 www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
1n5820 thru 1n5822 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 1 2 3 single phase, half wave 60hz resistive or inductive load amps c 150 4 5 6 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .2 .4 .6 .8 1.0 1.2 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 10 20 60 100 200 1000 pf volts 600 400 40 400 1000 t j =25 c 1n5820 1n5821 1n5822 mcc revision: b 2013 /01/01 tm micro commercial components www. mccsemi .com 2 of 4
1n5820 thru 1n5822 1 100 4 0 20 5 40 60 8 figure 5 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 80 100 120 mcc revision: b 2013 /01/01 tm micro commercial components www. mccsemi .com 3 of 4 instantaneous reverse current ,ma percent of instantaneous reverse voltage,(%) , 20 40 60 80 100 120 140 10 1.0 0.1 0.01 .001 t=100c o t=75c o t=25c j j j o figure 4 typical reverse characteristics
mcc www.mccsemi .com revision: b 2013 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 1.2kpcs/reel p a r t n u m b e r- a p a m m o p a c k i n g : 1.2kpcs/ammo box p a r t n u m b e r - bp b u l k: 12kpcs/carton *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of 1N5822-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X