Part Number Hot Search : 
101M1 GP1S73 P2805 Q6704 100AXC MAX11135 23T1A PE4352
Product Description
Full Text Search
 

To Download 1N5408D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - high capability dc blocking voltage - negligble leakage sustain the high operation temperature - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test symbol unit v rrm v v rms v v dc v i f(av) a a ma r jl o c/w t j o c t stg o c document number: ds_d1404012 version: a14 1N5408D 2000v general pur p ose rectifier features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec taiwan semiconductor mechanical data case: do-201ad weight: 1.1 g (approximately) maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) parameter v f maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 3 1 v maximum reverse current @ rated vr t j =25 o c t j =125 o c i r 50 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 160 a maximum instantaneous forward voltage (note 1) @ 3 a operating junction temperature range storage temperature range - 55 to +150 note 1: pulse test with pw=300 s, 1% duty cycle - 55 to +150 typical thermal resistance 7.7 do-201ad 1N5408D 2000 1400 2000 2.0
creat by art part no. part no. 1N5408D 1N5408D (ta=25 unless otherwise noted) document number: ds_d1404012 version: a14 1N5408D taiwan semiconductor ordering information packing code green compound code package 1N5408D a0 suffix "g" do-201ad r0 do-201ad green compound code b0 do-201ad x0 do-201ad forming 500 / bulk packing ratings and characteristics curves 1N5408D a0 a0 1N5408D a0g a0 g 1,250 / 13" paper reel 500 / ammo box packing green compound description example preferred p/n packing code 0 1 2 3 4 0 50 100 150 average forward current (a) lead temperature ( o c) fig.1- maximum forward current derating curve resistive of inductive load 0 50 100 150 200 250 300 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2- maximum non-repetitive forward surge current 8.3ms single half sine wave 0.1 1 10 100 0 20406080100 instantaneous reverse current. ( a) percent of rated peak reverse voltage.(%) fig. 4- typical reverse characteristics t j =25 o c t j =125 o c 0.1 1 10 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 instantaneous forward current (a) forward voltage (v) fig. 3- typical forward characteristics pulse width=300 s 1% duty cycle t j =25 o c t j =125 o c
creat by art min max min max a 5.00 5.60 0.197 0.220 b 1.20 1.30 0.048 0.052 c 25.40 - 1.000 - d 8.50 9.50 0.335 0.375 e 25.40 - 1.000 - p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1404012 version: a14 marking diagram 1N5408D taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) do-201ad 1 10 100 0.1 1 10 100 junction capacitance (pf) reverse voltage (v) fig. 5- typical junction capacitance f=1.0mhz vslg=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1404012 version: a14 1N5408D taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of 1N5408D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X