Part Number Hot Search : 
UT54ACS 16STA250 WBGC30KH 0505S UT54ACS BFP193T MAX15112 RATIO
Product Description
Full Text Search
 

To Download 1N4140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability case: jedec do-27,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.041 ounces,1.15 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,50 hz,resistive or inductive load. for capacitive load,derate by 20%. 1n 4139 1n 4141 1n 4142 1n 4143 1n 4144 1n 41 4 5 1n 4146 units maximum recurrent peak reverse voltage v rrm 50 200 400 600 800 1000 1200 v maximum rms voltage v r m s 35 140 280 420 560 700 840 v maximum dc blocking voltage v dc 50 200 400 600 800 10 0 0 12 0 0 v maximum average forward rectified current 9.5m m lead length, @t a =75 peak forward surge current 10ms single half-sine-wave superimposed on rated load @t j =125 maximum instantaneous forward voltage @ 3.0 a v f v maxim um revers e current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note1) c j pf t y p i c a l t he r m a l r e s i s t a n c e ( n o t e 2 ) r ja / w operating junction temperature range t j storage temperature range t stg a easily cleaned with free, alcohol, isopropanol and s im ilar s olvents 70 plastic silicon rectifiers v o l t a g e r a n g e : 50 - - - 1 200v current: 3.0 a do - 2 7 100 maximum ratings and electrical characteristics a 30 0 . 0 i r i fsm i f(av) 1n 4140 100 3 . 0 note: 1.measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. 2.thermal resistance f rom junction to ambient. 100.0 a - 55 ---- + 150 - 55 ---- + 150 1.0 35 10.0 20 dimensions in millimeters 1n4139-1n4146 features mechanical data ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p1
.2 2 1 .1 4 .4 1 . 0 2 40 10 20 60 100 4102 0 4 0 10 0 f=1mhz t j =25 1 0 100 200 300 400 20 t j =125 ?? 8.3ms single half sine-wave 2 4 10 81 0 0 40 60 80 0 1 2 3 4 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load amperes junction capacitance,pf amperes average forward current amperes fi g. 3 -- peak forward surge current fi g. 4 -- forward deati ng curve ambient temperature, number of cycles at 60hz fi g. 1 -- typi cal forward characteri sti c fi g. 2 -- typi cal juncti on capaci tance i n s t a n t a n e o u s f o r w a r d v o l t a g e , v o l t s r eve r se v o l t a g e , v o l t s peak forward surge current instantaneous forward current 1 . 0 0 . 6 . 0 1 0 . 4 0 . 8 0 . 1 1 . 41 . 2 1 . 6 10 1 . 0 t j =25 c pulse width =300us 0 ratings and charactieristic curves ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p1 pa c kage spq/p cs c a r t on spq/p cs c a r t on si z e/ cm c a r t on g w /kg c a r t on n w /kg d o - 27 1250 /a mmo 12500 40 x 26 . 5 x 30 14 . 00 12 . 00 plastic silicon rectifiers 1n4139-1n4146


▲Up To Search▲   

 
Price & Availability of 1N4140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X