Part Number Hot Search : 
A225D 01526 XXXXXX CL100 R1660 SP487ET EL1117 R127045
Product Description
Full Text Search
 

To Download 15SMC56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.8 to 440volts 1500watts smd transient voltage suppressors 1500 we ight: 0.21 gr ams (approx.) case: smc/do-214ab molded plastic terminals:solderable per 200 a 1.5smc series features    maximum r a tings and electrical characteristics @t a =25 c unless otherwise specified 1 of 5 characteris ti c symbol value unit p eak pulse power dissipation at t a = 25 c (note 1, 2, 5) figure 3 p ppm p eak forward surge current (note 3) i fsm p eak pulse current on 10/1000s waveform (note 1) figure 1 i ppm see t ab le 1 a s teady state power dissipation (note 2, 4) p m(a v ) 5.0 w operat i ng and storage temperature range t j , t stg -55 to +150 c note: 1. non-repetitive current pulse, per figure 1 and derated above t a = 25 c per figure 4. 2. mounted on 40mm 2 copper pad. 3. 8. 3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. lead temperature at 75c = t l . 5. p ea k pulse power waveform is 10/1000s. 1.5smc series ! g lass passivated die construction ! 1500w peak pulse power dissipation ! ! uni- and bi-directional versions available ! excellent clamping capability ! fast response time ! plastic case material has ul flammability mechanic al d ata ! ! mil- st d- 202, method 208 ! polarity: cathode band or cathode notch ! marking: unidirectional ? device code and cathode band bidirectional ? device code only ! ! lead free: for rohs / lead free version z ibo seno electronic engineering co., ltd. www.senocn.com 6.8v-440v standoff voltage w dim min max a 5.59 6.22 b 6.60 7.11 c 2.75 3.18 d 0.15 0.31 e 7.75 8.13 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm a b c d g h e j ?c? s u f f i x des i gnates bi-directional devices ?a? suffix designates 5% tolerance devices no suffix designates 10% tolerance devices smc/do-214ab alldatasheet
2 of 5 1 10 100 1000 10 100 1000 10,000 v , reverse st andoff voltage (v) fig .2 t y pical total capacitance rwm c , cap acitance (pf) t measured at zero bias uni-directional bi-directional t=2 5 c j f=1. 0m hz v = 50 mv p-p sig 0.1 1.0 0.1 10 100 1.0 10 1000 10000 t=25c j p , peak pulse power (kw) d 100 non repetitive pulse waveform s howninfig.4 012 3 100 50 0 i , peak pulse current (%i ) pp p peak v alue i pp half value i /2 pp 10 x 1000 waveform as defined by r.e.a. t p t, time (ms) fi g . 4 pulse waveform 10 x 1000 waveform as defined by rea 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature ( c) fig . 1 pulse derating curve a peak pulse dera ting in % of peak power or current 10 200 100 2 10 5 peak for w ard surge current, (a) number of cycles at 60hz fig . 5, maximum non-repetitive surg e current 20 50 100 1 pulse width 8.3ms single half-sine-wave (jedec method) 0.0 1.0 2.0 3.0 025 50 75 100 125 150 175 200 pm steady sta te power dissipation (w ) (av), t , lead temperature ( c) fig . 6 steady state power deratin g curve l 4.0 5.0 60hz resistive or inductive load z ibo seno electronic engineering co., ltd. www.senocn.com 1.5smc series 1.5smc series alldatasheet
uni/bi-directional 6.8 to 440volts 1500w smd transient voltage suppressors 3 of 5 notes: 1. suffix c denotes bi-directional device. 2. v br measured with i t current pulse = 300  s. 3. for bi-directional devices having v rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com 1.5smc series 1.5smc series 1.5smc6.8 1.5smc6.8c 6v8 6v8c 5.50 6.12 7.48 10 10.8 140.7 1000.0 1.5smc6.8a 1.5smc6.8ca 6v8a 6v8c a 5.80 6.45 7.14 10 10.5 144.8 1000.0 1.5smc7.5 1.5smc7.5c 7v5 7 v5c 6.05 6.75 8.25 10 11.7 129.9 500.0 1.5smc7.5a 1.5smc7.5ca 7v5a 7v5c a 6.40 7.13 7.88 10 11.3 134.5 500.0 1.5smc8.2 1.5smc8.2c 8v2 8 v2 c 6.63 7.38 9.02 10 12.5 121.6 200.0 1.5smc8.2a 1.5smc8.2ca 8v2a 8v 2ca 7.02 7.79 8.61 10 12.1 125.6 200.0 1.5smc9.1 1.5smc9.1c 9v1 9v1c 7.37 8.19 10.0 1.0 13.8 110.1 50.0 1.5smc9.1a 1.5smc9.1ca 9v1a 9v1c a 7.78 8.65 9.55 1. 0 13.4 113.4 50.0 1.5smc10 1.5smc1 0c 10 10c 8. 10 9.00 11.0 1.0 15.0 101.3 10.0 1.5smc10a 1.5smc10 ca 10a 10ca 8.55 9.50 10.5 1. 0 14.5 104.8 10.0 1.5smc11 1.5smc11 c 11 11c 8.92 9.90 12.1 1. 0 16.2 93.8 5.0 1.5smc11a 1.5smc11ca 11a 11ca 9.40 10.5 11.6 1. 0 15.6 97.4 5.0 1.5smc12 1.5smc12 c 12 12c 9. 72 10.8 13.2 1.0 17.3 87.9 5.0 1.5smc12a 1.5smc12 ca 12a 12ca 10. 2 11.4 12.6 1.0 16.7 91.0 5.0 1.5smc13 1.5smc1 3c 13 13c 10. 5 11.7 14.3 1.0 19.0 80.0 5.0 1.5smc13a 1.5smc13 ca 13a 13ca 11 .1 12.4 13.7 1. 0 18.2 83.5 5.0 1.5smc15 1.5smc1 5c 15 15c 12. 1 13.5 16.5 1.0 22.0 69.1 5.0 1.5smc15a 1.5smc15 ca 15a 15ca 12.8 14.3 15.8 1. 0 21.2 71.7 5.0 1.5smc16 1.5smc16 c 16 16c 12. 9 14.4 17.6 1.0 23.5 64.7 5.0 1.5smc16a 1.5smc16 ca 16a 16ca 13.6 15.2 16.8 1. 0 22.5 67.6 5.0 1.5smc18 1.5smc18 c 18 18c 14. 5 16.2 19.8 1.0 26.5 57.4 5.0 1.5smc18a 1.5smc18 ca 18a 18ca 15.3 17.1 18.9 1. 0 25.2 60.3 5.0 1.5smc20 1.5smc20 c 20 20c 16. 2 18.0 22.0 1.0 29.1 52.2 5.0 1.5smc20a 1.5smc20 ca 20a 20ca 17.1 19.0 21.0 1. 0 27.7 54.9 5.0 type number marking reverse stand-off voltage breakdown voltage min. @i t breakdow n v oltage max. @ i t test current maximum clam ping voltage @i pp peak pulse current revers e l eakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) alldatasheet
4 of 5 notes: 1. suffix c denotes bi-directional device. 2. v br measured with i t current pulse = 300  s. 3. for bi-directional devices having v rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com 1.5smc series 1.5smc series 1.5smc22 1.5smc22 c 22 22c 17. 8 19.8 24.2 1.0 31.9 47.6 5.0 1.5smc22a 1.5smc22 ca 22a 22ca 18.8 20.9 23.1 1. 0 30.6 49.7 5.0 1.5smc24 1.5smc24 c 24 24c 19. 4 21.6 26.4 1.0 34.7 43.8 5.0 1.5smc24a 1.5smc24 ca 24a 24ca 20.5 22.8 25.2 1. 0 33.2 45.8 5.0 1.5smc27 1.5smc27 c 27 27c 21. 8 24.3 29.7 1.0 39.1 38.9 5.0 1.5smc27a 1.5smc27 ca 27a 27ca 23.1 25.7 28.4 1. 0 37.5 40.5 5.0 1.5smc30 1.5smc30 c 30 30c 24. 3 27.0 33.0 1.0 43.5 34.9 5.0 1.5smc30a 1.5smc30 ca 30a 30ca 25.6 28.5 31.5 1. 0 41.4 36.7 5.0 1.5smc33 1.5smc33 c 33 33c 26. 8 29.7 36.3 1.0 47.7 31.9 5.0 1.5smc33a 1.5smc33 ca 33a 33ca 28.2 31.4 34.7 1. 0 45.7 33.3 5.0 1.5smc36 1.5smc36 c 36 36c 29. 1 32.4 39.6 1.0 52.0 29.2 5.0 1.5smc36a 1.5smc36 ca 36a 36ca 30.8 34.2 37.8 1. 0 49.9 30.5 5.0 1.5smc39 1.5smc39 c 39 39c 31. 6 35.1 42.9 1.0 56.4 27.0 5.0 1.5smc39a 1.5smc39 ca 39a 39ca 33.3 37.1 41.0 1. 0 53.9 28.2 5.0 1.5smc43 1.5smc43 c 43 43c 34. 8 38.7 47.3 1.0 61.9 24.6 5.0 1.5smc43a 1.5smc43 ca 43a 43ca 36.8 40.9 45.2 1. 0 59.3 25.6 5.0 1.5smc47 1.5smc47 c 47 47c 38. 1 42.3 51.7 1.0 67.8 22.4 5.0 1.5smc47a 1.5smc47 ca 47a 47ca 40.2 44.7 49.4 1. 0 64.8 23.5 5.0 1.5smc51 1.5smc51 c 51 51c 41. 3 45.9 56.1 1.0 73.5 20.7 5.0 1.5smc51a 1.5smc51 ca 51a 51ca 43.6 48.5 53.6 1. 0 70.1 21.7 5.0 1.5smc56 1.5smc56 c 56 56c 45. 4 50.4 61.6 1.0 80.5 18.9 5.0 1.5smc56a 1.5smc56 ca 56a 56ca 47.8 53.2 58.8 1. 0 77.0 19.7 5.0 1.5smc62 1.5smc62 c 62 62c 50. 2 55.8 68.2 1.0 89.0 17.1 5.0 1.5smc62a 1.5smc62 ca 62a 62ca 53.0 58.9 65.1 1. 0 85.0 17.9 5.0 1.5smc68 1.5smc68 c 68 68c 55. 1 61.2 74.8 1.0 98.0 13.5 5.0 1.5smc68a 1.5smc68 ca 68a 68ca 58.1 64.6 71.4 1. 0 92.0 16.5 5.0 1.5smc75 1.5smc75 c 75 75c 60.7 67.5 82.5 1. 0 108 14.1 5.0 1.5smc75a 1.5smc75 ca 75a 75ca 64.1 71.3 78.8 1. 0 103 14.8 5.0 1.5smc82 1.5smc82 c 82 82c 66. 4 73.8 90.2 1.0 118 12.9 5.0 1.5smc82a 1.5smc82 ca 82a 82ca 70.1 77.9 86.1 1. 0 113 13.5 5.0 1.5smc91 1.5smc91 c 91 91c 73.7 81.9 100 1.0 131 11.6 5.0 1.5smc91a 1.5smc91 ca 91a 91ca 77.8 86.5 95.5 1. 0 125 12.2 5.0 1.5smc100 1.5smc100c 100 100c 81.0 90.0 110 1. 0 144 10.6 5.0 1.5smc100a 1.5smc100ca 100a 100ca 85.5 95.0 105 1.0 137 11.1 5.0 1.5smc110 1.5smc110c 1 10 1 10c 89.2 99.0 121 1.0 158 9.6 5.0 1.5smc110a 1.5smc110ca 110a 1 10ca 94.0 105 116 1.0 152 10.0 5.0 uni/bi-directional 6.8 to 440volts 1500w smd transient voltage suppressors type n u mber marking reverse stand-off voltage breakdown voltage min. @i t breakdow n v oltage max. @ i t test current maximum clamping v o ltage @i pp peak pulse current revers e l eakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) alldatasheet
5 of 5 notes: 1. suffix c denotes bi-directional device. 2. v br measured with i t current pulse = 300  s. 3. for bi-directional devices having v rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com 1.5smc series 1.5smc series type n u mber marking reverse stand-off voltage breakdown voltage min. @i t breakdow n v oltage max. @ i t test current maximum clamping v o ltage @i pp peak pulse current revers e l eakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) 1.5smc120 1.5smc120c 120 120 c 97.2 108 132 1.0 173 8.7 5.0 1.5smc120a 1.5smc120ca 120a 120 ca 102 114 126 1.0 165 9.2 5.0 1.5smc130 1.5smc130c 130 130 c 105 117 143 1.0 187 8.1 5.0 1.5smc130a 1.5smc130ca 130a 130 ca 111 124 137 1.0 179 8.5 5.0 1.5smc150 1.5smc150c 150 150 c 121 135 165 1.0 215 7.1 5.0 1.5smc150a 1.5smc150ca 150a 150ca 128 143 158 1.0 207 7.3 5.0 1.5smc160 1.5smc160c 160 160 c 130 144 176 1.0 230 6.6 5.0 1.5smc160a 1.5smc160ca 160a 160ca 136 152 168 1.0 219 6.9 5.0 1.5smc170 1.5smc170c 170 170 c 138 153 187 1.0 244 6.2 5.0 1.5smc170a 1.5smc170ca 170a 170ca 145 162 179 1.0 234 6.5 5.0 1.5smc180 1.5smc180c 180 180 c 146 162 198 1.0 258 5.9 5.0 1.5smc180a 1.5smc180ca 180a 180ca 154 171 189 1.0 246 6.2 5.0 1.5smc200 1.5smc200c 200 200 c 162 180 220 1.0 287 5.3 5.0 1.5smc200a 1.5smc200ca 200a 200ca 171 190 210 1.0 274 5.5 5.0 1.5smc220 1.5smc220c 220 220 c 175 198 242 1.0 344 4.4 5.0 1.5smc220a 1.5smc220ca 220a 220ca 185 209 231 1.0 328 4.6 5.0 1.5smc250 1.5smc250c 250 250 c 202 225 275 1.0 360 4.2 5.0 1.5smc250a 1.5smc250ca 250a 250ca 214 237 263 1.0 344 4.4 5.0 1.5smc300 1.5smc300c 300 300 c 243 270 330 1.0 430 3.5 5.0 1.5smc300a 1.5smc300ca 300a 300ca 256 285 315 1.0 414 3.7 5.0 1.5smc350 1.5smc350c 350 350 c 284 315 385 1.0 504 3.0 5.0 1.5smc350a 1.5smc350ca 350a 350ca 300 333 368 1.0 482 3.2 5.0 1.5smc400 1.5smc400c 400 400 c 324 360 440 1.0 574 2.6 5.0 1.5smc400a 1.5smc400ca 400a 400ca 342 380 420 1.0 548 2.8 5.0 1.5smc440 1.5smc440c 440 440 c 356 396 484 1.0 631 2.4 5.0 1.5smc440a 1.5smc440ca 440a 440ca 376 418 462 1.0 600 2.5 5.0 uni/bi-directional 6.8 to 440volts 1500w smd transient voltage suppressors alldatasheet


▲Up To Search▲   

 
Price & Availability of 15SMC56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X