Part Number Hot Search : 
1N5713 44050 D1585 PR500 25F80 74ACT86 2SB1287 0498050
Product Description
Full Text Search
 

To Download 1078075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet ktx-wn91242252zzzz ktx prime contrast sensors
a b c d e f h i j k l m n o p q r s t ktx-wn91242252zzzz | ktx prime contrast sensors ordering information type part no. ktx-wn91242252zzzz 1078075 other models and accessories www.sick.com/ktx_prime detailed technical data features dimensions (w?x h?x d) 30?mm?x 53?mm?x 78.5?mm sensing distance 25?mm sensing distance tolerance ?6?mm housing design (light emission) rectangular light source led, rgb? 1) wave length 470?nm, 525?nm, 625?nm light emission short device side light spot size 1.2?mm?x 5.3?mm light spot direction vertical? 2) teach-in mode 1-point teach-in, 2-point teach-in, dynamic teach-in, auto mode output function light/dark switching delay time adjustable delivery status 2-point teach-in parameter presettings none 1) ?average service life: 100,000?h at t u ?= +25?c. 2) ?in relation?to long side of housing. mechanics/electronics supply voltage 10.8?v?dc?... 28.8?v?dc? 1) ripple ?5?v pp ? 2) 1) ?limit values: dc 12?v (C10 %)?... dc 24?v (+20 %). operation in short-circuit protected network max . 8?a. 2) ?may not exceed or fall below u v tolerances. 3) ?without load. 4) ?with light/dark ratio 1:1. 5) ?signal transit time with resistive load. 6) ?total current of all outputs. 2 registration sensors | sick online data sheet | 2018-07-18 16:52:21 subject to change without notice
ktx-wn91242252zzzz | ktx prime contrast sensors power consumption a b c d e f h i j k l m n o p q r s t ktx-wn91242252zzzz | ktx prime contrast sensors dimensional drawing (dimensions in mm (inch)) ktx prime m5 53 (2.09) 78.5 (3.09) 40 (1.57) 28 (1.1) 2 68 (2.68) 3 28 (1.1) 21 (0.83) m5 30.4 (1.2) 30 (1.18) 72 (2.83) 2 15 (0.59) 1 30 (1.18) 30.4 (1.2) 4 1 15 (0.59) ??optical axis and light emissionedge / length housing side ??threaded mounting hole m5 ??connector m12 (rotatable up to 180) ??control panel 4 registration sensors | sick online data sheet | 2018-07-18 16:52:21 subject to change without notice
ktx-wn91242252zzzz | ktx prime contrast sensors adjustments kts/ktx prime thr esc pro tch pwr q 1 2 1 3 ??led status indicator ??display ??control panel connection diagram cd-382 +(l+)q/in1 -(m) bn wh bu 1 2 3 q bk 4 in2 gy 5 2018-07-18 16:52:21 | online data sheet subject to change without notice registration sensors | sick 5
a b c d e f h i j k l m n o p q r s t ktx-wn91242252zzzz | ktx prime contrast sensors concept of operation kts/ktx prime - setting the switching threshold (dynamic teach-in) switching characteristics the optimum emitted light is selected automatically (at rgb variants). static teach-in: light/dark setting is defined using teach-in sequence. dynamic teach-in: switching output active on mark, if background is longer in the field of view during the teach-in. the switching threshold is set in the center between the background and the mark. keylock (activation and deactivation): press and hold the ?+? pushbutton > 10 s. the q-led (yellow) flashes and the ?err? error message appears on the display. internal signalreceived internal signalreceived dark switching light switching output q output q switching threshold switching threshold example press the set pushbutton to start the teach-in process. 1. position background the display lights up during repeat length detection ( - - - ). 2. move at least the mark and background using the light spot press the set pushbutton to end the teach-in process. the quality of teach is displayed. suitable for teaching in moving objects. kts/ktx prime - setting the switching threshold (2-point teach-in) when setting the contrasts to be detected, ?1st? flashes. press set button. when setting the contrasts to be detected, ?2nd? flashes. press set button. the quality of teach is displayed. suitable for manual positioning of the object to be detected, e.g. marks and background. 1. position mark 2. position background kts/ktx prime - setting the switching threshold (color mode) when detecting the contrast or color to be detected, ?1st? flashes. press set button. the quality of teach-in is displayed. suitable for teaching in color properties. 1. position mark/ color property 6 registration sensors | sick online data sheet | 2018-07-18 16:52:21 subject to change without notice
ktx-wn91242252zzzz | ktx prime contrast sensors characteristic curve sensing distance 25?mm, light spot direction horizontal/vertical 80 90 60 40 20 70 50 30 10 0 110 100 sensitivity in % 35 (1.38) 25 (0.98) 30 (1.18) 15 (0.59) 20 (0.79) 10 (0.39) 5 (0.2) 0 distance in mm (inch) recommended accessories other models and accessories www.sick.com/ktx_prime brief description type part no. universal bar clamp systems plate g for universal clamp bracket, steel, zinc coated, universal clamp (2022726), mounting hardware bef-khs-g01 2022464 plate k for universal clamp bracket, steel, zinc coated, universal clamp (2022726), mounting hardware bef-khs-k01 2022718 universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard- ware bef-khs-kh1 2022726 mounting bar, straight, 200?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-a 4056054 mounting bar, straight, 300?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-b 4056055 mounting bar, l-shaped, 150?mm?x 150?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-a 4056052 mounting bar, l-shaped, 250?x 250?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-b 4056053 2018-07-18 16:52:21 | online data sheet subject to change without notice registration sensors | sick 7
online data sheet sick ag | waldkirch | germany | www.sick.com sick at a glance sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica- tions. a unique range of products and services creates the perfect basis for controlling processes securely and eficiently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require- ments. with intelligent sensors, we can deliver exactly what our customers need. in application cent ers in europe, asia and north america, system solutions are tested and optimized in accordance with custome r speciications. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick lifetime services provide support throughout the ma- chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. worldwide presence: contacts and other locations www.sick.com


▲Up To Search▲   

 
Price & Availability of 1078075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X