![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
online data sheet ktx-wn91142252zzzz ktx prime contrast sensors
a b c d e f h i j k l m n o p q r s t ktx-wn91142252zzzz | ktx prime contrast sensors ordering information type part no. ktx-wn91142252zzzz 1078067 other models and accessories www.sick.com/ktx_prime detailed technical data features dimensions (w?x h?x d) 30?mm?x 53?mm?x 78.5?mm sensing distance 13?mm sensing distance tolerance ?5?mm housing design (light emission) rectangular light source led, rgb? 1) wave length 470?nm, 525?nm, 625?nm light emission short device side light spot size 0.9?mm?x 3.8?mm light spot direction vertical? 2) teach-in mode 1-point teach-in, 2-point teach-in, dynamic teach-in, auto mode output function light/dark switching delay time adjustable 1) ?average service life: 100,000?h at t u ?= +25?c. 2) ?in relation?to long side of housing. mechanics/electronics supply voltage 10.8?v?dc?... 28.8?v?dc? 1) ripple ?5?v pp ? 2) power consumption 100?ma? 3) switching frequency 50?khz? 4) response time 10?s? 5) 1) ?limit values: dc 12?v (C10 %)?... dc 24?v (+20 %). operation in short-circuit protected network max . 8?a. 2) ?may not exceed or fall below u v tolerances. 3) ?without load. 4) ?with light/dark ratio 1:1. 5) ?signal transit time with resistive load. 6) ?total current of all outputs. 2 registration sensors | sick online data sheet | 2018-02-08 14:42:18 subject to change without notice ktx-wn91142252zzzz | ktx prime contrast sensors jitter 5?s switching output npn switching output (voltage) npn: high?= v s / low 3?v output current i max. 100?ma? 6) input, blanking input (at) blanked: u < 2?v: free-running: u?= 10?v?... < uv input, fine/coarse (f/c) coarse: u < 2?v: fine: u?= 10?v?... < uv input, light/dark (l/d) light: u < 2?v: dark: u?= 10?v ...?< u v retention time (et) 25?ms, non-volatile memory connection type male connector m12, 5-pin protection class iii circuit protection u v connections, reverse polarity protected output q short-circuit protected interference pulse suppression enclosure rating ip67 weight 94?g housing material vistal? 1) ?limit values: dc 12?v (C10 %)?... dc 24?v (+20 %). operation in short-circuit protected network max . 8?a. 2) ?may not exceed or fall below u v tolerances. 3) ?without load. 4) ?with light/dark ratio 1:1. 5) ?signal transit time with resistive load. 6) ?total current of all outputs. ambient data ambient operating temperature C20?c?... +60?c ambient storage temperature C25?c?... +75?c shock load according to iec?60068-2-27 (30?g/11 ms) ul file no. e181493 classifications ecl@ss 5.0 27270906 ecl@ss 5.1.4 27270906 ecl@ss 6.0 27270906 ecl@ss 6.2 27270906 ecl@ss 7.0 27270906 ecl@ss 8.0 27270906 ecl@ss 8.1 27270906 ecl@ss 9.0 27270906 etim 5.0 ec001820 etim 6.0 ec001820 unspsc 16.0901 39121528 2018-02-08 14:42:18 | online data sheet subject to change without notice registration sensors | sick 3 a b c d e f h i j k l m n o p q r s t ktx-wn91142252zzzz | ktx prime contrast sensors dimensional drawing (dimensions in mm (inch)) ktx prime m5 53 (2.09) 78.5 (3.09) 40 (1.57) 28 (1.1) 2 68 (2.68) 3 28 (1.1) 21 (0.83) m5 30.4 (1.2) 30 (1.18) 72 (2.83) 2 15 (0.59) 1 30 (1.18) 30.4 (1.2) 4 1 15 (0.59) ??optical axis and light emissionedge / length housing side ??threaded mounting hole m5 ??connector m12 (rotatable up to 180) ??control panel adjustments kts/ktx prime thr esc pro tch pwr q 1 2 1 3 ??led status indicator ??display ??control panel 4 registration sensors | sick online data sheet | 2018-02-08 14:42:18 subject to change without notice ktx-wn91142252zzzz | ktx prime contrast sensors connection diagram cd-382 +(l+)q/in1 -(m) bn wh bu 1 2 3 q bk 4 in2 gy 5 concept of operation kts/ktx prime - setting the switching threshold (dynamic teach-in) switching characteristics the optimum emitted light is selected automatically (at rgb variants). static teach-in: light/dark setting is defined using teach-in sequence. dynamic teach-in: switching output active on mark, if background is longer in the field of view during the teach-in. the switching threshold is set in the center between the background and the mark. keylock (activation and deactivation): press and hold the ?+? pushbutton > 10 s. the q-led (yellow) flashes and the ?err? error message appears on the display. internal signalreceived internal signalreceived dark switching light switching output q output q switching threshold switching threshold example press the set pushbutton to start the teach-in process. 1. position background the display lights up during repeat length detection ( - - - ). 2. move at least the mark and background using the light spot press the set pushbutton to end the teach-in process. the quality of teach is displayed. suitable for teaching in moving objects. kts/ktx prime - setting the switching threshold (2-point teach-in) when setting the contrasts to be detected, ?1st? flashes. press set button. when setting the contrasts to be detected, ?2nd? flashes. press set button. the quality of teach is displayed. suitable for manual positioning of the object to be detected, e.g. marks and background. 1. position mark 2. position background 2018-02-08 14:42:18 | online data sheet subject to change without notice registration sensors | sick 5 a b c d e f h i j k l m n o p q r s t ktx-wn91142252zzzz | ktx prime contrast sensors kts/ktx prime - setting the switching threshold (color mode) when detecting the contrast or color to be detected, ?1st? flashes. press set button. the quality of teach-in is displayed. suitable for teaching in color properties. 1. position mark/ color property characteristic curve sensing distance 13?mm, light spot direction horizontal/vertical 80 60 40 20 0 100 70 50 30 10 90 110 sensitivity in % 20 (0.79) 16 (0.63) 12 (0.47) 8 (0.31) 4 (0.16) 0 distance in mm (inch) recommended accessories other models and accessories www.sick.com/ktx_prime brief description type part no. universal bar clamp systems plate g for universal clamp bracket, steel, zinc coated, universal clamp an d mounting hardware included bef-khs-g01 2022464 6 registration sensors | sick online data sheet | 2018-02-08 14:42:18 subject to change without notice ktx-wn91142252zzzz | ktx prime contrast sensors brief description type part no. plate k for universal clamp bracket, steel, zinc coated, universal clamp and mounting hardware included bef-khs-k01 2022718 universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard- ware bef-khs-kh1 2022726 mounting bar, straight, 200?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-a 4056054 mounting bar, straight, 300?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-b 4056055 mounting bar, l-shaped, 150?mm?x 150?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-a 4056052 mounting bar, l-shaped, 250?x 250?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-b 4056053 2018-02-08 14:42:18 | online data sheet subject to change without notice registration sensors | sick 7 online data sheet sick ag | waldkirch | germany | www.sick.com sick at a glance sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica- tions. a unique range of products and services creates the perfect basis for controlling processes securely and eficiently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require- ments. with intelligent sensors, we can deliver exactly what our customers need. in application cent ers in europe, asia and north america, system solutions are tested and optimized in accordance with custome r speciications. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick lifetime services provide support throughout the ma- chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. worldwide presence: contacts and other locations www.sick.com |
Price & Availability of 1078067
![]() |