Part Number Hot Search : 
M948B 10005 10005 L793SRC LV160T AX150 NJW4154 K1322
Product Description
Full Text Search
 

To Download 1048214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet ime08-02bpovt0ss08 ime inductive proximity sensors 56 (2.20) 52 (2.05) m8 x 1 1 2 3 bn bk bu + (l+) nc - (m) 14 3 f c b d online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
ime08-02bpovt0ss08 | ime inductive proximity sensors illustration may differ ordering information type part no. ime08-02bpovt0ss08 1048214 other models and accessories www.sick.com/ime detailed technical data features housing cylindrical thread design housing standard thread size m8 1 diameter ??8?mm sensing range s n 2?mm safe sensing range s a 1.62?mm installation type flush switching frequency 4,000?hz connection type connector m8, 3-pin switching output pnp output function nc electrical wiring dc 3-wire enclosure rating ip65? 1) 1) ?according to en?60529. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?10?% voltage drop ?2?v? 1) current consumption ?10?ma? 2) time delay before availability ?100?ms 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 2 proximity sensors | sick online data sheet | 2018-03-05 11:41:14 subject to change without notice 56 (2.20) 52 (2.05) m8 x 1 1 2 3 bn bk bu + (l+) nc - (m) 14 3 f c b d online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
ime08-02bpovt0ss08 | ime inductive proximity sensors hysteresis 5?%?... 15?% reproducibility ?2?%? 3) ? 4) temperature drift (of s r ) ?10?% emc according to en?60947-5-2 continuous current i a ?200?ma short-circuit protection ? reverse polarity protection ? power-up pulse protection ? shock and vibration resistance 30?g, 11?ms/10 hz?... 55?hz, 1?mm ambient operating temperature C25?c?... +75?c housing material stainless steel, stainless steel sensing face material plastic, plastic housing length 56?mm thread length 52?mm tightening torque, max. ?7?nm ul file no. nrkh.e181493 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. reduction factors note the values are reference values which may vary st37 steel (fe) 1 stainless steel (v2a, 304) approx.?0.8 aluminum (al) approx.?0.45 copper (cu) approx.?0.4 brass (br) approx.?0.4 installation note remark associated graphic see "installation" b 16?mm c 8?mm d 6?mm f 16?mm classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 2018-03-05 11:41:14 | online data sheet subject to change without notice proximity sensors | sick 3 56 (2.20) 52 (2.05) m8 x 1 1 2 3 bn bk bu + (l+) nc - (m) 14 3 f c b d online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
ime08-02bpovt0ss08 | ime inductive proximity sensors ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note flush installation connection diagram cd-004 dimensional drawing (dimensions in mm (inch)) recommended accessories other models and accessories www.sick.com/ime brief description type part no. universal bar clamp systems universal bar clamp for mounting bars with 12?mm diameter, zinc diecast, without mounting plate and screws bef-khs-kh3 5322626 4 proximity sensors | sick online data sheet | 2018-03-05 11:41:14 subject to change without notice 56 (2.20) 52 (2.05) m8 x 1 1 2 3 bn bk bu + (l+) nc - (m) 14 3 f c b d online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
ime08-02bpovt0ss08 | ime inductive proximity sensors brief description type part no. mounting brackets and plates mounting plate for m8 sensors, steel, zinc coated, without mounting hardware bef-wg-m08 5321722 mounting bracket for m8 sensors, steel, zinc coated, without mounting hardware bef-wn-m08 5321721 terminal and alignment brackets clamping block for round sensors m8, without fixed stop, plastic (pa12), glass-fiber rein- forced, mounting hardware included bef-kh-m08 2051477 clamping block for round sensors m8, with fixed stop, plastic (pa12), glass-fiber rein- forced, mounting hardware included bef-khf-m08 2051478 plug connectors and cables head a: female connector, m8, 3-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 2?m yf8u13-020va1xleax 2095860 head a: female connector, m8, 3-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 5?m yf8u13-050va1xleax 2095884 head a: female connector, m8, 3-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 10?m yf8u13-100va1xleax 2095885 head a: female connector, m8, 3-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 2?m yg8u13-020va1xleax 2096165 head a: female connector, m8, 3-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 5?m yg8u13-050va1xleax 2096166 head a: female connector, m8, 3-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 10?m yg8u13-100va1xleax 2096209 2018-03-05 11:41:14 | online data sheet subject to change without notice proximity sensors | sick 5 56 (2.20) 52 (2.05) m8 x 1 1 2 3 bn bk bu + (l+) nc - (m) 14 3 f c b d online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
56 (2.20) 52 (2.05) m8 x 1 1 2 3 bn bk bu + (l+) nc - (m) 14 3 f c b d online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of 1048214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X