Part Number Hot Search : 
LF441CN NC7NZ 16220 03A137 SMA661AS BU1508AX N2546 04TR68
Product Description
Full Text Search
 

To Download TEPM24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? iec61000-4-2 (esd) 15kv (air), 8kv (contact) ? iec61000-4-4 (eft) 40a (5/50  s) ? 350 watts peak pulse power per (tp=8/20  s) ? protects one bidirectional line or two unidirectional lines ? low clamping voltage ? working voltages : 3.3v to 36v ? low leakage current the tepmxx series is designed for applications requiring transient overvoltage protection capability. they are intended for use in voltage and esd sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. these devices are ideal for situations where board space is at a premium. this series has been specifically designed to protect sensitive components which are connected to power ? data and transmission lines from overvoltage caused by esd(electrostatic discharge), cde (cable discharge events),and eft (electrical fast transients). ? sot-23 package ? flammability rating: ul 94v-0 ? packaging: tape and reel ? high temperature soldering guaranted:260  /10s ? reel size: 7 inch ? msl 1 ? device: tepmxx ? package: sot-23 ? material: halogen free ? packing: tape & reel ? quantity per reel: 3,000pcs ? cell phone handsets and accessories ? microprocessor based equipment ? personal digital assistants (pda?s) ? notebooks, desktops, and servers ? portable instrumentation ? networking and telecom ? serial and parallel ports. ? peripherals description features tepmxx series tvs diode array machanical data ordering information applic ations package outline pin configuration 2017-05 rev:a1
absolute maximum rating symbol parameter value units v esd esd per iec 61000-4-2 (air) esd per iec 61000-4-2 (contact) 15 8 kv p pp peak pulse power (8/20 s) 350 w t opt operating temperature -55/+150 c t stg storage temperature -55/+150 c t l lead soldering temperature 260 (10 sec.) c c) v rwm v b i t v c @1a v c i r c j (v) (v) (ma) (v) (v) ( a) (pf) part number device marking (max.) (min.) (max.) (max.) (@a) (max.) (max.) tepm03 m03 3.3 4 1 7.0 10.5 20 40 450 tepm05 m05 5 6 1 9.8 18 17 10 300 tepm08 m08 8 8.5 1 13.4 24 15 2 240 tepm12 m12 12 13.3 1 19 32 11 1 130 tepm15 m15 15 16.7 1 24 38 10 1 120 tepm18 m18 18 20 1 29 45 9 1 100 TEPM24 m24 24 26.7 1 43 52 7 1 80 tepm36 m36 36 40 1 60 75 5 1 60 absolute maximum rating electrical characteristics (tamb=25c)
rating and characteristics curves (tepmxx series) sot-23 package outline dimensions " " " " " " "
packaging of diode reel pack package gross weight(kg) reel ( ea ) component space(mm) tape space (mm) carton size (mm) (mm) ea per carton reel dia sot-23/-3l 3,000 --- --- 178 438*438*220 180,000 --- packing code -t
rectron inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. rectron inc or anyone on its behalf assumes no responsibility or liabi- lity for any errors or inaccuracies. data sheet specifications and its information contained are intended to provide a product description only. "typical" paramet- ers which may be included on rectron data sheets and/ or specifications ca- n and do vary in different applications and actual performance may vary over ti- me. rectron inc does not assume any liability arising out of the application or use of any product or circuit. rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other rela- ted applications where a failure or malfunction of component or circuitry may di- rectly or indirectly cause injury or threaten a life without expressed written appr- oval of rectron inc. customers using or selling rectron components for use in such applications do so at their own risk and shall agree to fully indemnify rect- ron inc and its subsidiaries harmless against all claims, damages and expendit- ures. disclaimer notice


▲Up To Search▲   

 
Price & Availability of TEPM24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X