Part Number Hot Search : 
1N3994 Z89390 FT21M08D HICM250 AN7707 E000781 S24VDC MSK4852
Product Description
Full Text Search
 

To Download SR3200L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.028(0.) s r 3 2 0l t h r u s r 3 2 0 0l schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 3.0amperes features mechanical data maximum ratings and electrical characteristics notes : 1.pulse test: 300 s pulse width,1% duty cycle (ratings at 25 c ambient temperature unless otherwise specified ,single phase ,half wave ,resistive or inductive load. for capacitive load,derate by 20%.) 2.thermal resistance from junction to lead vertical p.c.b. mounted , 0.5"(12.7mm)lead length with 2.5x2.5"(63.5x63.5mm)copper pads 3.measured at 1mhz and reverse voltage of 4.0volts plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction ,majority carrier conduction guard ring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high surge capability for use in low voltage ,high frequency inverters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds at terminals component in accordance to rohs 2002 / 95 / ec and weee 2002 / 96 / ec do-15 dimensions in inches and (millimeters) 0.300(7.60) 0.140(3.6) 0.036(0.90) 1.0(25.4) min 1.0(25.4) min 0 . 2 2 0 ( 5 . 6 0 ) 0.104(2.6) 0.027(0.68) dia case : jedec do-15 molded plastic body terminals : plated axial leads, solderable per mil-std-750,method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.014ounce, 0.39 gram m a x im u m r e p e ti ti v e p e a k r e v e rs e v o lt a g e v r r m v o lt s v o lt s v o lt s v o lt s m a a m p s a m p s v r m s v d c i (a v ) i f s m t s tg v f i r c j t j r j a r j l m a x im u m r m s v o lt a g e m a x im u m d c b lo c k in g v o lt a g e m a x im u m a v e ra g e f o rw a rd r e c ti fi e d c u rr e n t 0 .3 7 5 "( 9 .5 m m ) le a d l e n g th ( s e e f ig .1 ) m a x im u m i n st a n ta n e o u s fo rw a rd v o lt a g e a t 3 .0 a (n o te 1 ) t = 2 5 c t = 1 0 0 c a a ty p ic a l th e rm a l re si st a n c e ( n o te 2 ) ty p ic a l ju n c ti o n c a p a c it a n c e (n o te 3 ) o p e ra ti n g j u n c ti o n t e m p e ra tu re r a n g e s to ra g e t e m p e ra tu re r a n g e m a x im u m i n st a n ta n e o u s re v e rs e c u rr e n t a t ra te d d c b lo c k in g v o lt a g e (n o te 1 ) p e a k f o rw a rd s u rg e c u rr e n t 8 .3 m s si n g le h a lf si n e -w a v e s u p e ri m p o se d o n r a te d l o a d (j e d e c m e th o d ) 3 .0 8 0 .0 -6 5 t o + 1 5 0 -6 5 t o + 1 5 0 1 6 0 2 5 0 4 0 .0 1 0 .0 0 .2 1 0 2 0 0 .4 5 0 .5 0 p f c /w c c 2 0 1 4 2 0 3 0 2 1 3 0 4 0 2 8 4 0 5 0 3 5 5 0 6 0 4 2 6 0 8 0 5 7 8 0 1 0 0 7 1 1 0 0 s y m b o ls u n it s s r 3 2 0l s r 3 3 0l s r 3 4 0l s r 3 5 0l s r 3 6 0l s r 3 8 0l s r 3 1 0 0l 1 5 0 1 0 5 1 5 0 2 0 0 1 4 0 2 0 0 s r 3 1 5 0l s r 3 2 0 0l 0 . 68 0.85 0.80 e?o?? xinghe electronics gaomi xinghe electronics co.,ltd. www.sddzg.com 1 x h
r at i n g s a n d c h a r a c t e r i s t i c c u r v e s 0.01 0.001 0.01 1 0.1 10 0.1 1 0 10 20 30 40 50 50 10 0 20 0 40 60 80 100 1 10 100 0.2 0.4 0.6 0.8 1.0 1.6 1.4 1.2 0 25 50 75 100 125 150 175 0 2.0 3.0 4.0 1.0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) reverse voltage. volts t, pulse duration ,sec. percent of rated peak reverse voltage% number of cycles at 60hz lead temperature ( c) t j =25 c t j =125 c pulse width=300 s 1% duty cycle t j =t j max 8.3ms single half sine-wave (jedec method) t j =25 c resistive or inductive load 0.375" (9.5mm) lead length 10 1 10 0.1 0.1 0.1 0.01 1 1 10 10 100 100 100 1000 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j =25 c f=1.0mh z vsig=50mvp-p sr320l-sr340l sr350l-sr3200l sr320-sr340 sr350-sr3200 t j =75 c t j =125 c 60 e?o?? xinghe electronics gaomi xinghe electronics co.,ltd. www.sddzg.com 2 s r 3 2 0l t h r u s r 3 2 0 0l sr320l-sr340l sr350l-sr3200l sr320l-sr340l sr350l-sr3200l


▲Up To Search▲   

 
Price & Availability of SR3200L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X