Part Number Hot Search : 
LDA08 2SC3409 042E1 PE6117 0906B N5398 M41T9406 XXX3X
Product Description
Full Text Search
 

To Download SR240L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead free: for rohs/lead free version version:01 1of2 0.45 2.0 amp. l o w v f schottky barrier rectifiers 60 0.75 0.85 0.05 0.1 0.5 2200l 2150l 2100l 280l 245l 240l 5.0 -55 to + 150 ?plastic package has underwriters laboratory flammability classification 94v-0 utilizing flame retardant epoxy molding compound. ? guard ring for overvoltage protection ? high current capability, low forward voltage drop ? low power loss, high efficiency ? high surge capability mechanical data case: molded plastic do-15 terminals: plated leads solderable per mil-std-202,method 208 guaranteed polarity: color band dentes cathode end mounting position: any making: type number dimensions in inches and (millimeters) features maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified single phase,half wave,60hz,resistive or inductive load for capacitive load derate current by 20% symbol unit v rrm 40 45 80 100 150 200 v v rms 28 31.5 56 70 105 140 v v dc 40 45 80 100 150 200 v i o a i fsm a v fm v c pf /w t j t stg note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case peak reverse current @t a =25 75 type number i r ma forward voltage @if=2.0a maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage average rectified output current (note 1) @t a =75 220 typical junction capacitance (note 2) typical thermal resistance junction to ambient(note 1) operating temperature range storage temperature range maximum ratings and electrical characteristics 2.0 peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) at rated dc blocking voltage @t a =100 180 10.0 note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c r ja sr sr sr sr sr sr -55 to + 150 j sr2 4 0l thru sr2 2 00l min. ?? ?? min. ?? ?? dia. dia. do-15 ?? ?? www.dyelec.com 0.96(24.5) 0.96(24.5) 50 35 50 sr 60 42 60 sr 250l 260l
version:01 2of2 5.0 10 fi g . 3 m a x i m u m n o n - r epe t i t i ve s ur g e curr e nt nu m be r o f c y c l es a t 60 hz p e a k f o r w a r d s u r g e c u r r e n t , i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fi g . 2 - t y p i c a l f o r w a rd ch a r a c t e r i s t i cs i n s t a n t a n e o u s f o r w a rd v o l t a g e , (v) 1 .0 0 .1 0 .1 0 .2 0 .5 0 .3 0 .6 0 .9 0 .4 0 .7 0 .8 1 .0 s r 280l - s r 2100l t a = 25 fi g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve a v e r a g e f o r w a r d c u r r e n t (a) 25 50 75 100 125 150 175 2 .0 0.5 0 2 .5 1 .5 1 .0 s i n g l e p h ase h a l f w ave 60 hz r es i s t i ve o r i nduc t i ve l o ad a m b i e n t t e m pe r a t ur e ( ) c (a) 2200l 2150l s r - s r 240l-250l s r 260l sr2 4 0l thru sr2 2 00l 75 60 45 30 15 1 2 4 6 8 10 20 60 80 100 40 reverse current 20 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 40 60 80 100 t=25c j o percent of rated peak reverse voltage ,% t=75c j o t =125 c j o fig.4typicalreverse chracteristic (ua) www.dyelec.com


▲Up To Search▲   

 
Price & Availability of SR240L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X