Part Number Hot Search : 
DS1841 1N6141E3 LR120N AOC2421 UC3844B FST8360L N6763 FH620
Product Description
Full Text Search
 

To Download SQJB80EP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SQJB80EP www.vishay.com vishay siliconix s16-1948-rev. a, 26-sep-16 1 document number: 76245 for technical questions, contact: automostechsuppo rt@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 automotive dual n-channel 80 v (d-s) 175 c mosfet features ? trenchfet ? power mosfet ? aec-q101 qualified ? 100 % r g and uis tested ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 notes a. package limited. b. pulse test; pulse width ? 300 s, duty cycle ? 2 %. c. when mounted on 1" square pcb (fr4 material). d. see solder profile ( www.vishay.com/doc?73257 ). the powerpak so-8l is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. a solder fillet at the exposed copper tip cannot b e guaranteed and is not required to ensure adequa te bottom side sold er interconnection. e. rework conditions: manual soldering with a solderin g iron is not recommended for leadless components. product summary v ds (v) 80 r ds(on) ( ? ) at v gs = 10 v 0.0190 r ds(on) ( ? ) at v gs = 4.5 v 0.0240 i d (a) per leg 30 configuration dual package powerpak so-8l powerpak ? s o-8l dual top view 1 6.15 mm 5.13 m m 1 6.15 m m 5 .13 m m bottom view 2 g 1 3 s 2 4 g 2 1 s 1 d 2 d 1 n-channel mosfet d 1 g 1 s 1 n-channel mosfet d 2 g 2 s 2 absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 80 v gate-source voltage v gs 20 continuous drain current t c = 25 c a i d 30 a t c = 125 c 20 continuous source curren t (diode conduction) a i s 30 pulsed drain current b i dm 84 single pulse avalanche current l = 0.1 mh i as 20 single pulse avalanche energy e as 20 mj maximum power dissipation b t c = 25 c p d 48 w t c = 125 c 16 operating junction and storage temperature range t j , t stg -55 to +175 c soldering recommendations (peak temperature) d, e 260 thermal resistance ratings parameter symbol limit unit junction-to-ambient pcb mount c r thja 85 c/w junction-to-case (drain) r thjc 3.1
SQJB80EP www.vishay.com vishay siliconix s16-1948-rev. a, 26-sep-16 2 document number: 76245 for technical questions, contact: automostechsuppo rt@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not subj ect to production testing. c. independent of operating temperature. ? ? ? stresses beyond those listed under absolute maximum ratings ma y cause permanent damage to th e device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those in dicated in the operational sectio ns of the specifications is not implied. exposure to absolute maximum rating conditions for extended pe riods may affect device reliability. ? specifications (t c = 25 c, unless otherwise noted) parameter symbol test cond itions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 80 - - v gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.5 2.0 2.5 gate-source leakage i gss v ds = 0 v, v gs = 20 v - - 100 na zero gate voltage drain current i dss v gs = 0 v v ds = 80 v - - 1 a v gs = 0 v v ds = 80 v, t j = 125 c - - 50 v gs = 0 v v ds = 80 v, t j = 175 c - - 150 on-state drain current a i d(on) v gs = 10 v v ds ? 5 v 20 - - a drain-source on-state resistance a r ds(on) v gs = 10 v i d = 8 a - 0.0155 0.0190 ? v gs = 4.5 v i d = 5 a - 0.0196 0.0240 v gs = 10 v i d = 8 a, t j = 125 c - - 0.0317 v gs = 10 v i d = 8 a, t j = 175 c - - 0.0395 forward transconductance b g fs v ds = 15 v, i d = 8 a - 29 - s dynamic b input capacitance c iss v gs = 0 v v ds = 25 v, f = 1 mhz - 1015 1400 pf output capacitance c oss - 445 600 reverse transfer capacitance c rss -2535 total gate charge c q g v gs = 10 v v ds = 40 v, i d = 1.5 a -2032 nc gate-source charge c q gs -3.6- gate-drain charge c q gd -3.2- gate resistance r g f = 1 mhz 0.22 0.46 0.80 ? turn-on delay time c t d(on) v dd = 40 v, r l = 26.7 ? i d ? 1.5 a, v gen = 10 v, r g = 1 ? -1020 ns rise time c t r -310 turn-off delay time c t d(off) -2340 fall time c t f -2440 source-drain diode ratings and characteristics b pulsed current a i sm --84a forward voltage v sd i f = 8 a, v gs = 0 v - 0.84 1.2 v body diode reverse recovery time t rr i f = 5 a, di/dt = 100 a/s -3780ns body diode reverse recovery charge q rr -43100nc reverse recovery fall time t a -22- ns reverse recovery rise time t b -18- body diode peak reverse recovery current i rm(rec) --2.2-5a
SQJB80EP www.vishay.com vishay siliconix s16-1948-rev. a, 26-sep-16 3 document number: 76245 for technical questions, contact: automostechsuppo rt@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t a = 25 c, unless otherwise noted) output characteristics transconductance capacitance transfer characteristics on-resistance vs. drain current gate charge 10 100 1000 10000 0 16 32 48 64 80 0246810 axis title 1st line 2nd line 2nd line i d - drain current (a) v ds - drain-to-source voltage (v) 2nd line v gs = 10 v thru 5 v v gs = 4 v v gs = 3 v 10 100 1000 10000 0 12 24 36 48 60 0 6 12 18 24 30 axis title 1st line 2nd line 2nd line g fs - transconductance (s) i d - drain current (a) 2nd line t c = 25 c t c = -55 c t c = 125 c 10 100 1000 10000 0 300 600 900 1200 1500 0 20406080 axis title 1st line 2nd line 2nd line c - capacitance (pf) v ds - drain-to-source voltage (v) 2nd line c rss c oss c iss 10 100 1000 10000 0 13 26 39 52 65 0246810 axis title 1st line 2nd line 2nd line i d - drain current (a) v gs - gate-to-source voltage (v) 2nd line t c = 25 c t c =-55 c t c = 125 c 10 100 1000 10000 0.00 0.01 0.02 0.03 0.04 0.05 0 1020304050 axis title 1st line 2nd line 2nd line r ds(on) - on-resistance () i d - drain current (a) 2nd line v gs = 4.5 v v gs = 10 v 10 100 1000 10000 0 2 4 6 8 10 0 5 10 15 20 25 axis title 1st line 2nd line 2nd line v gs - gate-to-source voltage (v) q g - total gate charge (nc) 2nd line i d = 1.5 a v ds = 40 v
SQJB80EP www.vishay.com vishay siliconix s16-1948-rev. a, 26-sep-16 4 document number: 76245 for technical questions, contact: automostechsuppo rt@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t a = 25 c, unless otherwise noted) on-resistance vs. junction temperature on-resistance vs. gate-to-source voltage source drain diode forward voltage threshold voltage drain source breakdown vs . junction temperature 10 100 1000 10000 0.5 0.9 1.3 1.7 2.1 2.5 -50-25 0 255075100125150175 axis title 1st line 2nd line 2nd line r ds(on) - on-resistance (normalized) t j - junction temperature (c) 2nd line i d = 6 a v gs = 10 v v gs = 4.5 v 10 100 1000 10000 0.00 0.02 0.04 0.06 0.08 0.10 0246810 axis title 1st line 2nd line 2nd line r ds(on) - on-resistance () v gs - gate-to-source voltage (v) 2nd line t j = 25 c t j = 150 c 10 100 1000 10000 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1.0 1.2 axis title 1st line 2nd line 2nd line i s - source current (a) v sd - source-to-drain voltage (v) 2nd line t j = 150 c t j = 25 c 10 100 1000 10000 -1.0 -0.7 -0.4 -0.1 0.2 0.5 -50 -25 0 25 50 75 100 125 150 175 axis title 1st line 2nd line 2nd line v gs(th) variance (v) t j - temperature (c) 2nd line i d = 5 ma i d = 250 a 10 100 1000 10000 84 88 92 96 100 104 -50-25 0 255075100125150175 axis title 1st line 2nd line 2nd line v ds - drain-to-source voltage (v) t j - junction temperature (c) 2nd line i d = 1 ma
SQJB80EP www.vishay.com vishay siliconix s16-1948-rev. a, 26-sep-16 5 document number: 76245 for technical questions, contact: automostechsuppo rt@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thermal ratings (t a = 25 c, unless otherwise noted) safe operating area normalized thermal transient impedance, junction-to-ambient 10 100 1000 10000 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 1000 axis title 1st line 2nd line 2nd line i d - drain current (a) v ds - drain-to-source voltage (v) (1) v gs > minimum v gs at which r ds(on) is specified i dm limited limited by r ds(on) (1) t c = 25 c single pulse bvdss limited 100 ms, 1 s, 10 s, dc 10 ms 1 ms 100 s i d limited 10 -3 10 -2 1 1 0 600 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wave pulse duration (s) normalized effective transient thermal impedance 1. duty cycle, d = 2. per unit base = r thja = 85 c/w 3. t jm - t a = p dm z th ja (t ) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm
SQJB80EP www.vishay.com vishay siliconix s16-1948-rev. a, 26-sep-16 6 document number: 76245 for technical questions, contact: automostechsuppo rt@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thermal ratings (t a = 25 c, unless otherwise noted) normalized thermal transient impedance, junction-to-case note ? the characteristics shown in the two graphs ? - normalized transient thermal impedance junction-to-ambient (25 c) ? - normalized transient thermal impedance junction-to-case (25 c) ? are given for general guidelines only to enable the user to get a ball park indication of part capabilities. the data are ex tracted from single pulse transient thermal impedance characteristics which are developed from empirical measurements. the latter is valid for the part mounted on printed circuit board - fr4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. the part c apabilities can widely vary depending on actual application parameters and operating conditions. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? vishay siliconix maintains worldw ide manufacturing ca pability. products may be manufactured at one of several qualified locatio ns. reliability da ta for silicon technology and package reliability represent a composite of all qu alified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?76245 . 10 100 1000 10000 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 axis title 1st line normalized effective transient thermal impedance square wave pulse duration (s) 2nd line 0.1 0.05 0.02 single pulse duty cycle = 0.5 0.2
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SQJB80EP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X